Part Number Hot Search : 
CR1612 74LVC652 M948B 10005 P921707 UPD17215 LT350 SD204
Product Description
Full Text Search
 

To Download RPC1215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series RPC
Solid State Proportional Controller 15-40 Amp, 120/240/480 Vac Output
* Uses Potentiometer for Economical Pow er Control * Industry Standard Package
The RPC series proportional controllers provide a cost effective method of controlling power in many different applications such as heaters, universal motors or incandescent lamps. A customer provided potentiometer is all that is required for control. All modules are supplied with KS100 protective cover.
8
MODEL
NUMBERS
RPC1215 RPC1225 RPC1240
RPC2415 RPC2425 RPC2440
RPC4815 RPC4825 RPC4840
OUTPUT SPECIFICATIONS
Operating Voltage (47-63 Hz) [Vac] Max. Load Current [Arms] Min. Load Current, [mArms] Transient Overvoltage [Vpk] Max. Surge Current, (16.6ms) [Apk]
90-130 15 70 400 150
90-130 25 80 400 250 1.6
1.02
90-130 40 90 400 625 1.6
.63
200-240 200-240 200-240 15 70 600 150 1.6
1.48
400-480 400-480 400-480 15 70 1200 150 1.6
1.48
25 80 600 250 1.6
1.02
40 90 600 625 1.6
.63
25 80 1200 250 1.6
1.02
40 90 1200 625 1.6
.63
Max. On-State Voltage Drop @ Rated Current [Vpk] 1.6 Thermal Resistance Junction to Case [RJC] Maximum I2 t for Fusing, (8.3 msec.) [A2sec] 1.48
94
260 10 500
1620 10 500
94 7 500
260 7 500
1620 7 500
94 3 500
260 3 500
1620 3 500
Max. Off-State Leakage Current @ Rated Voltage [mArms] 10 Min. Off-State dv/dt @ Max. Rated Voltage [V/sec] 500 Max. Turn-On Time
[msec]
0.6 yes 0.6 yes 0.6 yes 0.6 yes 0.6 yes 0.6 yes 0.6 no 0.6 no 0.6 no
Max. Turn-Off Time [msec] Power Factor (Min.) with Max. Load Snubber (Internal)
INPUT SPECIFICATIONS Resistor, Variable [Ohms]
GENERAL NOTES
150K (1W) 150K (1W) 150K (1W)
1M (1/2W) 1M (1/2W) 1M (1/2W) 1M (1/2W) 1M (1/2W) 1M (1/2W)
(c)2002 CRYDOM CORP, Specifications subject to change without notice.
All parameters at 25C unless otherwise specified. Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 Heat sinking required, for derating curves see page 2. Potentiometer should be selected with regards to line voltage isolation.
W ARNING Control to load is not isolated, excercise care in handling the RPC products to avoid the risk of electric shock.
FastFax Document No. 205 SERIES RPC. Rev. 041902 PAGE 1 OF 2
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506
Series RPC
Solid State Proportional Controller 15-40 Amp, 120/240/480 Vac Output
GENERAL SPECIFICATIONS Dielectric Strength, All Terminals to Base
2500 Vrms -30 to 80C -40 to 125C 3.2oz. (90g) Thermally Conductive Epoxy
Ambient Operating Temperature Range Ambient Storage Temperature Range
M ECHANICAL SPECIFICATIONS Weight: (typical)
Encapsulation: Terminals:
Screws and Saddle Clamps Furnished, Unmounted
1.10 (27.9) .45 (11.4)
W IRING DIAGRAM
~
CAUTION
1
PROPORTIONAL CONTROLLER
MOUNTING HOLE/SLOT 0.17 (4.3) DIA.
8-32 TERMINAL (2 PLACES )
All dimensions are in inches (millimeters)
1
OUTPUT
2
All terminals are at Line Voltage Potential.
2
1.87 (47.5)
4
INPUT
2.30 (58.4) 1.70 (43.2)
4
3
3
Screw Torque Requirements: 6-32 Screws - 10 in. lbs., 8-32 and 10-32 Screws - 20in. lbs. (Screws dry without grease.)
Variable Resistance
1.00 (25.4) 1.80 (45.7)
6-32 TERMINAL (2 PLACES)
.78 (19.8) .87 (22.1)
CURRENT DERATING CURVES
15A
15
2C/W Power Dissipation 4C/W
25A
30 112
Base Plate Temp [C] Power Dissipation 1C/W Base Plate Temp [C]
40A
95 100
3C/W 2C/W
60
1C/W .5C/W 1.5C/W
90
Base Plate Temp [C]
25 20 15 10
NO HEATSINK
10
Power Dissipation
6C/W
116
40
2C/W
100
110
5
NO HEATSINK
120
20
NO HEATSINK
110
5 124 0 3 6 9 12 15 20 40 60 80
Load Current [Arms] Max Ambient Temp. [C]
120 5 10 15 20 25 20 40 60 80 0 10 20 30 40 50
120 80
0
Load Current [Arms] Max Ambient Temp. [C]
20
40
60
Load Current [Arms]
Max Ambient Temp. [C]
PERCENTAGE ON vs. INPUT RESISTANCE
RPC1215, RPC1225, RPC1240
100 80
Percentage ON Percentage ON
RPC2415, RPC2425, RPC2440
100 80
Percentage ON
RPC4815, RPC4825, RPC4840
100 80 60 40
50 Hz
60 40
50 Hz
60 40
50 Hz
20 0
60 Hz
20 0
60 Hz
20 0
60 Hz
0
20
40
60
80
100
120
140
0
200
400
600
800
1000
1200
0
200
400
600
800
1000
1200
Input Resistance [k ]
Input Resistance [k ]
Input Resistance [k ]
(c)2002 CRYDOM CORP, Specifications subject to change without notice.
FastFax Document No. 205 SERIES RPC. Rev. 041902 PAGE 2 OF 2
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506


▲Up To Search▲   

 
Price & Availability of RPC1215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X