Part Number Hot Search : 
FFPF30U MBR3040W LV5807 LR2610 163D1 04N70BR 2754J2 4ALVCH
Product Description
Full Text Search
 

To Download Q67006-A9695 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D a t a S h e e t, R e v . 2 . 0, J a n . 20 0 5
TLE 6258-2
LIN Transceiver
Automotive Power
Never
stop
thinking.
Edition 2005-01-13 Published by Infineon Technologies AG, St.-Martin-Strasse 53, 81669 Munchen, Germany
(c) Infineon Technologies AG 2004.
All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as a guarantee of characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
LIN Transceiver
TLE 6258-2
Features * * * * * * * * Single-wire transceiver, suitable for LIN protocol Compatible to LIN specification 1.2, 1.3 and 2.0 Compatible to ISO 9141 functions Transmission rate up to 20 kBaud Very low current consumption in stand-by mode Wake-up from Bus Short circuit proof to ground and battery Overtemperature protection
P-DSO-8-3, -6, -7, -8, -9
Description The single wire transceiver TLE 6258-2 is a monolithic integrated circuit in a P-DSO-8-3 package. It works as an interface between the protocol controller and the physical bus. The TLE 6258-2 is especially suitable to drive the bus line in LIN systems in automotive and industrial applications. Further it can be used in standard ISO9141 systems. In order to reduce the current consumption the TLE 6258-2 offers a stand-by mode. A wake-up caused by a message on the bus sets the RxD output low until the device is switched to normal operation mode. The IC is based on the Smart Power Technology SPT(R) which allows bipolar and CMOS control circuitry in accordance with DMOS power devices existing on the same monolithic circuit. The TLE 6258-2 is designed to withstand the severe conditions of automotive applications.
Type TLE 6258-2 G
Data Sheet
Ordering Code Q67006-A9695
3
Package P-DSO-8-3
Rev. 2.0, 2005-01-13
TLE 6258-2
TLE 6258-2 G (P-DSO-8) RxD ENH 1 2 3 4 8 7 6 5
AEP03406.VSD
N.C.
VS
Bus GND
VCC
TxD
Figure 1 Table 1 Pin No. 1 2 3 4 5 6 7 8
Pin Configuration (top view) Pin Definitions and Functions Symbol RxD ENN Function Receive data output; integrated pull-up, LOW in dominant state Enable not input; integrated 30 k pull-up, transceiver in normal operation mode when LOW 5 V supply input Transmit data input; integrated pull-up, LOW in dominant state Ground Bus output/input; internal 30 k pull-up, LOW in dominant state Battery supply input Not connected
VCC
TxD GND Bus
VS
n.c.
Data Sheet
4
Rev. 2.0, 2005-01-13
TLE 6258-2
VS
7
TLE 6258-2 G
3
VCC
30 k Mode Control Driver Temp.Protection 4 TxD 2 ENN
30 k 6
Output Stage
Bus
Receiver 1 5 RxD GND
AEB03405.VSD
Figure 2
Functional Block Diagram
Data Sheet
5
Rev. 2.0, 2005-01-13
TLE 6258-2
Application Information
Normal Mode ENN Low
Start Up Power Up
VCC
ON ENN Low
Power-Up ENN High ENN High ENN Low
VCC RxD Low 1) ON or High 3) Off
Wake Up t > tWAKE Stand-by Mode ENN High
VCC
ON or Off
1) After wake-up via bus 3) After start up, VCC ON
TOAEA03451_1.VSD
Figure 3
State Diagram
For fail safe reasons the TLE 6258-2 has already a pull-up resistor of 30 k implemented. To achieve the required timings for the dominant to recessive transition of the bus signal an additional external termination resistor of 1 k is required. It is recommended to place this resistor in the master node. To avoid reverse currents from the bus line into the battery supply line in case of an unpowered node, it is recommended to place a diode in series to the external pull-up. For small systems (low bus capacitance) the EMC performance of the system is supported by an additional capacitor of at least 1 nF in the master node (see Figure 6). In order to reduce the current consumption the TLE 6258-2 offers a stand-by mode. This mode is selected by switching the Enable Not (ENN) input high (see Figure 3). In the stand-by mode a wake-up caused by a message on the bus is indicated by setting the RxD output low. When entering the normal mode this wake-up flag is reset and the RxD output is released to transmit the bus data.
Data Sheet
6
Rev. 2.0, 2005-01-13
TLE 6258-2
Table 2 Parameter Voltages
Absolute Maximum Ratings Symbol Limit Values Min. Max. 6 40 32 40 V V V V V kV kV - - - Unit Remarks
Supply voltage Battery supply voltage Bus input voltage Bus input voltage Logic voltages at EN, TxD, RxD Electrostatic discharge voltage at VS, Bus Electrostatic discharge voltage Temperatures Junction temperature
VCC VS Vbus Vbus VI VESD VESD
-0.3 -0.3 -20 -20 -0.3 -4 -2
VCC +
0.3 4 2
t<1s 0 V < VCC < 5.5 V
human body model (100 pF via 1.5 k) human body model (100 pF via 1.5 k) -
Tj
-40
150
C
Note: Maximum ratings are absolute ratings; exceeding any one of these values may cause irreversible damage to the integrated circuit
.
Table 3 Parameter
Operating Range Symbol Limit Values Min. Max. 5.5 35 150 170 10 185 V V C 190 - K/W - - - C K - 4.5 6 -40 150 - - Unit Remarks
Supply voltage Battery Supply Voltage Junction temperature Thermal shutdown temp. Thermal shutdown hyst. Thermal Resistances Junction ambient
VCC VS Tj TjSD
T
Thermal Shutdown (junction temperature)
Rthj-a
Data Sheet
7
Rev. 2.0, 2005-01-13
TLE 6258-2
Table 4
Electrical Characteristics
4.5 V < VCC < 5.5 V; 6.0 V < VS < 27 V; RL = 500 ; VENN < VENN,ON; -40 C < Tj < 125 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Current Consumption Current consumption Current consumption Current consumption Current consumption Current consumption Current consumption Symbol Limit Values Min. Typ. 0.4 0.5 0.4 1.3 0.4 - 0.5 Max. 0.7 1.0 0.8 2.0 0.7 1.0 mA mA mA mA mA mA recessive state; VTxD = VCC recessive state; VTxD = VCC dominant state; VTxD = 0 V; without RL dominant state; VTxD = 0 V; without RL power-up mode power-up mode, VCC = 0 V, VS = 13.5 V stand-by mode stand-by mode Unit Remark
ICC IS ICC IS ICC IS
- - - -
Current consumption Current consumption
ICC IS
1 -
3 18
10 40
A A
Data Sheet
8
Rev. 2.0, 2005-01-13
TLE 6258-2
Table 4
Electrical Characteristics (cont'd)
4.5 V < VCC < 5.5 V; 6.0 V < VS < 27 V; RL = 500 ; VENN < VENN,ON; -40 C < Tj < 125 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Symbol Limit Values Min. Enable Not Input (pin ENN) HIGH level input voltage threshold LOW level input voltage threshold ENN input hysteresis ENN pull-up resistance Receiver Output RxD HIGH level output current IRD,H LOW level output current IRD,L Transmission Input TxD HIGH level input voltage threshold TxD input hysteresis LOW level input voltage threshold TxD pull-up current -1.2 0.5 - 300 -0.8 0.8 2.9 700 -0.5 1.2 mA mA Typ. 2.8 Max. 0.7 x V low power mode normal operation mode - - Unit Remark
VENN,off VENN,on VENN,hys RENN
-
VCC
0.3 x 2.2 - 900 60 V mV k
VCC
300 15 600 30
VRD = 0.8 x VCC VRD = 0.2 x VCC
recessive state - dominant state
VTD,H VTD,hys VTD,L ITD
0.7 x V
VCC
900 - -70 mV V A 0.3 x 2.1
VCC
-150 -110
VTxD < 0.3 x VCC
Data Sheet
9
Rev. 2.0, 2005-01-13
TLE 6258-2
Table 4
Electrical Characteristics (cont'd)
4.5 V < VCC < 5.5 V; 6.0 V < VS < 27 V; RL = 500 ; VENN < VENN,ON; -40 C < Tj < 125 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Bus Receiver Receiver threshold voltage, recessive to dominant edge Receiver threshold voltage, dominant to recessive edge Receiver hysteresis Symbol Limit Values Min. Typ. 0.48 x VS 0.56 x VS 0.04 x VS Max. - V -8 V < Vbus < Vbus,dom Unit Remark
Vbus,rd
0.44 x VS -
Vbus,dr
0.6 x V
Vbus,rec < Vbus < 20 V
VS
0.1 x mV
Vbus,hys
0.02 x VS 0.475 x VS -1
VS
Vbus,hys = Vbus,rec Vbus,dom
LIN2.0 table 3.1
Receiver threshold center Vbus,cnt voltage Input leakage current
0.5 x 0.525 x VS VS mA
Ibus,lek
Vbus = 0V, Vbat = 12V,
pull-up resistor as specified in LIN2.0
Wake-up threshold voltage Bus Transmitter Bus recessive output voltage Bus dominant output voltage
Vwake
0.40 x VS
0.5 x 0.6 x V
-
VS
VS VS
V
Vbus,rec
0.9 x -
VTxD = VCC
VS Vbus,dom
0 0 - - 100 10 2 1.2 150 - 20 V V mA mA A
VTxD = 0 V
7.3VVTxD = 0 V
6VBus short circuit current Leakage current
Ibus,sc Ibus,lk
40 -1 -
Vbus,short = 13.5 V VCC = 0 V, VS = 0 V, Vbus = -8 V, VCC = 0 V, VS = 13.5V, Vbus = 20 V,
-
Rev. 2.0, 2005-01-13
Bus pull-up resistance
Data Sheet
Rbus
20
30
10
47
k
TLE 6258-2
Table 4
Electrical Characteristics (cont'd)
4.5 V < VCC < 5.5 V; 6.0 V < VS < 27 V; RL = 500 ; VENN < VENN,ON; -40 C < Tj < 125 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Symbol Limit Values Min. Dynamic Transceiver Characteristics Falling edge slew rate Typ. -2.0 Max. -1 V/s
60% > Vbus > 40% 1 s < ( = RL x CBUS) < 5 s; VCC = 5 V; VS = 13.5 V 40% < Vbus < 60% 1 s < ( = RL x CBUS) < 5 s; VCC = 5 V; VS = 13.5 V
1) 1)
Unit Remark
Sbus(L)
-3
Rising edge slew rate
Sbus(H)
1
1.5
3
V/s
Slope symmetry Propagation delay TxD LOW to bus Propagation delay TxD HIGH to bus Propagation delay bus dominant to RxD LOW Propagation delay bus recessive to RxD HIGH Transmitter delay symmetry Duty cycle D1
tslopesym td(L),T td(H),T td(L),R
5 - - - 1 1 1
-5 3 3 6
s s s s
tfslope - trslope VS = 18 V VCC = 5 V VCC = 5 V VCC = 5 V; CRxD = 20 pF VCC = 5 V; CRxD = 20 pF tsym,R = td(L),R - td(H),R tsym,T = td(L),T - td(H),T
duty cycle 11) THRec(max) = 0.744 x VS; THDom(max) = 0.581 x VS; VS = 7.0 ... 18 V; tbit = 50 s; D1 = tbus_rec(min)/2 tbit; duty cycle 21) THRec(max) = 0.422x VS; THDom(max) = 0.264 x VS VS = 7.6 ... 18 V; tbit = 50 s; D2 = tbus_rec(max)/2 tbit;
td(H),R
-
1
6
s
Receiver delay symmetry tsym,R
-2 -2
0.396
- - -
2 2 -
s s s
tsym,T
tduty1
Duty cycle D2
tduty2
-
-
0.581
s
Data Sheet
11
Rev. 2.0, 2005-01-13
TLE 6258-2
Table 4
Electrical Characteristics (cont'd)
4.5 V < VCC < 5.5 V; 6.0 V < VS < 27 V; RL = 500 ; VENN < VENN,ON; -40 C < Tj < 125 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Wake-up delay time Delay time for mode change Symbol Limit Values Min. Typ. 100 Max. 150 170 50 s s s 30 Unit Remark
twake tsnorm
Tj < 125 C Tj < 150 C
1) Bus load conditions concerning LIN spec 2.0 Cbus, Rbus = 1 nF, 1 k / 6.8 nF, 660 / 10 nF, 500
Data Sheet
12
Rev. 2.0, 2005-01-13
TLE 6258-2
VS 100 nF
ENN
TxD 1 k RxD 20 pF Bus CBus VCC 100 nF
AEA03408.VSD
GND
Figure 4
VTxD VCC
Test Circuits
GND
VBus VS
td(L),T
td(H),T
t
VBus,rd
GND
VBus,dr
td(L),R
VRxD VCC 0.3 x VCC
td(H),R td(H),TR
0.7 x VCC
t
td(L),TR
GND
t
AET03409.VSD
Figure 5
Data Sheet
Timing Diagram for Dynamic Characteristics
13 Rev. 2.0, 2005-01-13
TLE 6258-2
Application
VBat LIN Bus
Master Node 100 nF 1 k
TLE 6258-2 G VS ENN RxD TxD Bus GND VCC 100 nF 5V + 100 nF GND P
VI + 22 F 100 nF
VQ
e. g. TLE 4278 GND
22 F ECU 1
Slave Node 100 nF
TLE 6258-2 G VS ENN RxD Bus GND TxD VCC 100 nF 5V + 100 nF GND P
VI + 22 F 100 nF
VQ
e. g. TLE 4278 GND
22 F ECU X
AEA03404.VSD
Figure 6
Application Circuit
Data Sheet
14
Rev. 2.0, 2005-01-13
TLE 6258-2
Package Outlines
0.33 0.08 x 45
1.75 MAX. 0.1 MIN. (1.5)
4 -0.21)
1.27 0.41 +0.1 -0.05 8 5
0.1
C
6 0.2
0.64 0.25
0.2 M A C x8
Index Marking 1
4
5 -0.21)
1)
A
Index Marking (Chamfer) Does not include plastic or metal protrusion of 0.15 max. per side
8 MAX.
0.2 +0.05 -0
.01
GPS09032
Figure 7
P-DSO-8-3 (Plastic Dual Small Outline)
You can find all of our packages, sorts of packing and others in our Infineon Internet Page "Products": http://www.infineon.com/products. SMD = Surface Mounted Device Data Sheet 15 Dimensions in mm Rev. 2.0, 2005-01-13


▲Up To Search▲   

 
Price & Availability of Q67006-A9695

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X