Part Number Hot Search : 
HD74AC SLT50L5 2N3053 098BC1 LL4448 TBC152M FDB52N20 EMK13H
Product Description
Full Text Search
 

To Download PZB300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PZB300
* Delta EMI suppressor, classes X2 and Y2, metallized paper * 0.1 and 0.15 F X2, 2200, 3300 and 4700 pF Y2, 275 VAC, +100 C
* * * * * Class X2 and Y2 Compact size Self-extinguishing encapsulation. PCB mounting or fast-on connection Excellent self-healing properties. Ensures long life even when subjected to frequent overvoltages. * High dU/dt capability. * Good resistance to ionisation due to impregnated dielectric material. * The impregnated paper ensures excellent stability giving oustanding reliability properties, especially in applications having continuous operation.
TYPICAL APPLICATIONS
Interference suppressors with X2 + 2 x Y2 capacitors in a delta configuration.
CONSTRUCTION
Multi-layer metallized paper. Encapsulated and impregnated in self-extinguishing material meeting the requirements of UL 94V-0.
max 24.0 max 12.5
40.0
TECHNICAL DATA
Rated voltage Capacitance X value, F Capacitance Y value, pF Capacitance tolerance Temperature range Climatic category IEC Approvals Dissipation factor tan Insulation resistance
275 VAC 50/60 Hz 0.1 and 0.15
0.8
21.3
1.5
min 4.0
0.8 4.75 0.1
2200, 3300 and 4700 20%
max 16.0
max 24.0
max 12.5
-40 to +100C 40/100/56/B S, UL, CSA
min 30
1.3 % at 1 kHz 12000 M Measured at 500 VDC after 60 s, +23C The 100% screening factory test is carried out at 2150 VDC for X2 capacitors and at 3000 VDC for Y2 capacitors. The voltage level is selected to meet the requirements in applicable equipment standards. All electrical characteristics are checked after the test.
20.0
0.5
0.8
Test voltage between terminals
CX CY 1 CY 2
ENVIRONMENTAL TEST DATA
Suppression vs. frequency Vibration IEC 60068-2-6 Test Fc 3 directions at 2 hour each No visible damage 10 - 500 Hz at No open or short circuit 0.75 mm or 98 m/s2 (PZB300MC.. mounted on PC-board) 4000 bumps at 390 m/s2 Solder globule method No visible damage No open or short circuit Wetting time < 1 s
20 10 f 0 1 3 5 10 30 100 200 MHz dB 70 60
CX
Attenuation
Bump
IEC 60068-2-29 Test Eb IEC 60068-2-20 Test Ta EN 132400
50
CY
40 30
Solderability
Active flammability Passive flammability Humidity
IEC 60384-14 (1993) EN 132400 IEC 60068-2-3 Test Ca +40C and 90 - 95% R.H. 56 days
Attenuation, typical values, 0.1 F + 2 x 2200 pF
184
max 16.0
PZB300 ARTICLE TABLE
Quantity per package R30 R06 pcs pcs 150 150 150 150 150 150 1000 1000 1000 1000 1000 1000
Capacitance CY CX F pF 0.10 0.10 0.10 0.15 0.15 0.15 2200 3300 4700 2200 3300 4700
Max dimensions in mm B H L 12.5 12.5 12.5 12.5 12.5 12.5 16.0 16.0 16.0 16.0 16.0 16.0 24.0 24.0 24.0 24.0 24.0 24.0
Weight TAG pcs 125 125 125 125 125 125 g 7.5 7.5 7.5 7.5 7.5 7.5
p 20.0 20.0 20.0 20.0 20.0 20.0
Max dU/dt V/s CY CX 600 600 600 600 600 600 1000 1000 1000 1000 1000 1000
Approvals
CSA UL S
Article code



PZB300MC11R30 PZB300MC12R30 PZB300MC13R30 PZB300MC21R30 PZB300MC22R30 PZB300MC23R30
APPROVALS/REFERENCE DOCUMENTS
Certification Body S UL CSA Specification EN 132400 UL 1283 C 22.2 No. 8 Approval reference 9650188-01 E 100117 53108 * * * * * * * * * * *
MARKING
RIFA RIFA article code Rated capacitance (X and Y) Rated voltage X2 and Y2 SH, for self healing Climatic category according to IEC 60068-1, appendix A Passive flammability class Approval marks Circuit diagram Manufacturing code (year, month)
ORDERING INFORMATION
The article code for the standard part is given in the article table. Fast-on: Add TAG instead of R30 in the standard article code. For other options, see page 21.
PACKING
Capacitors in standard design are packed bulk in a box with dimensions 245 x 145 x 80 mm. Quantity/package as per article table. Capacitors with lead length 5 or 6 mm are packed on trays piled in a box with dimensions 300 x 260 x 195 mm. Quantity/ package as per article table.
185


▲Up To Search▲   

 
Price & Availability of PZB300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X