Part Number Hot Search : 
IP113ALF SML12 32FNK BC849BT SML12 10000 IMH23 162003
Product Description
Full Text Search
 

To Download PF240A25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series PF, PowerFin
* Ultra High Steady State Current Rating * Low Leakage (Off- State ) * SCR Output * AC or DC Control * Crydom's Patented Design
TM
Up to 25Amp * 120/240, 380, 480 Vac * AC Output
Crydom's PowerFin series delivers the highest ratings of any single in-line package (SIP). The integral heat sink design can operate at 25 amps RMS in forced air at 85uC case temp. With natural convection in free air, it rates 10 amps RMS at 25uC ambient.
TM
Built-in advantages include Surface Mount Technology and SCR output. Manufactured in Crydom's ISO 9001 Certified facility for optimum product performance and reliability.
MODEL NUMBERS
AC CONTROL (120Vac) (24Vac) DC CONTROL
PF240A25 PFE240A25 PF240D25 PFE240D25 PF380D25 PFE380D25 PF480D25 PFE480D25
(5Vdc) (24Vdc)
OUTPUT SPECIFICATIONS
Operating Voltage (47-63 Hz) [Vrms] Load Current Range [Arms] Transient Overvoltage [Vpk] Max. Surge Current, (16.6ms) [Apk] Max. On-State Voltage Drop @ Rated Current [Vpk] Maximum I2 t for Fusing, (8.3 msec.) [A2sec] Max. Off-State Leakage Current @ Rated Voltage [mArms] Min. Off-State dv/dt @ Max. Rated Voltage [V/sec] Max. Turn-On Time Max. Turn-Off Time Power Factor (Min.) with Max. Load
12-280
48-530 Forced Air.06-25 Convection Air .06-10
48-660
600 250 1.6 260 0.1 500
1200 250 1.6 260 0.1 500
1200 250 1.6 260 0.1 500
1/2 Cycle (DC Control), 10.0 msec (AC Control) 1/2 Cycle (DC Control), 40.0 msec (AC Control) 0.5 0.5 0.5
INPUT SPECIFICATIONS
Nominal Voltage MODEL NUMBERS
PF240D25
Control Voltage Range Max. Turn-On Voltage Min. Turn-Off Voltage Nominal Input Impedance Typical Input Current @ Nominal Voltage
DC CONTROL
5Vdc 5Vdc
PF380D25 PF480D25
AC CONTROL
24Vdc PFE240D25 PFE380D25 PFE480D25 15-32 Vdc 15.0 Vdc 1.0 Vdc 1500 Ohm 15 mAdc 120Vac 24Vac
PF240A25
PFE240A25
3-15 Vdc 3.0 Vdc 1.0 Vdc 300 Ohm 15 mAdc
4-15 Vdc 4.0 Vdc 1.0 Vdc 240 Ohm 15 mAdc
90-140 Vrms 90.0 Vrms 10.0 Vrms 14.1k Ohm 10 mArms
18-36 Vrms 18.0 Vrms 2.0 Vrms 4.2k Ohm 5 mArms
GENERAL NOTES
(c) 2002 CRYDOM CORP, Specifications subject to change without notice.
All parameters at 25C unless otherwise specified. Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 Heatsink temperature 85uC Maximum. Turn-On Time for Random Turn-On versions 0.1msec (DC Control Models).
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506
FastFax Document No. 115 SERIES PF Rev. 041902 PAGE 1 OF 2
Series PF, PowerFin
GENERAL SPECIFICATIONS
TM
Up to 25Amp * 120/240, 380, 480 Vac * AC Output
Dielectric Strength 50/60Hz Input/Output Insulation Resistance (Min.) @ 500 Vdc Max. Capacitance Input/Output Ambient Operating Temperature Range Ambient Storage Temperature Range
M ECHANICAL SPECIFICATIONS Weight: (typical)
4000 Vrms 109 Ohm 8 pF -30 to 80C -30 to 125C .85 oz. (25g) Thermally Conductive Epoxy
Encapsulation:
AVAILABLE OPTIONS R
1.6 TYP. (38.1)
Random Turn-On (AC & DC Control, 240V Only) Phase Controllable (DC Control, 240V Only) Example: PF240A25 R, PFE240D25 R
1.35 MAX. (34.3)
.050 (1.3)
4
3
2
1
.300 (7.6) TYP. .72 (18.3) TYP. .900 (22.8) DC CONTROL PIN 1: AC LOAD PIN 2: AC LOAD PIN 3: +DC CONTROL PIN 4: -DC CONTROL .040 (1.0) DIA. 4 PLACES AC CONTROL PIN 1: AC LOAD PIN 2: AC LOAD PIN 3: AC CONTROL PIN 4: AC CONTROL
.200 (5.1) .700 (17.8) 1.100 (27.9) 1.70 (43.1)
All dimensions are in inches (millimeters)
CURRENT DERATING CURVES
LOAD CURRENT (AMPS) LOAD CURRENT (AMPS)
0 10 20 30 40 50 60 70 80 10 8 6 4 2 0 25 20 15 10 5 0 0 20 40 60 80 100 120 140
AMBIENT TEMPERATURE (Cu)
HEATSINK TEMPERATURE (Cu)
Fig.1 Convection Cooling
APPROVALS
Fig.2 Forced Air Cooling
(c)2002 CRYDOM CORP, Specifications subject to change without notice.
UL E116950 VDE 70938 (DC Control Only)
FastFax Document No. 115 SERIES PF Rev. 041902 PAGE 2 OF 2
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506


▲Up To Search▲   

 
Price & Availability of PF240A25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X