Part Number Hot Search : 
001AC GBU4A L7104YC TPD4135K 07CKR06 PRESS CD4A1490 2SC829C
Product Description
Full Text Search
 

To Download NFS200-7603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NFS200 SERIES
Triple and quad output
* * * * * * * * 5.0 x 9.0 x 2.5 inch package Overvoltage and short circuit protection 200W with 30CFM Adjustable outputs Isolated outputs Power fail detect signals EN55022, EN55011 conducted emissions level A UL, VDE, CSA and BABT safety approvals
Patent No. 4912620
[ 2 YEAR WARRANTY ]
The NFS200 series is a 200W universal input AC/DC power supply in a 5 x 9 x 2.5 inch package. The NFS200 series has four multiple output models and has proven itself to be highly reliable and versatile product for a wide range of communication and industrial applications, with a very high peak capability on the auxiliary outputs for drive and motor applications. The NFS200 provides 200W of output power with 30CFM of air. Standard features include overvoltage and short circuit protection, adjustable outputs, isolated outputs and power fail detect. The series, with full international safety approval and the CE mark, meets conducted emissions EN55022 level A. The NFS200 series is designed for use in medium power data networking, computer, telecom and industrial applications such as servers, PABX's, printers and process automation.
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage adjustability Line regulation Load regulation Overshoot/undershoot Transient response
All specifications are typical at nominal input, full load at 25C unless otherwise stated EMC CHARACTERISTICS 5.0% 0.1% max. 2.0% max. 2.5% max. 0% GENERAL SPECIFICATIONS 200mV max. dev. 500s recovery to 1.0% 0.02%/C 6.25V0.5V Yes, with auto-recovery Switching frequency Variable 80 to 100kHz VDE0805, EN60950, IEC950 IEC1010, UL1950, BABT CSA C22.2 No. 950 1.34kg (47.30oz) MIL-HDBK-217E 84,000 hours Hold-up time Efficiency Isolation voltage 110VAC After PFD flag @ 200W 110/230VAC @ 200W Input/output Input/chassis 15ms 5ms 70% typ. 3000VAC 1500VAC Conducted emissions Radiated emissions ESD air ESD contact Surge Fast transients Radiated immunity Conducted immunity EN55022, FCC part 15 EN55022, FCC part 15 EN61000-4-2, level 3 EN61000-4-2, level 4 EN61000-4-5, level 3 EN61000-4-4, level 3 EN61000-4-3, level 3 EN61000-4-6, level 3 Level A Level A criteria 1 criteria 1 criteria 1 criteria 1 criteria 1 criteria 1
+5V output LL to HL, FL Main output Main output Auxiliary outputs At turn-on +5V (20A to 30A step)
Perf. Perf. Perf. Perf. Perf. Perf.
Temperature coefficient All outputs Overvoltage protection Short circuit protection Fan output current (See Note 8) +5V output
J1: pins 3 and 4
12.1V @ 0.75A max. Standards and approvals (See Note 9) 90VAC to 264VAC 130VDC to 370VDC 47Hz to 63Hz ENVIRONMENTAL SPECIFICATIONS Weight MTBF (See Note 1)
INPUT SPECIFICATIONS Input voltage range Input frequency range Input surge current Safety ground leakage current 110VAC, 60Hz 230VAC, 50Hz 110VAC, 60Hz 230VAC, 50Hz Universal input
40A max. 80A max. 0.9mA max. 1.6mA max.
Thermal performance (See Notes 3, 10)
Operating 0C to +70C Non-operating -40C to +85C 0C to 50C ambient, 200W 30CFM forced air 50C to 70C ambient, Derate linearly 30CFM forced air to 100W at 70C Non-condensing Operating Non-operating 5% to 95% RH 10,000 feet max. 40,000 feet max. 2.4G rms 5 to 500Hz
Relative humidity Altitude Vibration
Three orthogonal axes, random vibration, 10 minute test for each axis
PAGE 1
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
|
200W AC/DC
200 Watt AC/DC universal input switch mode power supplies
OUTPUT VOLTAGE +5.1V +12.1V -12.1V -5.2V
(6)
OUTPUT CURRENTS MIN
(1)
PEAK 30A 12A 5.0A 6.0A 30A 12A 5.0A 3.0A 30A 12A 5.0A 4.0A 30A
(2)
MAX
(3)
RIPPLE 50mV
(4)
TOTAL REGULATION (5) 2% 2.5% 2.5% 2.5% 2% 2.5% 2.5% 2.5% 2% 2.5% 2.5% 2.5% 2.5% 2.5% 2.5%
MODEL NUMBER OPEN FRAME NFS200-7601
(6)
(A)
CASED NFS200-7601CF
(6)
5.0A 0A 0A 0A 5.0A 0A 0A 0A 5.0A 0A 0A 0A 5.0A 0A 0A
30.0A 8.0A 4.0A 6.0A 30.0A 8.0A 4.0A 3.0A 30.0A 8.0A 4.0A 4.0A 30A 8.0A 4.0A
120mV 120mV 50mV 50mV 120mV 120mV 240mV 50mV 120mV 120mV 120mV 50mV 120mV 120mV
+5.1V +12.1V -12.1V 24.0V
(7)
NFS200-7602
(7)
NFS200-7602CF
(7)
+5.1V +12.1V -12.1V 12.0V
(7)
NFS200-7603
(7)
NFS200-7603CF
(7)
+5.1V +12.1V -12.1V
NFS200-7608
NFS200-7608CF
12.0A 5.0A
PIN CONNECTIONS TB1 Term 1 Term 2 Term 3 TB2 Term 1 Term 2 Term 3 Term 4 Term 5 Term 6 Term 7 Term 8 Term 9 Term 10 J1 Pin 1 Pin 2 Pin 3 Pin 4(8) PFD PFD Return Fan Return Fan PFD PFD Return Fan Return Fan PFD PFD Return Fan Return Fan PFD PFD Return Fan Return Fan +5.1V +5.1V Return Return Return +12.1V -12.1V -5.2V(6) -5.2V Return(6) +5.1V +5.1V Return Return Return +12.1V -12.1V 24V Return(7) +5.1V +5.1V Return Return Return +12.1V -12.1V 12V Return(7) +5.1V +5.1V Return Return Return +12.1V -12.1V NFS200-7601 AC Line AC Neutral NFS200-7602 AC Line AC Neutral NFS200-7603 AC Line AC Neutral NFS200-7608 AC Line AC Neutral
Notes
1 25W minimum total output load required for reliable operation. Also, 12V output peak current capability requires a +5.1V @ 5A minimum load. 2 Peak output current lasting less than 30 seconds with duty cycle less than 10%. During peak loading, outputs may drift outside total regulation limits. 3 Requires forced air, 30CFM minimum, or 350LFM. 4 Figure is peak-to-peak. Output noise is measured across a 50MHz bandwidth using a 12 inch twisted pair, terminated with a 47F capacitor. 5 Total regulation is defined as the static output regulation at 25C, including initial tolerance, line voltage within stated limits, load currents within stated limits, and output voltages adjusted to their factory settings. 6 Although the -5.2V return is electrically connected to the `main' return (terminals 3, 4 and 5, which are all connected together), Artesyn Technologies recommends that system cabling allow -5.2V return current flow to terminal 9. 7 The auxiliary output is floating, and can be referenced as either positive or negative. The return is the negative terminal of the pair. 8 Any fan current must be subtracted from the total available +12.1V current. Supplied fans draw 0.14A. 9 This product is only for installation by professional installers within other equipment and must not be operated as a stand alone product. 10 Derating curve is application specific for ambient temperatures >50C, for optimum reliability no part of the heat sink should exceed 90C and no semi-conductor temperature should exceed 100C.
Safety Ground Safety Ground Safety Ground Safety Ground
+24V(7)
+12V(7)
International Safety Standard Approvals
VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-1058 Licence No. 3613 UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C Certificate No. PS/603176
http://www.artesyn.com
PAGE 2
200W AC/DC
|
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
200 Watt AC/DC universal input switch mode power supplies
Mechanical notes
A A standard cover and fan assembly can be added during manufacturing. Details are on page 84. To order, add suffix `CF'' to the model number. e.g. NFS200-7601CF.
AC (TB1) connector
Kulka P/N 4597A-6/32-03 or equivalent
DC (TB2) connector
Kulka P/N 4597A-6/32-09 or equivalent
J1 mating connector
Molex 22-01-1043 or equivalent with 4809 series or equivalent crimp terminal
0.30 (7.62)
1.00 (25.4)
8-32 Screw Thread (4 Places)
Preferred Air-flow Direction
2.5 1.800 (63.5) (45.72)
TB2 Term. 1
1.00 (25.4) 0.79 (20.07)
7.00 (177.8)
TB1 Term 1 Line Neutral
L2 C7
T1
+ 5V Adjust
J1 Pin 1 on Top
F1
C6
3.530 5.00 (89.66) (127) Ref.
8-32 Screw Thread (4 Places) Max. Screw Penetration From Bottom of Chassis 0.250 (6.35)
Ground
9.00 (229) REF
ALL DIMENSIONS IN INCHES (mm)
DERATING CURVE
Output Power (Watts)
200W
FORCED AIR COOLING
100W
25W
25W MINIMUM LOAD REQUIRED
POWER FAIL DETECT SIGNAL 50msT1200ms T2 will vary with line and load T35ms Pout: 200W PFD output is an open collector which will sink 40mA in the low state
AC INPUT 4.75V 5V OUTPUT HIGH PFD SIGNAL LOW 0-4 MAX T1 T2 4.75V
3.5V MIN T3
0W 0C
10C
20C
30C
40C
50C
60C
70C
PAGE 3
DS_NFS200_19980401.PDF
Data Sheet (c) Artesyn Technologies, "REG. U.S. Pat. & Tm. Off", 2000 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
http://www.artesyn.com
PAGE 4


▲Up To Search▲   

 
Price & Availability of NFS200-7603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X