|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NAL40 Series LOW TO MEDIUM POWER AC/DC POWER SUPPLIES * * * * * * Single, dual and triple output 40W AC/DC Universal Input Switch Mode Power Supplies 1 5.0 x 3.0 x 1.2 inch package (1U applications) Ideal for high volume designs Industry standard package Overvoltage and short circuit protection 40W with free air convection EN55022, EN55011 conducted emissions level A The NAL40 series are 40W universal input AC/DC power supplies on a 5 x 3 inch card with a maximum component height of 1.2 inch for use in 1U applications. These series are available with a wide range of models in the industry standard 5 x 3 inch footprint at low cost making the series ideal for new and existing high volume communication and industrial applications. The NAL40 meets level A conducted emissions. The NAL40 series provide 40W of output power with free air convection cooling with a peak output of 50W for a maximum duration of 60 seconds. The NAL40 series are designed for use in high volume low power data networking, computer and telecom applications such as hubs, routers, POS terminals, cable modems and PABX's. This list is not exclusive as the generic feature set of both series with industry standard output configurations provide a solution for most high volume applications including many industrial applications. 2 YEAR WARRANTY All specifications are typical at nominal input, full load at 25C unless otherwise stated SPECIFICATIONS OUTPUT SPECIFICATIONS Line regulation Total regulation Overshoot/undershoot Transient response Temperature coefficient Overvoltage protection Output power limit Short circuit protection +5.1V output Primary power limited Multiple output Single 12V, 15V, 24V and 48V Main output Auxiliary outputs Main output Auxiliary outputs At turn-on +5.1V (1.5A to 3A step) 0.5% 1.0% 3.0% 5.0% <10% 150mV max. dev., 500s recovery 0.02%/C 6.25V 0.75Vout 50W Pout, min. 110W Pin, max. 30 seconds Continuous automatic recovery EMC CHARACTERISTICS Conducted emissions Radiated emissions ESD air ESD contact Surge Fast transients Radiated immunity Conducted immunity EN55022, FCC part 15 EN55022, FCC part 15 EN61000-4-2, level 3 EN61000-4-2, level 4 EN61000-4-5, level 3 EN61000-4-4, level 3 EN61000-4-3, level 3 EN61000-4-6, level 3 level A level A criteria 2 criteria 2 criteria 2 criteria 2 criteria 2 criteria 2 Perf. Perf. Perf. Perf. Perf. Perf. GENERAL SPECIFICATIONS Hold-up time Efficiency Isolation voltage Switching frequency Approvals and standards (See Note 9) Weight MTBF MIL-HDBK-217F Input/output Input/chassis 110VAC 230VAC 10ms @ 40W 60ms @ 40W 68% min. @ 40W 3000VAC 1500VAC Variable VDE0805, EN60950, IEC950 BABT, IEC1010, UL1950 CSA C22.2 No. 950 200g (7.06oz) 150,000 Hours INPUT SPECIFICATIONS Input voltage range Input frequency range Input surge current Safety ground leakage current 110VAC, cold start 230VAC, cold start 110VAC, 60Hz 230VAC, 50Hz Universal input 90 to 264VAC 120 to 370VDC 47Hz to 440Hz 15A 32A 0.2mA 0.4mA ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating 0C to +70C Non-operating -40C to +85C 0C to 50C ambient, 40W convection cooled 50C to 70C, Derate linearly ambient conv. cooled to half load Peak (0C to 50C) max. 60s 50W Non-condensing Operating Non operating 5% to 95% RH 10,000 feet max. 30,000 feet max. Relative humidity Altitude Vibration Three orthogonal axes, 2.4G rms random vibration, 10 5Hz to 500Hz minute test for each axis File Name: NAL40.PDF Rev: 19 Nov 2001 NAL40 Series LOW TO MEDIUM POWER AC/DC POWER SUPPLIES OUTPUT VOLTAGE + 5.1V (IA) +12V (IB) MAX 3A 2A (1) Single, dual and triple output 40W AC/DC Universal Input Switch Mode Power Supplies 2 For the most current data and application support visit www.artesyn.com/powergroup/products.htm OUTPUT CURRENT PEAK 7A 3A (2) FAN 4A 2A (3) RIPPLE 50mV (4) TOTAL REG. (5) MODEL NUMBER NAL40-7608 (5) (B) 3.0% 5.0% 120mV -12V (IC) +5.1V +12V -12V +5.1V (IA) +12V (IB) -5V (IC) +5.1V (IA) +15V (IB) -15V (IC) +5.1V (IA) +12V (IB) 5V 12V 15V 24V 48V Notes 1 2 3 4 0.35A 3A 0.35A 0.35A 3A 2A 0.35A 3A 1.5A 0.35A 3A 2A 6A 3.3A 2.6A 1.6A 0.8A 1A 7A 3A 1A 7A 3A 1.0A 7A 3A 1A 7A 3A 10A 5A 4A 2.5A 1A 0.5A 4A 0.5A 0.5A 4A 2A 0.5A 4A 1.5A 0.5A 4A 2A 8A 4A 3.3A 2A 1A 120mV 45mV 110mV 110mV 50mV 120mV 50mV 50mV 160mV 150mV 50mV 120mV 50mV 120mV 150mV 240mV 480mV 5.0% 3.0% 5.0% 5.0% 3.0% 5.0% 5.0% 3.0% +13% -0% 5.0% 3.0% 5.0% 3.0% 3.0% 3.0% 3.0% 3.0% NAL40-7605 NAL40-7612 NAL40-7615 NAL40-7624 NAL40-7617 NAL40-7629 (5) NAL40-7628 (8) NAL40-7607 (5) NAL40-7610 (5) 5 6 7 8 9 Natural convection cooling (40W maximum). Peak output current lasting less than 60 seconds with duty cycle less than 5%. During peak loading, output voltage may exceed total regulation limits. Forced air, 20CFM at 1 atmosphere, 50W maximum. Figure is peak-to-peak. Output noise measurements are made across a 50MHz bandwidth using a 12 inch twisted pair, terminated with a 47F capacitor. Total regulation is defined as the static output regulation at 25C, including initial tolerance, line voltage within stated limits, load currents within stated limits and output voltages adjusted to their factory settings. For multiple output units to maintain stated regulation then: 0.25 IA / IB 5, for IB > 0.3A 0.50 IA / IB 5, for IB < 0.3A Minimum load must also be 4W to achieve design MTBF. For maximum output current IC on triple-output models, i.e. for: IC = IMax., then IA min. 0.5A and IB IC. This does not apply to the NAL40-7628 which has a separately regulated output, see note 8. Derating curve is application specific for ambient temperatures >50C, for optimum reliability, no part of the heatsink should exceed 120C, and no semiconductor case temperature should exceed 130C. Caution: allow a minimum of 1 second after disconnecting line power when making thermal measurements. The NAL40-7628 has separately linear regulated +12V and -12V outputs. The loading conditions in note 5 do not apply. This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. DERATING CURVE (See Notes 6, 7) Output Power (Watts) 50W 20 CFM FORCED AIR COOLING 40W NATURAL CONVECTION COOLING 25W 20W 4W 4W MIN. LOAD TO ACHIEVE DESIGN MTBF 20C 30C 40C 50C 60C 70C 0C 10C Available Output Power V's Ambient Temperature www.artesyn.com File Name: NAL40.PDF Rev: 19 Nov 2001 NAL40 Series LOW TO MEDIUM POWER AC/DC POWER SUPPLIES Mechanical Notes Single, dual and triple output 40W AC/DC Universal Input Switch Mode Power Supplies 3 For the most current data and application support visit www.artesyn.com/powergroup/products.htm A Ground pad encircling mounting hole near P1 allows system grounding through a metal stand-off of up to 8mm max. diameter to metal chassis. B A standard L-bracket and cover is available for mounting, which contains all screws, connectors and necessary mounting hardware. Order part number `NAL40 COVER KIT'. AC (J1) mating connector Molex 09-50-3031 or equiv. with Molex 08-50-0105 or equiv. crimp terminals. DC (J2) mating connector Molex 09-50-3061 or equiv. with Molex 08-50-0164 or equiv. crimp terminals. 5.00 (127.00) 0.156 (3.96) Dia. (4 Places) J2 F1 F3.15A, 250VAC 1 3.00 (76.20) T1 1 J1 P1 0.22 (5.59) 4.55 (115.80) 2.55 (64.80) MAXIMUM COMPONENT HEIGHT 1.2 inches 0.22 (5.59) ALL DIMENSIONS IN INCHES (mm) International Safety Standard Approvals VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-1076 Licence No. 70567, 1076 and 90354 UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C Certificate No. PS/605108 INPUT PIN CONNECTIONS J1 Pin 1 AC Neutral Pin 2 No Pin Pin 3 AC Line P1 Pin 1 Safety Ground OUTPUT PIN J2 SINGLE P1 +Vout P2 +Vout P3 +Vout P4 Return P5 Return P6 Return CONNECTIONS DUAL TRIPLE +12V V (B) +5.1V V (A) +5.1V V (A) Return Return Return Return N/C V (C) Data Sheet (c) Artesyn Technologies(R) 2002 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein. www.artesyn.com File Name: NAL40.PDF Rev: 19 Nov 2001 |
Price & Availability of NAL40-7624 |