Part Number Hot Search : 
53210 BAS316WS 2N6754 NCP5217A AH293WA WB208 RF2045 2SK2601
Product Description
Full Text Search
 

To Download MTV1-16PH06701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Microstrips .050" Contact Spacing
The Cannon Microstrips provide an extremely dense and reliable interconnection solution in a minimum profile package, giving great application flexibility. Available with latches or guide pins, Microstrips are frequently found in board-to-wire applications where high reliability is a primary concern. Three termination styles are available: solder cup, pigtail, harness, or printed circuit leads. The MicroPin Contact System assures maximum performance in a minimum package.
MT
Product Features
* * * * * * * * * * High Performance MicroPin Contact System High-density .050" contact spacing Pre-wired for ease of installation Fully potted wire terminations Guide pins for alignment and polarizing Quick-disconnect latches 3 Amp current rating Precision crimp terminations Solder cup, pigtail or printed circuit terminations Surface mount leads
MicroPin Contact System
The Cannon MicroPin Contact System offers uncompromised performance in downsized interconnects. The beryllium copper pin contact is fully recessed in the insulator, assuring positive contact alignment and robust performance. The socket contact is precision machined from high strength copper alloy and features a smooth lead-in chamfer. The MicroPin features seven points of electrical contact. This contact system assures high normal force, excellent wipe and superior shock and vibration performance.
SLEEVE
WIRE
WIRE CRIMP
Specifications
Current Rating Dielectric Withstanding Voltage Insulation Resistance Contact Resistance Operating Temperature Durability Shock/Vibration Connector Mating Force Latch Retention Wire Size 3 Amps max 900 VAC @ sea level; 300 VAC @ 70,000 feet altitude 5000 megohms min. 8 milliohms max. MTV polyester -56C to +125C; MTB diallyl phthalate -55C to +150C 500 cycles min. 50 G's/20 G's (8 oz.) x (# of contacts) 5 lbs. min. #26 AWG insulated wire, #25 AWG uninsulated solid wire. MT strips will also accommodate #24 AWG through #32 AWG. For other wiring options contact the factory for ordering information. General Performance requirements in accordance with MIL-DTL-83513
Materials and Finishes
Insulator Contact Contact Finish Insulated Wire Uninsulated Solid Wire Potting Material/Contact Encapsulant Latch MTV: Glass-filled polyester per MIL-M-24519; MTB: Glass-filled diallyl phthalate per MIL-M-14 Copper Alloy per MIL-C-83513 50 Microinches Min. Gold Plated per MIL-G-45204 #26 AWG. 19/38 Stranded, silver-plated copper, TFE Teflon insulation per MIL-W-16878/4 #25 AWG gold-plated copper per QQ-W-343 Epoxy 300 series stainless steel, passivated
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
48
Microstrips .050" Contact Spacing
How to Order
R
RoHS Compliance Series MTB1 - High Temperature Diallyl Phthalate 150C (Recommended for severe environments) MTV1 - Polyester 125C (Recommended for general purpose use) Number of Cavities 2 through 40. This number is the total number of cavities including guide pins and latches. 40 positions is the maximum recommended size for standard strips, but sizes up to 120 positions are available on request. Contact Type P- Pin S - Socket
Pin Strip Socket Strip
MT
MTV1 - 16 P H001 01
Termination Style Solder Cup contacts for customer termination S Pre-wired Pigtails H067 - Pre-wired pigtail with 18" of insulated Teflon wire per M22759/11, #26 AWG, 19 strand, yellow HY01 - Pre-wired pigtail with 18" of insulated Teflon wire per M22759/11, #26 AWG, 19 strand, 10 color repeating Straight Terminals .018" diameter, gold-plated L1 - 5" extension L2 - 1" extension L57 - .190" extension L61 - .125" extension Right Angle Terminals staggered footprint .018" diameter, gold plated AL57 - .190" extension AL61 - .125" extension
Right Angle Terminals .050" in-line footprint .018" diameter, gold plated BL57 - .190" extension BL61 - .125" extension Surface Mount .018" diameter, gold-plated CL1
Guide Pin and Latch Options 01 - Guide pin installed in end cavities of socket strip. Blank holes in end cavities of pin strip. 02 - Guide pin installed in cavity #1 of socket Strip. Blank holes in cavity #1 of pin strip. 03 - Spring latches installed in end cavities of socket strip. Latch clips installed in end cavities of pin strip. For use with MTV1 only. 04 - Spring latch installed in center cavity of socket strip. Spring latch installed in center cavity of pin strip. For use with MTV1 only.
01 Guide Pins In End Cavities
02 Guide Pins In Cavity #1
03 End Latches
04 Center Latch
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
49
Microstrips .050" Contact Spacing
Connector Weights
Contact (with std. 1/2" copper pigtails) MTB Insulator (per contact cavity) Guide Post pin socket pin socket
MT
.040 gms. .021 gms. .006 gms. .014 gms. .004 gms.
MTV
Stainless Steel Male Female
.035 gms. .035 gms. .074 gms.
Latch
Terminal Dimensions
.170 (4.32) MAX. .065 (1.65) MAX.
.018 (.45) .002 (.05) .100 (2.54)
.065 (1.65) MAX.
L1: .500 (12.7) L2: 1.00 (25.4) L57: .190 (4.83) L6: .125 (3.18) MIN+ .015 (0.38)
BL57: .190 (4.83) BL61: .125 (3.18) MIN+ .015 (0.38)
.018 (1.65) .002 (0.5)
Solder Cup
Straight Terminals
Right Angle Terminals .050" Centers
CAV #1 PIN
ALL EVEN NUMBERED CONTACTS
.0120 (0.30) .001 (0.03)
.070 (1.78) .030 (0.76) .160 (4.06) .140 (3.56) .025 (0.64) REF .010 (0.25) TYP
CAV #1 SOCKET
AL57 .190 (4.83) AL61 .125 (3.18) .100 (2.54) .100 (2.54)
.050 (1.27) MIN SOLDER DIPPED
Right Angle Terminals .100" Spacing Staggered
Surface Mount Terminals
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
50
Microstrips .050" Contact Spacing
Latch Dimensions
MT
.0085 (0.22) REF .077 (1.96) MAX .035 (0.89) REF .107 (2.72) MAX .035 (0.89) REF
.076 (1.93) MAX
.250 (6.35) MAX .020 (0.51) REF
.010 (6.25) REF
.050 (1.27) REF NO CONTACT
.050 (1.27) REF NO CONTACT .045 (1.14) MAX
.2835 (7.20) REF
.070 (1.78) REF .035 (0.89) REF
.070 (1.78) REF
.035 (0.89) REF
.100 (2.54) REF
Female Latch
Male Latch
Guide Pin Dimensions
.032 .003 (0.81 0.08) DIA. .200 .010 (5.08 0.25)
Standard Wire Termination Codes
The following termination codes are listed for your information. For additional codes please refer to Appendix on page 79 and 81. All wire lengths are minimum. Harness Type - (H)
#26 AWG per MIL-W-16878 Type E; Teflon Stranded
Solid Uninsulated Type - (L)
#25 AWG Gold Plated Copper
Length 3 (76.2) 6 (152.4) 8 (203.2) 10 (254.0) 12 (304.8) 18 (457.2) 20 (508.0) 24 (609.6) 30 (762.0) 36 (914.4) 48 (1219.2) 72 (1828.5) 120 (3048.0)
All Yellow H020 H019 H026 H029 H028 H001 H033 H009 H010 H011 H013 H017 H042
Color Coded H027 H016 H034 H025 H002 H003 H023 H004 H005 H006 H048 H046 H041
Termination Code L61 L56 L57 L39 L58 L1 L14 L2 L7 L6 L16 L10
Length .125 (3.18) .150 (3.81) .190 (4.83) .250 (6.35) .375 (9.52) .500 (12.70) .750 (19.05) 1.000 (25.40) 1.500 (38.10) 2.000 (50.80) 2.500 (63.50) 3.000 (76.20)
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
51
Microminiature Strip - .100/.050" Contact Spacing
Polarization
Modification code "-01" in the part number refers to guide posts located on both ends of the socket side of the 50-MIL STRIP connector and empty cavities on the pin side to accept the guide posts.
MT
Although in many cases it is not necessary to polarize 50-MIL STRIP connectors, there are several ways to prevent cross plugging. One method is the use of guide posts that can be located in specified cavities to assure that the contacts will align when these post are positioned before mating.
MTB1 and MTV1 - .050 (1.27) Contact Centers
.032 .003 (0.81 0.08) DIA. .200 .010 (5.08 0.25) .050 (1.27) TYP. .126 .005 (3.20 0.13) CAVITY #1 CAVITY #1
.050 (1.27) TYP.
A CAVITY #1 .100 .005 (2.54 0.13) .070 .005 (1.78 0.13): MTV .080 .005 (2.03 0.13): MTB LEAD LENGTH .125 (3.18) MAX. EPOXY (INSULATED WIRE ONLY)
A CAVITY #1
.283 .005 (7.19 0.13)
.070 .005 (1.78 0.13): MTV .080 .005 (2.03 0.13): MTB
LEAD LENGTH .125 (3.18) MAX. EPOXY (INSULATED WIRE ONLY)
Receptacle
Part Number by Size MT*1-1** MT*1-2** MT*1-3** MT*1-4** MT*1-5** MT*1-6** MT*1-7** MT*1-8** MT*1-9** MT*1-10** MT*1-11** MT*1-12** MT*1-13** MT*1-14** MT*1-15** MT*1-16** MT*1-17** MT*1-18** MT*1-19** MT*1-20** Part Number by Size MT*1-21** MT*1-22** MT*1-23** MT*1-24** MT*1-25** MT*1-26** MT*1-27** MT*1-28** MT*1-29** MT*1-30** MT*1-31** MT*1-32** MT*1-33** MT*1-34** MT*1-35** MT*1-36** MT*1-37** MT*1-38** MT*1-39** MT*1-40** Part Number by Size MT*1-41** MT*1-42** MT*1-43** MT*1-44** MT*1-45** MT*1-46** MT*1-47** MT*1-48** MT*1-49** MT*1-50** MT*1-51** MT*1-52** MT*1-53** MT*1-54** MT*1-55** MT*1-56** MT*1-57** MT*1-58** MT*1-59** MT*1-60** Part Number by Size MT*1-61** MT*1-62** MT*1-63** MT*1-64** MT*1-65** MT*1-66** MT*1-67** MT*1-68** MT*1-69** MT*1-70** MT*1-71** MT*1-72** MT*1-73** MT*1-74** MT*1-75** MT*1-76** MT*1-77** MT*1-78** MT*1-79** MT*1-80** Part Number by Size MT*1-81** MT*1-82** MT*1-83** MT*1-84** MT*1-85** MT*1-86** MT*1-87** MT*1-88** MT*1-89** MT*1-90** MT*1-91** MT*1-92** MT*1-93** MT*1-94** MT*1-95** MT*1-96** MT*1-97** MT*1-98** MT*1-99** MT*1-100**
Plug
Part Number by Size MT*1-101** MT*1-102** MT*1-103** MT*1-104** MT*1-105** MT*1-106** MT*1-107** MT*1-108** MT*1-109** MT*1-110** MT*1-111** MT*1-112** MT*1-113** MT*1-114** MT*1-115** MT*1-116** MT*1-117** MT*1-118** MT*1-119** MT*1-120**
A .015 (0.38) .070 (1.78) .120 (3.05) .170 (4.32) .220 (5.59) .270 (6.85) .320 (8.13) .370 (9.40) .420 (10.67) .470 (11.94) .520 (13.60) .570 (14.48) .620 (15.75) .670 (17.02) .720 (18.29) .770 (19.56) .820 (20.83) .870 (22.10) .920 (23.37) .970 (24.64) 1.020 (25.91)
A .015 (0.38) 1.070 (27.18) 1.120 (28.45) 1.170 (29.72) 1.220 (30.99) 1.270 (32.36) 1.320 (33.53) 1.370 (34.80) 1.420 (36.07) 1.470 (37.34) 1.520 (38.61) 1.570 (39.88) 1.620 (41.15) 1.670 (42.42) 1.720 (43.69) 1.770 (44.96) 1.820 (46.23) 1.870 (47.50) 1.920 (48.77) 1.970 (50.04) 2.020 (51.31)
A .015 (0.38) 2.070 (52.58) 2.120 (53.85) 2.170 (55.12) 2.220 (56.39) 2.270 (57.66) 2.320 (58.93) 2.370 (60.20) 2.420 (61.47) 2.470 (62.74) 2.520 (64.01) 2.570 (65.28) 2.620 (66.55) 2.670 (67.82) 2.720 (69.09) 2.770 (70.36) 2.820 (71.63) 2.870 (72.90) 2.920 (74.17) 2.970 (75.44) 3.020 (76.71)
A .015 (0.38) 3.070 (77.98) 3.120 (79.25) 3.170 (80.52) 3.220 (81.79) 3.270 (83.06) 3.320 (84.33) 3.370 (85.60) 3.420 (86.87) 3.470 (88.14) 3.520 (89.41) 3.570 (90.68) 3.620 (91.95) 3.670 (93.22) 3.720 (94.49) 3.770 (95.76) 3.820 (97.03) 3.870 (98.30) 3.920 (99.57) 3.970 (100.84) 4.020 (102.11)
A .015 (0.38) 4.070 (103.38) 4.120 (104.65) 4.170 (105.92) 4.220 (107.19) 4.270 (108.46) 4.320 (109.73) 4.370 (111.00) 4.420 (112.27) 4.470 (113.54) 4.520 (114.81) 4.570 (116.08) 4.620 (117.35) 4.670 (118.62) 4.720 (119.89) 4.770 (121.16) 4.820 (122.43) 4.870 (123.70) 4.920 (124.97) 4.970 (126.24) 5.020 (127.50)
A .015 (0.38) 5.070 (128.78) 5.120 (130.05) 5.170 (131.32) 5.220 (132.59) 5.270 (133.86) 5.320 (135.13) 5.370 (136.40) 5.420 (137.67) 5.470 (138.94) 5.520 (140.21) 5.570 (141.48) 5.620 (142.75) 5.670 (144.02) 5.720 (145.29) 5.770 (146.56) 5.820 (147.83) 5.870 (149.10) 5.920 (150.37) 5.970 (151.64) 6.020 (152.91)
NOTE: MTB1 available in up to 120 contacts.
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
52
Microminiature Strip - .100/.050" Contact Spacing
MTB2 and MTV2 - .100 (2.54) Contact Centers
.032 .003 (0.81 0.08) DIA. .200 .010 (5.08 0.25) CAV #1 A CAVITY #1 A
MT
.100 (2.54) TYP.
.070 .005 (1.78 0.13): MTV .080 .005 (2.03 0.13): MTB .100 (2.54) TYP.
.070 .005 (1.78 0.13): MTV .080 .005 (2.03 0.13): MTB CAVITY #1
.126 .005 (3.20 0.13)
CAVITY #1
.283 .005 (7.19 0.13)
.100 .005 (2.54 0.13) LEAD LENGTH .125 (3.18) MAX. EPOXY (INSULATED WIRE ONLY) LEAD LENGTH .125 (3.18) MAX. EPOXY (INSULATED WIRE ONLY)
Receptacle
Plug
Part Number by Size MT*2-1** MT*2-2** MT*2-3** MT*2-4** MT*2-5** MT*2-6** MT*2-7** MT*2-8** MT*2-9** MT*2-10** MT*2-11** MT*2-12** MT*2-13** MT*2-14** MT*2-15** MT*2-16** MT*2-17** MT*2-18** MT*2-19** MT*2-20** MT*2*21** MT*2-22** MT*2-23** MT*2-24** MT*2-25** MT*2-26** MT*2-27** MT*2-28** MT*2-29** MT*2-30** Dimensions shown in inch (mm) Specifications and dimensions subject to change
A .015 (0.38) .070 (1.78) .170 (4.32) .270 (6.86) .370 (9.40) .470 (11.94) .570 (14.48) .670 (17.02) .770 (19.56) .870 (22.10) .970 (24.64) 1.070 (27.18) 1.170 (29.72) 1.270 (32.26) 1.370 (34.80) 1.470 (37.34) 1.570 (39.88) 1.670 (42.42) 1.770 (44.96) 1.870 (47.50) 1.970 (50.04) 2.070 (52.58) 2.170 (55.12) 2.270 (57.66) 2.370 (60.20) 2.470 (62.74) 2.570 (65.28) 2.670 (67.82) 2.770 (70.36) 2.870 (72.90) 2.970 (75.44)
Part Number by Size MT*2-31** MT*2-32** MT*2-33** MT*2-34** MT*2-35** MT*2-36** MT*2-37** MT*2-38** MT*2-39** MT*2-40** MT*2-41** MT*2-42** MT*2-43** MT*2-44** MT*2-45** MT*2-46** MT*2-47** MT*2-48** MT*2-49** MT*2-50** MT*2*51** MT*2-52** MT*2-53** MT*2-54** MT*2-55** MT*2-56** MT*2-57** MT*2-58** MT*2-59** MT*2-60**
A .015 (0.38) 3.070 (77.98) 3.170 (80.52) 3.270 (83.06) 3.370 (85.60) 3.470 (88.14) 3.570 (90.68) 3.670 (93.22) 3.770 (95.76) 3.870 (98.30) 3.970 (100.84) 4.070 (103.38) 4.170 (105.92) 4.270 (108.46) 4.370 (111.00) 4.470 (113.54) 4.570 (116.08) 4.670 (118.62) 4.770 (121.16) 4.870 (123.70) 4.970 (126.24) 5.070 (128.78) 5.170 (131.32) 5.270 (133.86) 5.370 (136.40) 5.470 (138.94) 5.570 (141.48) 5.670 (144.02) 5.770 (146.56) 5.870 (149.10) 5.970 (151.64)
www.ittcannon.com
53


▲Up To Search▲   

 
Price & Availability of MTV1-16PH06701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X