Part Number Hot Search : 
KBPC1001 BC160 47101SC MJE210 60TCL CL1117 MT6L57AT LCX244F
Product Description
Full Text Search
 

To Download MSC80914 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSC80914
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI MSC80914 is Designed for Class C, Common Base General Purpose Applications to 2.3 GHz.
PACKAGE STYLE .250 2L FLG
A OD C E .060 x 45 CHAMFER
B
FEATURES INCLUDE:
* Gold Metalization * Site Emitter Ballasting
L
G
H J
F I K M NP
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC
O O
DIM A B C D E F
MINIMUM
inches / mm
MAXIMUM
inches / mm
.028 / 0.71 .740 / 18.80 .245 / 6.22 .128 / 3.25 .125 / 3.18 .110 / 2.79 .117 / 2.97 .560 / 14.22 .790 / 20.07 .225 / 5.72 .165 / 4.19 .003 / 0.08 .058 / 1.47 .119 / 3.02 .149 / 3.78
.032 / 0.81
200 mA 35 V 7.0 W @ TC = 25 C -55 C to +200 C -55 C to +200 C 20 C/W
O O O O
.255 / 6.48 .132 / 3.35
.117 / 2.97
G H I J K L M N P
.570 / 14.48 .810 / 20.57 .235 / 5.97 .185 / 4.70 .007 / 0.18 .068 / 1.73 .135 / 3.43 .187 / 4.75
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICBO hFE Cob Pout PG C IC = 1.0 mA IC = 5.0 mA IE = 1.0 mA VCB = 28 V VCE = 5.0 V VCB = 28 V
TC = 25 C
O
TEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
45 45 3.5 0.5
UNITS
V V V mA --pF W dB %
IC = 100 mA f = 1.0 MHz
15 3.0 1.0 7.0 35 1.25 8.0 40
150 3.5
VCC = 28 V
Pin = 200 mW
fo = 2.0 GHz
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of MSC80914

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X