Part Number Hot Search : 
SMA592 XX1002 SMA592 HY5DV64 ENV50140 BU2506 1N6285A 30130
Product Description
Full Text Search
 

To Download MS4128-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Automation and Network Solutions
MS4128-5
Industrial Networking:Industrial Ethernet:MICE:Switches
Product description Description
Port type and quantity
Type Order No. More Interfaces Power supply/signaling contact V.24 interface Network size - cascadibility Line - / star topology Ring structure (HIPER-Ring) Power requirements Operating voltage Current consumption at 24 V DC Power consumption Service Management Diagnostics
MICE, modular, managed Industrial EHTERNET Switch, store and forward switching mode, Ethernet (10 Mbit/s) and Fast-Ethernet (100 Mbit/s) and Gigabit-Ethernet (1000 Mbit/s) up to 28 ports possible via media modules, 4 x 1000BASE-SX with SFP modules or 4 x 10/100/1000BASE-TX and 24Fast-Ethernet (100 Mbit/s) ports MS4128-5 943 746-001 2 plug-in terminal block, 4-pin 1 x RJ11 socket any 50 (reconfiguration time < 50 ms) 24 V DC (-25% to +30%) 630 mA (not including media modules) 15 W (not including media modules) serial interface, web interface SNMP v1/v2/v3, HiVision LEDs (power, link status, data, 100 Mbit/s, auto-negotiation, full duplex, error, redundancy manager, ring port, LED test), cable tester, 2 x signal contact / fault relais (24 V DC / 1 A), RMON (statistics, history, alarms, events), port mirroring. Comand Line Interface (CLI), TELNET, BootP, DHCP, DHCP option 82, HIDiscovery, auto-configuration adapter (ACA21-USB) SNMP V3 (SSH, SSL), port security, ACL, Authentication (802.1x) QoS 4 classes, prioritization (IEEE 802.1D/p), VLAN (802.1Q), multicast (IGMP snooping/querier, GMRP), broadcastlimiter, SNTP (simple network time protocol), flow control IEEE 802.3x TOS (Type of Service) Diff.-Serv, TOS-Prio-Mapping, protocol based VLANs, Routing RIP and OSPF HIRRP / VRRP, Proxy ARP HIPER-Ring (ring structure), RSTP (rapid spanning tree protocol), redundant network/ring coupling, dual homing, redundant 24 V power supply, redundant signal contact, link aggregation dynamic and static (max. 7 trunks, 8 ports/trunk, LACP) 0 C to +60 C -25 C to +70 C 10% to 95% 24.2 years; MIL-HDBK 217F: Gb 25 C 315 mm x 134 mm x 140 mm DIN Rail 35 mm 2,2 kg
Configuration Security Other services
Prepared for Redundancy Redundancy functions
Ambient conditions Operating temperature Storage/transport temperature Relative humidity (non-condensing) MTBF Mechanical construction Dimensions (W x H x D) Mounting Weight
1/2
Protection class Mechanical stability IEC 60068-2-27 shock IEC 60068-2-6 vibration
IP 20 15 g, 11 ms duration, 18 shocks 1 mm, 2 Hz - 13.2 Hz, 90 min.; 0.7g, 13.2 Hz - 100 Hz, 90 min.; 3.5 mm, 3 Hz - 9 Hz, 10 cycles, 1 octave/min.; 1g, 9 Hz - 150 Hz, 10 cycles, 1 octave/min. 6 kV contact discharge, 8 kV air discharge 10 V/m (80 - 1000 MHz) 2 kV power line, 1 kV data line power line: 2 kV (line/earth), 1 kV (line/line), 1 kV data line 3 V (10 kHz - 150 kHz), 10 V (150 kHz - 80 MHz) FCC CFR47 Part 15 Class A EN 55022 Class A cUL 508 (E175531) in preparation cUL 1604 Class 1 Div 2 (E203960) in preparation cUL 60950 (E168643) in preparation Germanischer Lloyd in preparation Device, terminal block, operating manual ML-MS3 labels, MB-2T expansion backplane, auto-configuration adapter (ACA 21USB), HiVision network management, 19" installation, terminal cable, rail power supply RPS 30, RPS 60 or RPS 120
EMC interference immunity EN 61000-4-2 electrostatic discharge (ESD) EN 61000-4-3 electromagnetic field EN 61000-4-4 fast transients (burst) EN 61000-4-5 surge voltage EN 61000-4-6 conducted immunity EMC emitted immunity FCC CFR47 Part 15 EN 55022 Approvals Safety of industrial control equipment Hazardous locations Safety of information technology equipment Germanischer Lloyd Scope of delivery and accessories Scope of delivery Accessories to order separately
2/2


▲Up To Search▲   

 
Price & Availability of MS4128-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X