Part Number Hot Search : 
FKI07174 YC20HRX ESM1602B SNC11C LT3083T 11400 AH12B1 5ZSXI
Product Description
Full Text Search
 

To Download MKT368 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKT 368
Vishay BCcomponents
Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
APPLICATIONS
Blocking and coupling. Bypass and energy reservoir
168x12(halfpage)
l
w
MARKING
C-value; tolerance; rated voltage
h seating plane (1)
(2)
DIELECTRIC
Polyester film
ELECTRODES
Vacuum deposited aluminium
lt
COATING
Flame retardant epoxy material (UL-class 94 V-0)
P A Odt
CONSTRUCTION
Wound mono construction
LEADS
Tinned wire
Dimensions in mm. (1) Hole 1.0 for dt = 0.6 mm. Hole 1.3 for dt = 0.8 mm. (2) 0 < 50. (3) A = 2.0 +1.0/-0.5 mm (pitch = 10.0 mm). A = 2.5 +1.4/-0.5 mm (pitch = 15.0 mm, 22.5 mm and 27.5 mm).
CAPACITANCE RANGE (E12 SERIES)
0.001 to 1.0 F
168x12(halfpage) l
w
CAPACITANCE TOLERANCE
10%; 5%
double conical hole 1.6
h magnified view direction A 15
RATED (DC) VOLTAGE
63 V; 100 V; 250 V; 400 V; 630 V
lt >0.5 A P A Odt
RATED (AC) VOLTAGE
40 V; 63 V; 160 V; 220 V; 250 V
Dimensions in mm.
CLIMATIC CATEGORY
55/105/56
PERFORMANCE GRADE
Grade 1 (long life)
RATED TEMPERATURE
85 C
FEATURES
Available taped on reel and loose in box
MAXIMUM APPLICATION TEMPERATURE
105 C
DETAIL SPECIFICATION
For more detailed data and test requirements see "Type detail specification HQN-384-02/101"
REFERENCE SPECIFICATIONS
IEC 60384-2
Document Number: 28132 Revision: 10-Sep-03
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com 1
MKT 368
Vishay BCcomponents
Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
COMPOSITION OF CATALOG NUMBER
TYPE AND PITCHES 10.0 mm 368 15.0 mm 22.5 mm 27.5 mm Example: 104 = 10 x 10 = 100 nF MULTIPLIER (nF) 0.1 1 10 100 2 3 4 5
CAPACITANCE (numerically)
2222
368 XX XX X
ON REQUEST C-TOL 63 V 100 V 250 V 400 V 630 V 10% 15 25 45 55 65 5% 16 26 46 56 66 10% 90 90 90 90 dimensions of this code numbers stays between brackets 10% 13 23 43 53 63 5% 17 27 47 57 67 10% 11 21 41 51 61 5% 10% 5% 12 18 19 22 28 29 42 48 49 52 58 59 62 68 69
TYPE
PACKAGING
LEAD CONFIGURATION lead length 4.0 +1.0/-0.5 mm lead length 4.0 +1.0/-0.5 mm (lock lead)
loose in box 368
lead length 3.5 0.5 mm long leads: 19.0 4.0 mm for lead pitch = 15.0 mm 25.0 4.0 mm for lead pitch = 22.5 mm 24.0 4.0 mm for lead pitch = 27.5 mm H = 16.0 mm; P0 = 12.7 mm; reel diameter = 500 mm
taped on reel
SPECIFIC REFERENCE DATA
DESCRIPTION Tangent of loss angle: at 1 kHz 75 x 10-4 C 0.1 F 0.1 F < C 0.47 F 75 x 10-4 0.47 F < C 1.0 F 75 x 10-4 at 63 V (DC) at 100 V (DC) Rated voltage pulse slope (dU/dt)R P = 10 mm 30 V/s 30 V/s P = 15 mm 20 V/s 8 V/s P = 22.5 mm P = 27.5 mm 7 V/s R between leads, for C 0.33 F: >15000 M at 10 V; 1 minute at 100 V; 1 minute >15000 M at 500 V; 1 minute RC between leads, for C > 0.33 F: at 10 V; 1 minute >5000 s at 100 V; 1 minute >5000 s at 500 V; 1 minute R between interconnecting leads and casing; at 10 V; 1 minute >30000 M >30000 M at 100 V; 1 minute at 500 V; 1 minute Withstanding (DC) voltage (cut off current 10 mA); 100 V; 1 minute 160 V; 1 minute rise time 100 V/s Withstanding (DC) voltage between leads and case 200 V; 1 minute 200 V; 1 minute www.vishay.com 2 VALUE at 10 kHz 130 x 10-4 130 x 10-4 130 x 10-4 at 250 V (DC) 70 V/s 28 V/s 12 V/s 10 V/s at 100 kHz 225 x 10-4 300 x 10-4 - at 400 V (DC) at 630 V (DC) 110 V/s 70 V/s 44 V/s 70 V/s 20 V/s 28 V/s 16 V/s 24 V/s
>30000 M
>30000 M >30000 M
>10000 s
>10000 s >10000 s
>30000 M 400 V; 1 minute 500 V; 1 minute
>30000 M >30000 M 640 V; 1 minute 1008 V; 1 minute 800 V; 1 minute 1260 V; 1 minute Document Number: 28132 Revision: 10-Sep-03
For technical questions contact: filmcaps.roeselare@vishay.com
MKT 368
Metallized Polyester Film Capacitors Vishay BCcomponents MKT Radial Epoxy Lacquered Type
URdc = 63 V; URac = 40 V
CATALOG NUMBER 2222 368 ..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wmax x hmax x lmax (mm) MASS (g) lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number Pitch = 10.0 0.4 mm; dt = 0.60 0.06 mm 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1 4.2 x 13.2 (15.5) x 12.5 4.0 x 12.8 (15.5) x 12.5 4.3 x 13.1 (15.5) x 12.5 4.2 x 12.9 (15.5) x 12.5 4.3 x 13.4 (16.0) x 12.5 4.7 x 13.7 (16.0) x 12.5 5.1 x 14.1 (16.5) x 12.5 5.5 x 14.5 (17.0) x 12.5 6.0 x 15.0 (17.5) x 12.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.6 0.8 15224 15274 15334 15394 15474 15564 15684 15824 15105 2000 2000 2000 2000 2000 2000 2000 2000 2000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1300 1300 1300 1300 1200 1200 1100 1000 900 SPQ SPQ SPQ short leads long leads REEL LOOSE IN BOX lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number lock lead 90316 90317 90318 90319 90321 90322 90323 90324 90325 1100 1100 1100 1100 1000 1000 1500 1250 1250 SPQ
URdc = 100 V; URac = 63 V
CATALOG NUMBER 2222 368 ..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wmax x hmax x lmax (mm) MASS (g) lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number Pitch = 10.0 0.4 mm; dt = 0.60 0.06 mm 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1 4.0 x 13.0 (15.0) x 12.5 3.7 x 12.7 (15.0) x 12.5 4.0 x 13.0 (15.0) x 12.5 4.3 x 13.3 (15.0) x 12.5 3.9 x 12.9 (15.0) x 12.5 4.2 x 13.2 (15.5) x 12.5 4.5 x 13.6 (16.0) x 12.5 0.4 0.4 0.4 0.4 0.4 0.5 0.5 25563 25683 25823 25104 25124 25154 25184 25224 25274 25334 25394 25474 25564 25684 25824 25105 2000 2000 2000 2000 2000 2000 2000 1000 1000 1000 1000 1000 1000 1000 1500 1500 1500 1500 1500 1300 1200 SPQ SPQ SPQ short leads long leads REEL LOOSE IN BOX lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number lock lead 90205 90206 90207 90208 90209 90211 90212 90213 lock lead 2000 1000 1200 90214 90215 90216 90217 90218 90219 90221 90222 1750 1250 1250 1250 1250 1250 1100 1000 SPQ
Pitch = 15.0 0.4 mm; dt = 0.80 0.08 mm 5.0 x 14.0 (17.0) x 17.5 0.6
5.5 x 14.5 (17.5) x 17.5 6.0 x 15.0 (18.0) x 17.5 6.5 x 15.5 (18.5) x 17.5 7.5 x 16.5 (19.5) x 17.5
0.7 0.9 1.0 1.3
2000 2000 1000 1000
1000 1000 1000 1000
1100 1000 900 800
1500 1500 1250 1000
Document Number: 28132 Revision: 10-Sep-03
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com 3
MKT 368
Vishay BCcomponents
Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
CATALOG NUMBER 2222 368 ..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wmax x hmax x lmax (mm) MASS (g) lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number Pitch = 22.5 0.4 mm; dt = 0.80 0.08 mm 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 6.0 x 18.0 (21.0) x 26.0 7.0 x 19.0 (22.0) x 26.0 7.5 x 19.5 (23.0) x 26.0 8.5 x 21.5 (24.0) x 26.0 9.0 x 22.0 (24.5) x 26.0 9.0 x 22.0 (24.0) x 30.0 10.0 x 23.0 (25.0) x 30.0 11.0 x 24.0 (26.0) x 30.0 12.0 x 25.0 (27.0) x 30.0 2.5 3.2 3.5 4.1 4.5 4.8 5.5 6.2 6.8 25125 25155 25185 25225 25275 25335 25395 25475 25565 25685 1000 1000 1000 1000 1000 500 500 500 500 1000 1000 500 500 500 500 500 250 250 650 650 600 500 450 SPQ SPQ SPQ short leads long leads REEL LOOSE IN BOX lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number lock lead 90223 90224 90225 90226 90227 90228 lock lead 90229 90178 90231 90232 500 400 350 350 1000 900 750 600 600 SPQ
Pitch = 27.5 0.4 mm; dt = 0.80 0.08 mm
URdc = 250 V; URac = 160 V
CATALOG NUMBER 2222 368 ..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wmax x hmax x lmax (mm) MASS (g) lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number Pitch = 10.0 0.4 mm; dt = 0.60 0.06 mm 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1 4.2 x 13.0 (15.0) x 12.5 4.6 x 13.0 (15.0) x 12.5 4.0 x 13.0 (15.0) x 12.5 4.5 x 13.5 (15.5) x 12.5 4.6 x 13.5 (15.5) x 12.5 4.4 x 13.4 (16.0) x 12.5 4.7 x 13.7 (16.0) x 12.5 0.4 0.5 0.4 0.5 0.5 0.5 0.5 45273 45333 45393 45473 45563 45683 45823 45104 45124 45154 45184 45224 45274 45334 45394 45474 45564 45684 45824 45105 2000 2000 2000 2000 2000 2000 2000 1000 1000 1000 1000 1000 1000 1000 1500 1300 1500 1500 1300 1200 1200 SPQ SPQ SPQ short leads long leads REEL LOOSE IN BOX lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number lock lead 90233 90234 90235 90176 90236 90237 90238 90177 lock lead 2000 2000 2000 2000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 500 1200 1100 1000 900 800 800 750 650 600 550 500 90239 90241 90242 90243 90244 90245 lock lead 90246 90247 90248 90249 90251 90252 1250 1250 1000 1000 900 750 1750 1500 1500 1250 1250 1250 1250 1250 1250 1100 1000 1000 SPQ
Pitch = 15.0 0.4 mm; dt = 0.80 0.08 mm 5.0 x 14.0 (17.0) x 17.5 5.5 x 14.5 (17.5) x 17.5 6.0 x 15.0 (18.0) x 17.5 6.0 x 15.5 (18.5) x 17.5 6.8 x 16.0 (19.0) x 17.5 5.0 x 17.0 (20.0) x 26.0 5.5 x 17.5 (20.5) x 26.0 6.0 x 18.0 (21.0) x 26.0 6.6 x 18.5 (21.5) x 26.0 7.2 x 19.0 (22.0) x 26.0 8.0 x 20.0 (23.0) x 26.0 0.6 0.7 0.9 1.0 1.2 1.8 2.2 2.5 2.8 3.2 3.8
Pitch = 22.5 0.4 mm; dt = 0.80 0.08 mm
www.vishay.com 4
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28132 Revision: 10-Sep-03
MKT 368
Metallized Polyester Film Capacitors Vishay BCcomponents MKT Radial Epoxy Lacquered Type
CATALOG NUMBER 2222 368 ..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wmax x hmax x lmax (mm) MASS (g) lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number Pitch = 27.5 0.4 mm; dt = 0.80 0.08 mm 1.2 1.5 1.8 2.2 8.0 x 21.0 (23.0) x 30.0 9.0 x 22.0 (25.0) x 30.0 10.0 x 23.0 (26.0) x 30.0 11.0 x 24.0 (27.0) x 30.0 4.1 4.8 5.5 6.2 45125 45155 45185 45225 500 500 500 500 500 500 500 250 SPQ SPQ SPQ short leads long leads REEL LOOSE IN BOX lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number lock lead 90253 90254 90255 90256 600 450 400 350 SPQ
URdc = 400 V; URac = 220 V
CATALOG NUMBER 2222 368 ..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wmax x hmax x lmax (mm) MASS (g) lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number Pitch = 10.0 0.4 mm; dt = 0.60 0.06 mm 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 55102 55122 55152 55182 55222 55272 55332 55392 55472 55562 55682 55822 55103 55123 55153 55183 55223 55273 55333 SPQ SPQ SPQ short leads long leads REEL LOOSE IN BOX lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number lock lead 90257 90258 90259 90261 90262 90263 90264 90265 90266 90267 90268 90269 90271 90272 90273 90274 90175 90275 90188 lock lead 55393 55473 55563 55683 55823 55104 55124 55154 2000 2000 2000 2000 2000 2000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1200 1200 1200 1200 1100 1000 900 800 90276 90277 90278 90279 90281 90186 90282 90187 2000 1750 2000 2000 2000 1500 1500 1250 SPQ
4.5 x 13.5 (15.5) x 12.5
0.5
2000
1000
1500
1100
4.0 x 13.0 (15.5) x 12.5 4.3 x 13.3 (15.5) x 12.5 4.6 x 13.6 (15.5) x 12.5 4.0 x 13.0 (15.5) x 12.5 4.1 x 13.2 (15.5) x 12.5
0.5 0.5 0.5 0.5 0.5
2000 2000 2000 2000 2000
1000 1000 1000 1000 1000
1500 1500 1500 1500 1500
1100 1100 1100 1100 1100
4.6 x 13.6 (15.5) x 12.5
0.5
2000
1000
1500
1100
4.0 x 13.0 (15.5) x 12.5 4.1 x 13.0 (15.5) x 12.5 4.4 x 13.0 (15.5) x 12.5 4.2 x 12.9 (15.5) x 12.5 4.2 x 13.2 (15.5) x 12.5 4.6 x 13.7 (15.5) x 12.5 5.0 x 13.9 (16.5) x 17.5 5.4 x 14.5 (17.0) x 17.5 5.0 x 13.7 (16.5) x 17.5 5.0 x 13.5 (16.5) x 17.5 4.8 x 14.0 (16.5) x 17.5 5.3 x 14.5 (17.5) x 17.5 5.7 x 15.0 (18.0) x 17.5 6.4 x 15.5 (18.5) x 17.5
0.5 0.5 0.5 0.5 0.5 0.5
2000 2000 2000 2000 2000 2000
1000 1000 1000 1000 1000 1000
1500 1300 1500 1500 1300 1300
1100 1100 1100 1100 1100 1100
Pitch = 15.0 0.4 mm; dt = 0.80 0.08 mm 0.039 0.047 0.056 0.068 0.082 0.1 0.12 0.15 0.6 0.7 0.6 0.6 0.6 0.7 0.9 1.0
Document Number: 28132 Revision: 10-Sep-03
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com 5
MKT 368
Vishay BCcomponents
Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
CATALOG NUMBER 2222 368 ..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wmax x hmax x lmax (mm) MASS (g) lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number Pitch = 22.5 0.4 mm; dt = 0.80 0.08 mm 0.18 0.22 0.27 0.33 0.39 0.47 5.6 x 17.5 (20.5) x 26.0 6.3 x 18.5 (21.5) x 26.0 6.0 x 18.0 (21.0) x 26.0 6.4 x 18.5 (21.5) x 26.0 7.1 x 19.0 (21.5) x 26.0 8.0 x 20.0 (22.5) x 26.0 7.5 x 20.5 (22.5) x 30.0 8.5 x 21.5 (23.5) x 30.0 9.5 x 22.5 (24.5) x 30.0 10.5 x 23.5 (26.5) x 30.0 2.2 2.8 2.5 2.8 2.8 3.8 55184 55224 55274 55334 55394 55474 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 500 800 650 650 650 550 500 SPQ SPQ SPQ short leads long leads REEL LOOSE IN BOX lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number lock lead 90283 90284 90285 90286 90287 90179 lock lead 55564 55684 55824 55105 500 500 500 500 500 500 500 250 90288 90289 90291 90292 600 500 450 350 1250 1000 1000 1000 900 750 SPQ
Pitch = 27.5 0.4 mm; dt = 0.80 0.08 mm 0.56 0.68 0.82 1 3.8 4.5 5.2 5.8
URdc = 630 V; URac = 250 V
CATALOG NUMBER 2222 368 ..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wmax x hmax x lmax (mm) MASS (g) lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number Pitch = 10.0 0.4 mm; dt = 0.60 0.06 mm 0.01 0.012 0.015 0.018 0.022 4.3 x 13.1 (15.5) x 12.5 4.6 x 13.4 (16.0) x 12.5 4.9 x 13.9 (16.5) x 12.5 5.3 x 14.3 (17.0) x 12.5 5.9 x 14.9 (17.5) x 12.5 5.5 x 14.5 (17.5) x 17.5 6.0 x 15.0 (18.0) x 17.5 6.3 x 15.5 (18.5) x 17.5 7.0 x 16.0 (19.0) x 17.5 7.5 x 16.5 (19.5) x 17.5 8.0 x 17.0 (20.0) x 17.5 6.1 x 18.0 (21.0) x 26.0 7.0 x 19.0 (22.0) x 26.0 7.2 x 19.5 (22.5) x 26.0 8.0 x 21.0 (23.0) x 26.0 9.0 x 22.0 (24.0) x 26.0 10.0 x 23.0 (25.0) x 26.0 0.5 0.5 0.6 0.6 0.8 65103 65123 65153 65183 65223 2000 2000 2000 2000 2000 1000 1000 1000 1000 1000 1300 1200 1100 1000 900 SPQ SPQ SPQ short leads long leads REEL LOOSE IN BOX lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number lock lead 90293 90294 90295 90296 90297 lock lead 65273 65333 65393 65473 65563 65683 2000 2000 2000 2000 1000 1000 1000 1000 1000 1000 1000 1000 1100 1000 900 800 800 750 90298 90299 90301 90302 90303 90304 lock lead 65823 65104 65124 65154 65184 65224 1000 1000 1000 1000 1000 1000 1000 1000 1000 500 500 500 750 650 550 500 450 400 90305 90306 90307 90308 90309 90311 1000 900 750 750 600 550 1500 1500 1250 1250 1000 1000 1100 1000 1500 1250 1250 SPQ
Pitch = 15.0 0.4 mm; dt = 0.80 0.08 mm 0.027 0.033 0.039 0.047 0.056 0.068 0.7 0.9 1.0 1.2 1.3 1.4
Pitch = 22.5 0.4 mm; dt = 0.80 0.08 mm 0.082 0.1 0.12 0.15 0.18 0.22 2.5 3.2 3.5 3.8 4.5 5.2
www.vishay.com 6
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28132 Revision: 10-Sep-03
MKT 368
Metallized Polyester Film Capacitors Vishay BCcomponents MKT Radial Epoxy Lacquered Type
CATALOG NUMBER 2222 368 ..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wmax x hmax x lmax (mm) MASS (g) lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number Pitch = 27.5 0.4 mm; dt = 0.80 0.08 mm 0.27 0.33 0.39 0.47 10.0 x 23.0 (25.0) x 30.0 11.5 x 24.5 (26.5) x 30.0 12.5 x 25.5 (28.5) x 30.0 14.0 x 27.0 (30.0) x 30.0 5.5 6.5 7.1 8.2 65274 65334 65394 65474 500 500 500 250 500 250 250 250 SPQ SPQ SPQ short leads long leads REEL LOOSE IN BOX lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number lock lead 90312 90313 90314 90315 400 350 300 250 SPQ
CAPACITANCE
2 6
C/C (%)
C/C (%)
1 kHz
1
4
2 0 max. 0 -1 -2 -2 typical
-4 min.
-3 2 10
10
3
10
4
f (Hz)
10
5
-6 -60
-20
20
60 Tamb (C) 100
IMPEDANCE
3
10
10 1
Impedance ()
63
V; 1
F
10 0
10
-1
-2 10 3 10
10
4
10
5
10
6 f (Hz) 7 10
Document Number: 28132 Revision: 10-Sep-03
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com 7
MKT 368
Vishay BCcomponents
Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
2 2
10
10
AC voltage (V)
AC voltage (V)
nF 0F 22 0 n nF 47 00 10
nF 0F 22 0 n nF 47 00 10
10 1
10 1
Tamb 85 C, 63 VDC 10 0 1 10 10 2 10 3 10 4 f (Hz) 10 5 10 0 10 1
85 C < Tamb 105 C, 63 VDC 10 2 10 3 10 4 f (Hz) 10 5
10
2
10
2
AC voltage (V)
AC voltage (V)
nF F 56 0 n nF 10 0 nF 47 00 0 nF F 10 30 0 n 3 80 6
nF F 56 0 n nF 10 0 nF 47 00 0 nF F 10 30 0 n 3 80 6
10 1
10
1
Tamb 85 C, 100 VDC 10 0 1 10 10 2 10 3 10 4 f (Hz) 10 5 10 0 10 1
85 C < Tamb 105 C, 100 VDC 10 2 10 3 10 4 f (Hz) 10 5
AC voltage (V)
10
2
nF 10 40 10 70 nnF 22 00 n F 00 F nF 27
10
AC voltage (V) 2
27 nF 10 47 0 nF 10 0 nF 22 00 n 00 F nF
10
3
10
3
10
1
10
1
Tamb 85 C, 250 VDC 10 0 10 1 10 2 10 3 10 4 f (Hz) 10 5 10 0 1 10
85 C < Tamb 105 C, 250 VDC 10 2 10 3 10 4 f (Hz) 10 5
www.vishay.com 8
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28132 Revision: 10-Sep-03
MKT 368
Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10 3 10 3
Vishay BCcomponents
AC voltage (V)
10
2
10
10 40 10 70 nnF 00 F nF
1.0
nF
10
AC voltage (V) 2
1.0 10
10 40 10 70 nnF 00 F nF
nF nF
nF
10
1
10
1
Tamb 85 C, 400 VDC 10 0 10 1 10 2 10 3 10 4 f (Hz) 10 5 10 0 10 1
85 C < Tamb 105 C, 400 VDC 10 2 10 3 10 4 f (Hz) 10 5
AC voltage (V)
10 2
10 47 47 0n F nF nF
10
AC voltage (V) 2
10
3
10
3
10
1
10
1
10 n 47 F 47 nF 0n F
Tamb 85 C, 630 VDC 10 0 10 1 10 2 10 3 10 4 f (Hz) 10 5 10 0 1 10
85 C < Tamb 105 C, 630 VDC 10 2 10 3 10 4 f (Hz) 10 5
Document Number: 28132 Revision: 10-Sep-03
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com 9


▲Up To Search▲   

 
Price & Availability of MKT368

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X