Part Number Hot Search : 
250101B 2J224 27T104C F1603 1SS174 04597 EL2041D 1N5376B
Product Description
Full Text Search
 

To Download MJSV-10PH001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro Center Jackscrew
The MJS jackscrew series provides a reliable interconnect for board-to-board, board-to-cable and in-line cable-to-cable applications. Layouts accommodating up to 76 MICROPIN/MICROSOCKETTM contacts are available, with the same wide range of options as are offered with the other MICRO Line products offered in this catalog.
MJS
How to Order
R RoHS COMPLIANCE SERIES INSULATOR MATERIAL CONTACT ARRANGEMENT CONTACT TYPE TERMINATION TYPE TERMINATION CODES SERIES MJS - Micro Center Jackscrew INSULATOR MATERIAL B - Diallyl phthalate V - Polyester U - Polyetherimide R - Polyphenylene sulfide CONTACT ARRANGEMENTS Unshrounded Receptacle: 10, 26, 51, 66 Shrouded Receptacle; 10, 26, 34, 38, 42, 76 Low Profile Plug and Receptacle (shrouded): 28 CONTACT TYPE P - Pin S - Socket TERMINATION TYPE H - Insulated wire harness. I - Integral tail (MJSV-28S only). L - Solid - uninsulated wire. S - Solder pot to accept #26 AWG harness wire. T - Thru bundle pigtail (MJSV-28P only). TERMINATION CODE* (H) 001 - 18" , 7/34 strand, #26 AWG, MIL-W-16878/4, Type E Teflon, yellow. - 18", 7/34 strand, #26 AWG, MIL-W-16878/4, Type E Teflon, color coded to MIL-STD-681 System I. - 1/2" uninsulated solid #25 AWG gold plated copper. - 1" uninsulated solid #25 AWG gold plated copper. MJS * 26 P H 001
(H) 003
(L) 1 (L) 2
* See Termination Codes shown below.
Standard Wire Termination Codes
The following termination codes are listed for your information. For additional codes please refer to Appendix on page 79 and 81. All wire lengths are minimum. Harness Type (H)
#26 AWG per MIL-W-16878/4 Type E Teflon, 7/34 stranded.
Solid Uninsulated Type (L)
#25 AWG gold plated solid copper.
Length 3 (76.2) 6 (152.4) 8 (203.2) 10 (254.0) 12 (304.8) 18 (457.2) 20 (508.0)
All Yellow H 020 H 019 H 026 H 029 H 028 H 001 H 038
Color Coded H 027 H 016 H 034 H 025 H 002 H 003 H 023
Length 24 (609.6) 30 (762.0) 36 (914.4) 48 (1219.2) 72 (1828.8) 120 (3048.0)
All Yellow H 009 H 010 H 011 H 013 H 017 H 042
Color Coded H 004 H 005 H 006 H 048 H 046 H 041
Termination Code L61 L56 L57 L39 L58 L1
Length
Termination Code L14 L2 L7 L6 L16 L10
Length
.125 (3.18) .150 (3.81) .190 (4.83) .250 (6.35) .375 (9.53) .500 (12.70)
.750 (19.05) 1.000 (25.40) 1.500 (38.10) 2.000 (50.80) 2.500 (63.50) 3.000 (76.20)
Contact Arrangements
Face view of pin-use reverse order for socket
4 6 10 1 5 7 12 14 26 1 13 15 1 7 11 6 10 16 1 11 19 10 18 28
10 Contacts
17 34 51 1 18 35 21 44 66
26 Contacts
1 23 45
16 Contacts**
1 13 23
28 Contacts**
12 22 34
51 Contacts
66 Contacts MJSB/MJSU (unshrouded) 34 Contacts MJSV (shrouded) *Low profile configuration **MJSV & MJSR
Identification numbers are for reference only and do not appear on connectors. Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
39
Micro Center Jackscrew
Unshrouded Receptacle (10-26-51-66)
MJSB/MJSU
.126 .005 (3.20 0.13) B .050 (1.27) TYP. 1-64 UNC-2A THREAD A C .170 .010 (4.32 0.25) POLARIZING PIN (OPTIONAL WITH LOSS OF CONTACT)
MJS
1-64 UNC-2B THREAD
.145 (3.68) DIA. MAX.
.055 (1.40) TYP.
.170 (4.32) MAX. .332 (8.43) MAX. .110 MAX. (2.79)
Rear View UNSHROUDED STANDARD MATERIALS AND FINISHES
Micropin Microsocket Insulator Jackscrew Retainer, Jackscrew Insert, Threaded Post, Polarizing Copper alloy, 50 miro-inch gold Copper alloy, 50 micro-inch gold Diallyl phthalate, green color or polyetherimide, natural color Stainless steel, passivated & lubricated Stainless steel, passivated Stainless steel, passivated Stainless steel, passivated
Receptacle A Max. .378 (9.60) .378 (9.60) .778 (19.76) .778 (19.76) 1.028 (26.11) 1.028 (26.11) 1.280 (32.51) 1.280 (32.51) B Max. .190 (4.83) .190 (4.83) .190 (4.83) .190 (4.83) .260 (6.60) .260 (6.60) .260 (6.60) .260 (6.60)
Plug C Bsc. .290 (7.37) .290 (7.37) .690 (17.53) .690 (17.53) .940 (23.88) .940 (23.88) 1.190 (30.23) 1.190 (30.23)
Part Number MJSB or MJSU-10P MJSB or MJSU-10S MJSB or MJSU-26P MJSB or MJSU-26S MJSB or MJSU-51P MJSB or MJSU-51S MJSB or MJSU-66P MJSB or MJSU-66S
Shrouded Receptacle (16-28*-34)
MJSV/MJSR
A .080 (2.03) .065 (1.65) .285 (7.24) MAX. D C B 1-64 UNC-2B THREAD .205 (5.21) MAX.
Face View
A 1-64 UNC-2A THREAD
Plug
.090 .010 (2.29 0.25)
.285 (7.24) MAX.
B
.110 (2.79) MAX.
C
Face View
Receptacle
.145 (3.68) DIA. MAX.
SHROUDED STANDARD MATERIALS AND FINISHES
Micropin Microsocket Insulator Jackscrew Retainer, Jackscrew Insert, Threaded Post, Polarizing Copper alloy, 50 miro-inch gold Copper alloy, 50 micro-inch gold Polyester, black color Polyphenylene sulfide, black color Stainless steel, passivated Stainless steel, passivated Stainless steel, passivated Stainless steel, passivated
A B C D Part Number Max. Max. Ref. .006 (0.15) MJSV or MJSR-16P .700 (17.78) .345 (8.76) .545 (13.84) .175 (4.45) MJSV or MJSR-16S .700 (17.78) .320 (8.13) .545 (13.84) MJSV-28P* or MJSR-28P* 1.020 (25.91) .232 (5.89) .865 (21.97) .062 (1.57) MJSV-28S* or MJSR-28S* 1.020 (25.91) .246 (6.25) .865 (21.97) MJSV-34P or MJSR-34P 1.180 (29.97) .330 (8.38) 1.025 (26.04) .160 (4.06) MJSV-34S or MJSR-34S 1.180 (29.97) .305 (7.75) 1.025 (26.04) *Low profile configuration, for "L" (uninsulated solid wire) termination add .090 (2.29) to the "B" dimension. For "H" (insulated wire) termination add .200 (5.08) to the "B" dimension. For special configurations with backpotted standoffs consult factory.
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
40
Micro Center Jackscrew
Shrouded Receptacle (42)
MJSR-42P
A 1.322 (33.58) REF.
MJS
.125 (3.18) TYP.
CAV. #1
.100 (2.54) TYP.
+
.075 (1.91) TYP.
.297 .420 (7.54) (10.67) REF. MAX.
CAV. #31 C
CAV #42
#1 (.073) - 64 UNC-2B THREADED INSERT
.035 (0.89) .015 (0.38) TYP.
B D
MJSR-42S
A 1.328 (33.73) REF. .100 (2.54) TYP. CAV #1 .075 (1.91) TYP.
.125 (3.18) TYP.
+ + +
+ + + +
+ + + +
+ + + +
++ + + ++
+ + +
+ + + +
+ + + +
+ + + +
+ + + +
+ + +
.303 (7.70) REF.
.420 (10.67) MAX.
CAV. 42 C
1/16 SOCKET HEAD JACKSCREW #1 (.073 - 64 UNC - 2A THREAD
.131 (3.33) TYP .121 (3.07)
B
.145 (3.68) DIA. MAX.
.108 MAX. (2.74)
Part Number MJSR-42P MJSR-42S
STANDARD MATERIALS AND FINISHES Micropin Microsocket Insulator Jackscrew Copper alloy, 50 miro-inch gold Copper alloy, 50 micro-inch gold Polyphenylene sulfide, black color Stainless steel, passivated
A Max. 1.445 (36.70) 1.445 (36.70)
B Max. .345 (8.76) .357 (9.07)
C Ref. 1.250 (31.75) 1.250 (31.75)
D .006 (0.15) .142 (3.61) -
Retainer, Jackscrew Stainless steel, passivated Insert, Threaded Stainless steel, passivated
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
41
Micro Center Jackscrew
Shrouded Receptacle (76)
MJSR-76P
A 1.472 (37.39) REF. CAV. #1
MJS
CAV. #13 .100 (2.54) TYP.
+
.075 (1.91) TYP. CAV. #76 C #2 (0.86) - 64 UNC-2B THREADED INSERT CAV. #62
.447 (11.35) REF.
.570 (14.48) MAX.
.035 (0.89) .015 (0.38) TYP.
B D
MJSR-76S
A 1.478 (37.54) TYP. CAV. #1 CAV. #13 .100 (2.54) TYP.
+ + + + +
+ + + + + +
+ + + + + +
+ + + + + +
+ + + + + +
+ + + + + +
++ + + + + + ++++ ++
C
+ + + + + +
+ + + + + +
+ + + + + +
+ + + + + +
+ + + + +
.075 (1.91) TYP.
.453 (11.51) TYP.
.570 (14.48) MAX.
CAV. #62
CAV. #76
1/16 SOCKET HEAD JACKSCREW #2 (.086 - 64 UNC - 2A THREAD
.131 (3.33) TYP .121 (3.07)
B
.160 (4.06) MAX.
.150 (3.81) MAX.
Part Number MJSR-76P MJSR-76S STANDARD MATERIALS AND FINISHES
Micropin Microsocket Insulator Jackscrew Copper alloy, 50 miro-inch gold Copper alloy, 50 micro-inch gold Polyphenylene sulfide, black color Stainless steel, passivated
A Max. 1.595 (40.51) 1.595 (40.51)
B Max. .345 (8.76) .357 (9.07)
C Ref. 1.400 (35.56) 1.400 (35.56)
D .006 (0.15) .142 (3.61) -
Retainer, Jackscrew Stainless steel, passivated Insert, Threaded Stainless steel, passivated
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
42
Micro Center Jackscrew
Plug (Molded-In Insert - Special)
MJSV**P
INSERT #1-64 UNC-2B A MAX. ENGAGING FACE INSULATOR
MJS
CAVITY # 1
MICRO-PIN CONTACT
.100 (2.54)
.162 (4.11) REF.
.300 (7.62) MAX.
.061 (1.55) MAX.
LEAD LENGTH
.109 (2.77) MAX. DIA.
MJSV-26P** (Shown)
Part Number MJSV-26P** MJSV-38P**
A Ref. .868 (22.05) 1.168 (29.67)
Receptacle (Special)
MJSV**S*
A MAX. .100 (2.54) REF. CAVITY # 1 .190 (4.83) REF. #1-64 UNC-2A MICRO-SOCKET
.167 (4.24) REF.
.253 (6.43) MAX.
.320 (8.13) MAX.
B
.155 (3.94) MAX. LEAD LENGTH
JACKSCREW
MJSV-26S** (Shown) A Max. .943 (23.95) 1.243 (31.57) B Ref. .874 (22.20) 1.174 (29.82)
Part Number MJSV-26S** MJSV-38S**
Contact Arrangements
Face view of pin - use reverse order for socket
.100 (2.54) .075 (1.91) 1 .050 (1.27) 14 .075 (1.91) 1 .100 (2.54) REF. 20
+
15 .050 (1.27) TYP. 26 21 .050 (1.27) TYP.
+
38
26 Contacts Identification numbers are for reference and do not appear on connectors. Dimensions shown in inch (mm) Specifications and dimensions subject to change
38 Contacts
www.ittcannon.com
43


▲Up To Search▲   

 
Price & Availability of MJSV-10PH001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X