Part Number Hot Search : 
AD996112 A107M LT3825 HN1A02F F10N60 S1202 00TTS 1N5250
Product Description
Full Text Search
 

To Download MIKQ7-7PH001-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Microminiature Circular - .050" Contact Spacing
MICRO-K microminiature circular connectors are rugged yet lightweight - and meet or exceed the applicable requirements of MILDTL-83513. Applications include biomedical, instrumentation and miniature black boxes. MIK: Accommodate up to 55 contacts on .050 (1.27) centers (equivalent to 420 contacts per square inch). Five keyway polarization prevents cross plugging. The threaded coupling nuts provide strong, reliable coupling. MIK receptacles can be either front or back panel mounted; in back mounting applications, panel thickness of up to 3/32" can be used on the larger sizes. Maximum temperature range - 55C to + 125C. Standard MIK connectors are available in two shell sizes accommodating two contact arrangements pre-wired to your specific requirements. MIKM: Similar to our MIK, except has a steel shell and receptacle for improved ruggedness and RFI resistance. It accommodates up to 85 twist pin contacts. Maximum temperature range - 55C to + 125 C. MIKQ: A quick disconnect metal shell and receptacle version that can be instantaneously disconnected yet provides a solid lock when engaged. Applications include commercial TV cameras, portable
MICRO-K
radios, military gun sights, airborne landing systems and medical equipment. Maximum temperature range - 55C to +125C.
Specifications
STANDARD MATERIAL AND FINISHES MIK Shell Coupling Nut Insulator Contacts Thermoplastic Stainless Steel Passivated Glass-reinforced Thermoplastic 50 Microinch Gold Plated Copper Alloy MIKM Stainless Steel Stainless Steel Passivated Glass-reinforced Thermoplastic 50 Microinch Gold Plated Copper Alloy MIKQ Brass Brass, Electroless Nickel Plated* Glass-reinforced Thermoplastic 50 Microinch Gold Plated Copper Alloy No. of Contacts Wire Size ELECTRO/MECHANICAL FEATURES MIK 7,55 #24 AWG thru #32 AWG Contact Termination Crimp Contact Rating 3 Amps Couping Threaded Polarization Keyways Contact Spacing .050 (1.27) Centers Shell Styles 0-Wall Mtg. 6-Straight Plug MIKM 7,55, 85 #24 AWG thru #32 AWG Crimp 3 Amps Threaded Keyways .050 (1.27) Centers 0-Wall Mtg. 6-Straight Plug MIKQ 7,19, 37 #24 AWG thru #32 AWG Crimp 3 Amps Push/Pull Keyways .050 (1.27) Centers 7-Jam Nut 6-Straight Plug 9-Rear Panel Mtg. Receptacle
*For plug only Electrodeposited for receptacle.
How to Order
R RoHS COMPLIANCE SERIES CONNECTOR TYPE SHELL STYLE CONTACT ARRANGEMENT CONTACT TYPE TERMINATION TYPE TERMINATION LENGTH CODE HARDWARE SERIES MIK: Microminiature Circular CONNECTOR TYPES No Letter - Screw couping, plastic shell M - Screw coupling, metal shell Q - Push/Pull, metal shell SHELL STYLES 0 - Wall mounting receptacle (MIK and MIKM only) 6 - Straight plug (MIK, MIKM and MIKQ) 7 - Jam nut mount (MIKQ only) 9 - Rear panel mounted receptacle (MIKQ) CONTACT ARRANGEMENTS 7, 19, 37, 55, 85 CONTACT TYPE P - Pin S - Socket TERMINATION TYPES H - Insulated round hook-up wire L - Uninsulated round solid wire TERMINATION LENGTH CODE (STANDARDS) (H) 001 18", 7/34 strand, #26 AWG, MIL-W-16878/4, Type E Teflon, yellow. 18",7/34 strand, #26 AWG, (H) 003 MIL-W-16878/4, Type E Teflon, color coded to MIL-STD-681 System I. 1/2" uninsulated solid #25 (L) 1 AWG gold plated copper. 1" uninsulated solid #25 AWG (L) 2 gold plated copper. HARDWARE G - Cable nut and grip (MIKQ plug only) N - Nut only (MIKQ plug only) NOTE: Contact types cannot be interchanged between shell styles. Dimensions shown in inch (mm) Specifications and dimensions subject to change MIK M 655 P * ** ***
www.ittcannon.com
44
Microminiature Circular - .050" Contact Spacing
Standard Wire Termination Codes
The following termination codes are listed for your information. For additional codes please refer to Appendix on page 79 and 81. All wire lengths are minimum. HARNESS TYPES (H)
MIK
#26 AWG per MIL-W-16878 Type E, Teflon Stranded
Length 3 (76.2) 6 (152.4) 8 (203.2) 10 (254.0) 12 (304.8) 18 (457.2) 20 (508.0) 24 (609.6) 30 (762.0) 36 (914.4) 48 (1219.2) 72 (1828.8) 120 (3048.0)
-All Yellow 020 019 026 029 028 001 038 009 010 011 013 017 042
Color Coded 027 016 034 025 002 003 023 004 005 006 048 046 041
Contact Arrangements
Face View, Pin Side-(Male Twist Pin Contacts)
1 1 4 1 5 4 9 15 22 32 23 29 34 37 33 28 40 47 53 55 52 46 39 17 25 16 12 16 17 19 10 16 24 31 29 39 48 58 67 75 82 85 74 81 3 9 20 12 5 4 11 19 28 38 47 57 66
MASTER KEY (TYP)
2 7 1 3 6 13 4 5 8 4
1
3 7
10
MIK/MIKM/MIKQ 7 Contacts
MIKQ 19 Contacts
MIKQ 37 Contacts
MIK/MIKM 55 Contacts
MIKM 85 Contacts
Cavity identification numbers are for reference only, they do not appear on connectors.
Shell Dimensions
MIK (Rear Panel Mount Thickness - see Tabulation "T") Weight given is 1/2" uninsulated, solid #25 AWG gold plated copper pigtails
.335 (8.51) Max. L A THD. D DIA.
K
A THD A THD. R
A THD.
+
R S D DIA. L F L D DIA. S
+
D DIA.
H (TYP.)
F L
K
H (TYP.)
Plug
Receptacle Shell Size 7 only Plug Part Number by Shell Size MIK6-7P MIK6-55P A Thread 5/16-24UNF-2B 9/16-24UNF-2A
Plug
Receptacle Shell Size 55 only
D Max. .375 (9.52) .755 (19.18)
L Max. .315 (8.00) .460 (11.68)
Avg. Weight oz. (gm.) 5% .054 (1.54) .202 (5.72)
Receptacle Part Number A D F by Shell Size Thread .010 (0.25) Max. MIK0-7S 5/16-24UNF-2B .325 (8.26) .315 (8.00) MIK0-55S 9/16-24UNF-2A .625 (15.88) .440 (11.18) H .003 (0.08) .078 (1.98) .089 (2.26) K L .010 (0.25) Max. .062 (1.57) .355 (9.02) .100 (2.54) .495 (12.57) R .005 (0.13) .460 (11.68) .580 (14.73) S T Avg. Weight Max. Max. oz. (gm.) 5% .630 (16.00) .032 (0.81) .022 (.635) .760 (19.30) .062 (1.57) .134 (3.81)
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
45
Microminiature Circular - .050" Contact Spacing
Shell Dimensions (Continued)
MIKM (Rear Panel Mount Thickness .335 (8.51) max. - see Tabulation "T")
.3 3 5 (8 .5 1 ) M ax. A T H .D D D IA . S K
MIKM/MIKQ
L
AT H D AT H D R S D D IA . H (T Y P .) F L K AT H D
R
D D IA . L
D D IA .
H (T Y P .)
F L
Plug
Receptacle Shell Size 7 only Plug Part Number by Shell Size MIKM6-7P MIKM6-55P MIKM6-85P A Thread
Plug
Receptacle Shell Size 55 & 85
D Max. .375 (9.52) .775 (19.18) .860 (21.84)
L Max. .315 (8.00) .440 (11.18) .460 (11.68)
Avg. Weight _ oz. (gm.)+5% .054 (1.54) .333 (9.44) .419 (11.88)
5/16-24UNF-2A 5/8-24UNEF-2B 11/16-24UNEF-2B
Receptacle Part Number by Shell Size A Thread D F Max. .320 (8.13) .440 (11.18) .440 (11.18) H + .003 (0.08) _ .078 (1.98) .091 (2.31) .091 (2.31) K .062 (1.57) .062 (1.57) .062 (1.57) L Max. .400 (10.16) .490 (12.45) .490 (12.45) R + .005 (0.13) _ .460 (11.68) .580 (14.73) .674 (17.12) S Max. T Max. Avg. Weight oz. (gm.)+5% _ .051 (1.45) .269 (7.62) .346 (9.80)
MIKM0-7S 5/16-24UNF-2A .325 (8.26) MIKM0-55S 5/8-24UNEF-2A .625 (15.88) MIKM0-85S 11/16-24UNEF-2A .745 (18.92)
.630 (16.00) .032 (0.81) .760 (19.30) .125 (3.18) .845 (21.46) .125 (3.18)
MIKQ (Front Panel Mounting Type Shown-.093 (2.36) Thickness)
.950 (24.13) MAX. A DIA. MASTER KEY .760 (19.30) MAX. B DIA. 1.20 (30.48) MAX. FOR SIZE 37 ONLY C DIA. .043.005 (1.090.13) D THD. B
*
NUT A
C DIM. ACROSS FLAT
.093 (2.36) REF. .495 (12.67) MAX.
Plug Plug Part Number by Shell Size MIKQ6-7S MIKQ6-19S MIKQ6-37S
Receptacle
A MAX. .385 (9.78) .515 (13.08) .760 (19.30)
B MAX. .305 (7.75) .405 (10.29) .635 (16.13)
C Ref. .180 (4.57) .260 (6.60) .350 (8.89)
Avg. Weight oz. (gm.)5% .214 (6.08) .376 (10.70) .714 (20.23)
*Std. Conn. not supplied with Cable Nut & Grip, See Mod Codes.
Lanyard Relase Is Available. Consult factory.
Receptacle Part Number by Shell Size MIKQ6-7S MIKQ7-19P MIKQ7-37P
A MAX. .510 (12.95) .575 (14.60) .855 (21.71)
B MAX. .245 (6.22) .345 (8.76) .520 (13.20)
C MAX. .359 (9.12) .470 (11.94) .740 (18.80)
D Thread 3/8-32UNEF-2A 1/2-28UNEF-2A 3/4-20UNEF-2A
Avg. Weight oz. (gm.)5% .128 (3.63) .214 (6.08) .300 (8.52)
MIKQ Front Panel Mounting
Front Panel Mounting-MIKQ7
A
Shell Size MIKQ7-7P MIKQ7-19P MIKQ7-37P
B DIA.
A .005 (0.13) .364 (9.24) .475 (12.06) .740 (18.78)
B DIA. .390 (9.91) .515 (13.08) .755 (19.17)
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
46
Microminiature Circular - .050" Contact Spacing
Shell Dimensions (Continued)
MIKQ9-7P (Back Panel Mounting)
.043 .005 (1.09 0.13) KEY .250 .010 (6.35 0.25)
MIKQ
.245 (6.22) DIA. MAX. WIRE EXTENSION LENGTH
.415 .010 (10.54 0.25)
INSULATOR .570 (14.48) DIA. MAX. .485 (12.32) MAX. 7/16-28 UNEF-2A SHELL 1/2 HEX-NUT
Receptacle
MIKQ9-19P (Back Panel Mounting)
KEY .250 .010 (6.35 0.25) INSULATOR .043 .005 (1.09 0.13)
.525 .010 (13.33 0.25)
.345 (8.76) DIA. MAX.
.625 .010 (15.87 0.25) DIA.
9/16-24 UNEF-2A THREAD .485 (12.32) MAX.
5/8 HEX-NUT
.425 (10.79
+.015 -.000 +0.30 -0.00
)
Receptacle
MIKQ9-37P (Back Panel Mounting)
.250 .010 (6.35 0.25) SHELL .730 .010 (18.54 0.25) .665 MAX. (16.89) MAX. .043 .005 (1.09 0.13) .505 MAX. (12.83 MAX.)
3/4-20 UNEF-2A THREAD .885 MAX. (22.48 MAX.) 13/16 HEX NUT
INSULATOR .490 MAX. (12.45 MAX.)
Receptacle
MIKQ Rear Panel Mounting
A
B DIA.
Rear Panel Mounting-MIKQ9 A .005 (0.13) Shell Size MIKQ9-7P .425 (10.76) MIKQ9-19P .535 (13.58) MIKQ9-37P .740 (18.78)
B Dia. .440 (11.18) .564 (14.33) .755 (19.17)
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
47


▲Up To Search▲   

 
Price & Availability of MIKQ7-7PH001-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X