Part Number Hot Search : 
PP1DM S1201 32HDVA 89HR1KTR B1236A SDS20WM BL2000 MP7610BP
Product Description
Full Text Search
 

To Download MEB2-64PBR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro Edgeboard - .050" Contact Spacing
The Micro Edgeboard (MEB) connector series provides a combination of high density and high reliability for applications in airborne and space systems, computers and peripherals, and industrial /commercial control systems. This series incorporates the proven MICROPINTM/MICROSOCKETTM contact. This contact has an outstanding record of high reliability and millions of contacts are in use in various applications where electrical interconnects are used. The MEB has machined aluminum shells for ruggedness, diallyl phthalate insulator for top electrical performance and a 36-position polarization key system to prevent cross plug-
MEB
ging. Contacts are on .050 (1.27) center spacings. A variety of termination types are available, including 90 or right angle pigtails for multi-layered P.C. boards, "coke bottle" termination for double-sided P.C. boards. Harnessing capability is also available for both pin and socket sides. The MEB, including the SBR 90 or right angle variation available for multi-layer boards, can be mounted on the female (daughter) side of double or single-sided P.C. boards. The mating male (mother) board side can have the terminations formed to meet the application demands. Conforms to MIL-C-55302/120 thru 123. (not qualified)
Specifications
MATERIALS AND FINISHES TERMINATION TYPES Shell: 6061-T6 Aluminum Alloy per QQ-A-200/8 or QQ-A-225/8, electroless nickel per Consult factory for stranded wie lead modifications codes. SAE AMS-C-26074, Class 4, except .0010 to .0015 (0.03 to 0.04) thick or conversion coating per MIL-C-5541, Class 3, color gold. MECHANICAL FEATURES Contact, Pin and Socket: Copper Alloy, 50 microinch gold per ASTM B488, Type II, Code C, Class 1.25 Size or Length: 2 sizes Coupling: Friction/Jackscrew 303 stainless steel, passivated per QQ-P-35. Jackscew/Jackpost: r Shells, polarizing keys (36 positions) Polarization: Insulator: Glass-filled diallyl phthalate per MIL-M-14, Type SDG-F, color green Polyester per MIL-M-24519, Type GPT-30F , color black available for MEB-128 upon Contact Spacing Centers: .050 (1.27) request. Shell Styles: Plug and receptacle
How to Order
Not applicable for printed circuit board configurations shown on pages 55 & 56 R RoHS COMPLIANCE SERIES PREFIX CONTACT SPACING LAYOUT CONTACT TYPE TERMINATION MODIFICATIONS LEAD LENGTH OTHER MODIFICATIONS SERIES PREFIX MEB Micro edgeboard, plug with twist pin contacts or recept. with microsocket contacts. TERMINATION MODIFICATIONS LUninsulated solid wire HInsulated stranded round harness wire SSolder pots BR PC board right angle, socket side only LEAD LENGTH Consult factory for wire lead modification codes. OTHER MODIFICATIONS Consult factory MEB 1 - 128 P * * ***
CONTACT SPACING 1 - .050 (1.27) centers 128/184 2 - .100 (2.54) centers 64/92 (alternate contact holes) LAYOUT 64, 92, 128, 184 CONTACT TYPE P - Pin S - Socket
* For other contact spacing acommodations consult customer service. Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
54
Micro Edgeboard - .050" Contact Spacing
Plug (Mother Board)
MEB1-12BS
MEB
A
.050 (1.27)
B1 B
.050 (1.27)
A1
RETAINING PIN HOLES
C FH #24 AWG
.250 (6.35)
E .180 .005 (4.57 .13)
G D .0945 .0035 (2.40 .09) DIA. THRU .187 (4.75) X .045 (1.14) DEEP "C" BORE 2 PLACES "A" SIDE ONLY .187 (4.75) DIA. THRU "B"SIDE ONLY
Part No. 128S 128SBR
Weight oz. (gm.) Max. .5 (14.17) .5 (14.17)
A .015 (0.38) 3.950 (100.33)
B .010 (0.25) .250 (6.35)
C .010 (0.25) .400 (10.16)
D .010 (0.25) 3.700 (93.98)
E .010 (0.25) .300 (7.62)
F Max. .280 (7.11)
G* Max. .030 (0.76)
H .020 (0.51) .200 (5.08)
*Will accept up to .093 (2.36) thick P.C. Board with shell modifications.
Receptacle (Daughter Board)
MEB1-12BS
A
.050 (1.27)
B1 B
.050 (1.27)
A1
RETAINING PIN HOLES
C FH #24 AWG
.250 (6.35)
E .180 .005 (4.57 .13)
G D .0945 .0035 (2.40 .09) DIA. THRU .187 (4.75) X .045 (1.14) DEEP "C" BORE 2 PLACES "A" SIDE ONLY .187 (4.75) DIA. THRU "B"SIDE ONLY
Part No. 128S 128SBR
Weight A oz. (gm.) Max. .015 (0.38) .5 (14.17) 3.950 (100.33) .5 (14.17)
B .010 (0.25) .250 (6.35)
C .010 (0.25) .400 (10.16)
D .010 (0.25) 3.700 (93.98)
E .010 (0.25) .300 (7.62)
F Max. .280 (7.11)
G* Max. .030 (0.76)
H .020 (0.51) .200 (5.08)
*Will accept up to .093 (2.36) thick P.C. Board with shell modifications.
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
55
Micro Edgeboard - .050" Contact Spacing
Plug (Mother Board)
MEB1-184P
B2 B1 C
MEB
A C A1
.0945 + .0035 _ (2.40 + 0.09) _ 3 PLACES
B .075 (1.91) A2 A1
RETAINING PIN HOLES
.050 (1.27) TYP
B1
D
H #25 AWG (MEB1-184P) or
G F TYP E
.075 (1.91) .075 (1.91) TYP.
Part No. 184P
Weight oz. (gm.) Max. 1.0 (28.35)
A +.015 (0.38) _ 5.800 (147.32)
B +.010 (0.25) _ .343 (8.71)
C +.005 (0.13) _ 2.775 (70.49)
D +.010 (0.25) _ .400 (10.16)
E +.010 (0.25) _ .250 (6.35)
F +.010 (0.25) _ .280 (7.11)
G +.025 (0.64) _ .350 (8.89)
H +.025 (0.64) _ .275 (6.99)
Receptacle (Daughter Board)
MEB1-184S
.050 (1.27) TYP. A A1 C C
C
B
.075 (1.91)
B1
RETAINING PIN HOLES
.250 (6.35)
D
FH
#24 AWG
E .180 .005 (4.57 0.13)
G .0945 .0035 (2.40 .09) DIA. THRU .187 (4.75) X .075 (1.91) DEEP "C" BORE 3 PLACES-A SIDE ONLY. .187 (4.75) DIA. 3 PLACES-B SIDE ONLY
J
Part No. 184S 184SBR
Weight oz. (gm.) Max.
A .015 (0.38)
B .010 (0.25) .343 (8.71)
C .005 (0.13) 2.775 (70.49)
D .010 (0.25) .400 (10.16)
E .010 (0.25)
F Max.
G Max. .030 (0.76)
H .020 (0.51) .200 (5.08)
J .010 (0.25) .250 (6.35)
1.0 (28.35) 5.800 (147.32) 1.0 (28.35)
.300 (7.62) .280 (7.11)
All round pigtail #25 AWG wire termination designs available for the MEB1-12B receptacle will apply on the MEB1-184 series also. *Will accept up to .093 (2.36) thick P.C. Board with shell modifications. Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
56
Micro Edgeboard - .050" Contact Spacing
PC Board Right Angle
MEB1-128SBR
.075 (1.91) .050 (1.27) B6 B4 B2 B7 .150 (3.81) .075 (1.91) .100 (2.54) .275 (6.99) B1 .110 (2.79) MIN.
MEB
ROW B EVEN* ROW B ODD*
A6 A2 A7 A5 A3 A1 .180 (4.57)
ROW A EVEN* ROW A ODD*
PC BOARD B1
.100 (2.54) 3 PLACES
A1
Keying Accessory - Key and Retaining Pin
Polarizing Hardware Kit MEB-128-P/N 320-9514-003 MEB-184-P/N 320-9514-002 Contains 2 polarizing keys and 4 spiral pins.
E A .029 (0.74) DIA. MAX. .034 .001 (0.86 0.03)
MEB-184 P/N 980-0004-129
#2-56 UNC-2B THREAD .029 (0.74) DIA. MAX. .034 .001 (0.86 0.03)
B
C .186 .003 HEX. (4.72 0.08) .106 .003 (2.69 0.08) DIA.
D
P/N 201-9509-000 A .003 (0.08) .081 (2.06) B .005 (0.13) .325 (8.26) C .003 (0.08) .089 (2.26)
MEB-128 P/N 980-0003-879 D .010 (0.25) .250 (6.35) E .010 (0.25) .313 (7.95)
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
57
Micro Edgeboard - .050" Contact Spacing
Jackscrew/ Jackpost Assembly (MEB 64 & 128 Sizes Only)
Jackpost Kit MEB plug or receptacle-P/N 320-9514-001 Contains 2 bushings and 4 spirals pins Jackscrew Kit MEB plug-P/N 320-9521-001 MEB receptacle-P/N 320-9521-000 Contains 2 jackscrew assemblies
RETAINING PIN JACKPOST
JACKPOST
MEB
RECEPTACLE CONNECTOR
RETAINING PIN
PLUG CONNECTOR
.260 (6.60) MAX. #2-56 UNC-2A THREAD WASHER [.032 (0.81) THK] RETAINING PIN .270 (6.86) MAX. .045 (1.14) REF. JACKSCREW ASSEMBLY
#2-56 UNC-2A THREAD
.790 .010 20.07 0.25)
RETAINING PIN
WASHER [.022 (0.56) thk] JACKSCREW ASSEMBLY
Plug with Jackscrew
Receptacle with Jackscrew
Special Variations
Alternative Receptacle Configuration
.016 (0.41) DIA. 4-40 UNC-THD THRU HOLE
.200 (5.08) MIN.
.275 (6.99)
.100 (2.54) 31 PLACES
.580 (14.73)
.285 (7.24) MAX. .110 (2.79) 2 PLACES .060 (1.52) .030 (0.76) .125 + .010 _ _ (3.18 + 0.25) 2 PLACES
.250 (6.35)
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
58


▲Up To Search▲   

 
Price & Availability of MEB2-64PBR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X