|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MC10E158, MC100E158 5V ECL 5-Bit 2:1 Multiplexer Description The MC10E/100E158 contains five 2:1 multiplexers with differential outputs. The output data are controlled by the Select input (SEL). The 100 Series contains temperature compensation. Features http://onsemi.com * * * * * * * * * * * * * 600 ps Max. D to Output 800 ps Max. SEL to Output Differential Outputs One VCCO Pin Per Output Pair PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V NECL Mode Operating Range: VCC = 0 V with VEE = -4.2 V to -5.7 V Internal Input 50 kW Pulldown Resistors ESD Protection: Human Body Model; > 2 kV, Machine Model; > 200 V Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test Moisture Sensitivity Level: Pb = 1 Pb-Free = 3 For Additional Information, see Application Note AND8003/D Flammability Rating: UL 94 V-0 @ 0.125 in, Oxygen Index: 28 to 34 Transistor Count = 126 devices Pb-Free Packages are Available* PLCC-28 FN SUFFIX CASE 776 MARKING DIAGRAM* 1 MCxxxE158FNG AWLYYWW xxx A WL YY WW G = 10 or 100 = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package *For additional marking information, refer to Application Note AND8002/D. ORDERING INFORMATION See detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. (c) Semiconductor Components Industries, LLC, 2006 1 December, 2006 - Rev. 9 Publication Order Number: MC10E158/D MC10E158, MC100E158 D4a 25 D4b D2a D2b VEE SEL D0a D0b 26 27 28 1 2 3 4 5 D1a 6 7 8 9 10 11 D3b 24 D3a VCCO Q4 23 22 21 Q4 20 VCCO 19 18 17 16 Q3 Q3 VCC Q2 Q2 VCCO Q1 D3a D3b D4a D4b MUX SEL MUX SEL Q3 Q3 Q4 Q4 D0a D0b D1a D1b D2a D2b MUX SEL MUX SEL MUX SEL Q0 Q0 Q1 Q1 Q2 Q2 Pinout: 28-Lead PLCC (Top View) 15 14 13 12 D1b VCCO Q0 Q0 VCCO Q1 * All VCC and VCCO pins are tied together on the die. Warning: All VCC, VCCO, and VEE pins must be externally connected to Power Supply to guarantee proper operation. SEL Figure 2. Logic Diagram Figure 1. 28-Lead Pinout Table 1. PIN DESCRIPTION PIN D0a - D4a D0b - D4b Q0 - Q4 Q0 - Q4 SEL VCC, VCCO VEE FUNCTION ECL Input Data a ECL Input Data b ECL True Outputs ECL Inverted Outputs ECL Select Input Positive Supply Negative Supply Table 2. Logic Diagram SEL H L Data a b http://onsemi.com 2 MC10E158, MC100E158 Table 3. MAXIMUM RATINGS Symbol VCC VI Iout TA Tstg qJA qJC Tsol Parameter PECL Mode Power Supply PECL Mode Input Voltage NECL Mode Input Voltage Output Current Operating Temperature Range Storage Temperature Range Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Wave Solder Pb Pb-Free 0 lfpm 500 lfpm Standard Board PLCC-28 PLCC-28 PLCC-28 Condition 1 VEE = 0 V VEE = 0 V VCC = 0 V Continuous Surge VI v VCC VI w VEE Condition 2 Rating 8 6 -6 50 100 0 to +85 -65 to +150 63.5 43.5 22 to 26 265 265 Unit V V V mA mA C C C/W C/W C/W C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. Table 4. 10E SERIES PECL DC CHARACTERISTICS VCC = 5.0 V, VEE = 0.0 V (Note 1) 0C Symbol IEE VOH VOL VIH VIL IIH Characteristic Power Supply Current Output HIGH Voltage (Note 2) Output LOW Voltage (Note 2) Input HIGH Voltage Input LOW Voltage Input HIGH Current D SEL IIL Input LOW Current 0.5 0.3 200 150 0.5 0.25 200 150 0.3 0.2 200 150 3980 3050 3830 3050 Min Typ 33 4070 3210 3995 3285 Max 40 4160 3370 4160 3520 4020 3050 3870 3050 Min 25C Typ 33 4105 3210 4030 3285 Max 40 4190 3370 4190 3520 4090 3050 3940 3050 Min 85C Typ 33 4185 3227 4110 3302 Max 40 4280 3405 4280 3555 Unit mA mV mV mV mV mA mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.06 V. 2. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. http://onsemi.com 3 MC10E158, MC100E158 Table 5. 10E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = -5.0 V (Note 3) 0C Symbol IEE VOH VOL VIH VIL IIH Characteristic Power Supply Current Output HIGH Voltage (Note 4) Output LOW Voltage (Note 4) Input HIGH Voltage Input LOW Voltage Input HIGH Current D SEL IIL Input LOW Current 0.5 0.3 200 150 0.5 0.065 200 150 0.3 0.2 200 150 -1020 -1950 -1170 -1950 Min Typ 33 -930 -1790 -1005 -1715 Max 40 -840 -1630 -840 -1480 -980 -1950 -1130 -1950 Min 25C Typ 33 -895 -1790 -970 -1715 Max 40 -810 -1630 -810 -1480 -910 -1950 -1060 -1950 Min 85C Typ 33 -815 -1773 -890 -1698 Max 40 -720 -1595 -720 -1445 Unit mA mV mV mV mV mA mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 3. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.06 V. 4. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. Table 6. 100E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V (Note 5) 0C Symbol IEE VOH VOL VIH VIL IIH Characteristic Power Supply Current Output HIGH Voltage (Note 6) Output LOW Voltage (Note 6) Input HIGH Voltage Input LOW Voltage Input HIGH Current D SEL IIL Input LOW Current 0.5 0.3 200 150 0.5 0.25 200 150 0.5 0.2 200 150 3975 3190 3835 3190 Min Typ 33 4050 3295 3975 3355 Max 40 4120 3380 4120 3525 3975 3190 3835 3190 Min 25C Typ 33 4050 3255 3975 3355 Max 40 4120 3380 4120 3525 3975 3190 3835 3190 Min 85C Typ 38 4050 3260 3975 3355 Max 46 4120 3380 4120 3525 Unit mA mV mV mV mV mA mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.8 V. 6. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. http://onsemi.com 4 MC10E158, MC100E158 Table 7. 100E SERIES NECL DC CHARACTERISTICS VCCx = 0 V; VEE = -5.0 V (Note 7) 0C Symbol IEE VOH VOL VIH VIL IIH Characteristic Power Supply Current Output HIGH Voltage (Note 8) Output LOW Voltage (Note 8) Input HIGH Voltage Input LOW Voltage Input HIGH Current D SEL IIL Input LOW Current 0.5 0.3 200 150 0.5 0.25 200 150 0.5 0.2 200 150 -1025 -1810 -1165 -1810 Min Typ 33 -950 -1705 -1025 -1645 Max 40 -880 -1620 -880 -1475 -1025 -1810 -1165 -1810 Min 25C Typ 33 -950 -1745 -1025 -1645 Max 40 -880 -1620 -880 -1475 -1025 -1810 -1165 -1810 Min 85C Typ 38 -950 -1740 -1025 -1645 Max 46 -880 -1620 -880 -1475 Unit mA mV mV mV mV mA mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 7. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.8 V. 8. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. Table 8. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = -5.0 V (Note 9) 0C Symbol fMAX tPLH tPHL tSKEW tJITTER tr tf Characteristic Maximum Toggle Frequency Propagation Delay to Output D SEL Within-Device Skew (Note 10) Random Clock Jitter (RMS) Rise/Fall Time (20 - 80%) 275 250 450 500 700 60 <1 425 650 275 650 825 250 450 500 700 60 <1 425 650 275 650 825 250 450 500 700 60 <1 425 650 650 825 ps ps ps Min 700 Typ 1100 Max Min 700 25C Typ 1100 Max Min 700 85C Typ 1100 Max Unit MHz ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 9. 10 Series: VEE can vary -0.46 V / +0.06 V. 100 Series: VEE can vary -0.46 V / +0.8 V. 10. Within-device skew is defined as identical transitions on similar paths through a device. http://onsemi.com 5 MC10E158, MC100E158 Zo = 50 W Q Driver Device Q D Receiver Device Zo = 50 W 50 W 50 W D VTT VTT = VCC - 2.0 V Figure 3. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D - Termination of ECL Logic Devices.) ORDERING INFORMATION Device MC10E158FN MC10E158FNG MC10E158FNR2 MC10E158FNR2G MC100E158FN MC100E158FNG MC100E158FNR2 MC100E158FNR2G Package PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) Shipping 37 Units / Rail 37 Units / Rail 500 / Tape & Reel 500 / Tape & Reel 37 Units / Rail 37 Units / Rail 500 / Tape & Reel 500 / Tape & Reel For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. Resource Reference of Application Notes AN1405/D AN1406/D AN1503/D AN1504/D AN1568/D AN1672/D AND8001/D AND8002/D AND8020/D AND8066/D AND8090/D - ECL Clock Distribution Techniques - Designing with PECL (ECL at +5.0 V) - ECLinPSt I/O SPiCE Modeling Kit - Metastability and the ECLinPS Family - Interfacing Between LVDS and ECL - The ECL Translator Guide - Odd Number Counters Design - Marking and Date Codes - Termination of ECL Logic Devices - Interfacing with ECLinPS - AC Characteristics of ECL Devices http://onsemi.com 6 MC10E158, MC100E158 PACKAGE DIMENSIONS PLCC-28 FN SUFFIX PLASTIC PLCC PACKAGE CASE 776-02 ISSUE E B -N- Y BRK U D Z -L- -M- 0.007 (0.180) M T L-M M S N S S 0.007 (0.180) T L-M N S W 28 1 D X VIEW D-D G1 V 0.010 (0.250) S T L-M S N S A Z R C 0.007 (0.180) 0.007 (0.180) E M M T L-M T L-M S S N N S S H 0.007 (0.180) M T L-M S N S K1 0.004 (0.100) -T- SEATING PLANE G G1 0.010 (0.250) S J K F VIEW S 0.007 (0.180) M VIEW S T L-M S T L-M S N S N S NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635). DIM A B C E F G H J K R U V W X Y Z G1 K1 INCHES MIN MAX 0.485 0.495 0.485 0.495 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --- 0.025 --- 0.450 0.456 0.450 0.456 0.042 0.048 0.042 0.048 0.042 0.056 --- 0.020 2_ 10_ 0.410 0.430 0.040 --- MILLIMETERS MIN MAX 12.32 12.57 12.32 12.57 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --- 0.64 --- 11.43 11.58 11.43 11.58 1.07 1.21 1.07 1.21 1.07 1.42 --- 0.50 2_ 10_ 10.42 10.92 1.02 --- http://onsemi.com 7 MC10E158, MC100E158 ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC). ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative http://onsemi.com 8 MC10E158/D |
Price & Availability of MC100E158FN |