Part Number Hot Search : 
MIP3E 025BSE TOP260EN C2310 2N6349AG 8K27M3LF M27C2 H2920
Product Description
Full Text Search
 

To Download MC100E111FN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10E111, MC100E111 5V ECL 1:9 Differential Clock Driver
Description
The MC10E/100E111 is a low skew 1-to-9 differential driver, designed with clock distribution in mind. It accepts one signal input, which can be either differential or else single-ended if the VBB output is used. The signal is fanned out to 9 identical differential outputs. An enable input is also provided. A HIGH disables the device by forcing all Q outputs LOW and all Q outputs HIGH. The device is specifically designed, modeled and produced with low skew as the key goal. Optimal design and layout serve to minimize gate to gate skew within-device, and empirical modeling is used to determine process control limits that ensure consistent t pd distributions from lot to lot. The net result is a dependable, guaranteed low skew device. The lowest TPD delay time results from terminating only one output pair, and the greatest TPD delay time results from terminating all the output pairs. This shift is about 10 - 20 pS in TPD. The skew between any two output pairs within a device is typically about 25 nS. If other output pairs are not terminated, the lowest TPD delay time results from both output pairs and the skew is typically 25 nS. When all outputs are terminated, the greatest TPD (delay time) occurs and all outputs display about the same 10 - 20 pS increase in TPD, so the relative skew between any two output pairs remains about 25 nS. The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01 mF capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open. The 100 Series contains temperature compensation.
Features
http://onsemi.com
PLCC-28 FN SUFFIX CASE 776
MARKING DIAGRAM*
1
MCxxxE111G AWLYYWW
xxx A WL YY WW G
= 10 or 100 = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
*For additional marking information, refer to Application Note AND8002/D.
* * * * * * * *
Guaranteed Skew Spec Differential Design VBB Output PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V NECL Mode Operating Range: VCC = 0 V with VEE = -4.2 V to -5.7 V Internal Input 50 KW Pulldown Resistors ESD Protection: Human Body Model; > 3 kV Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet.
* Moisture Sensitivity Level:
* * *
Pb = 1 Pb-Free = 3 For Additional Information, see Application Note AND8003/D Flammability Rating: UL 94 V-0 @ 0.125 in, Oxygen Index: 28 to 34 Transistor Count = 178 devices Pb-Free Packages are Available*
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
November, 2006 - Rev. 16
1
Publication Order Number: MC10E111/D
MC10E111, MC100E111
Q0 25 VEE EN IN VCC IN VBB NC 26 27 28 1 2 3 4 5 Q8 6 Q8 7 8 9 Q7 10 Q6 11 Q6 Q0 24 Q1 VCCO Q1 23 22 21 Q2 20 Q2 19 18 17 16 Q3 Q3 Q4 VCCO Q4 Q5 Q5
Table 1. PIN DESCRIPTION
PIN IN, IN EN Q0, Q0-Q8, Q8 VBB VCC, VCCO VEE NC FUNCTION ECL Differential Input Pair ECL Enable ECL Differential Outputs Reference Voltage Output Positive Supply Negative Supply No Connect
Pinout: 28-Lead PLCC (Top View)
15 14 13 12
Q7 VCCO
* All VCC and VCCO pins are tied together on the die. Warning: All VCC, VCCO, and VEE pins must be externally connected to Power Supply to guarantee proper operation.
Figure 1. 28-Lead Pinout
Q0 Q0 Q1 Q1 Q2 Q2 Q3 Q3 IN IN EN Q4 Q4 Q5 Q5 Q6 Q6 Q7 Q7 Q8 VBB Q8
Figure 2. Logic Symbol
http://onsemi.com
2
MC10E111, MC100E111
Table 2. MAXIMUM RATINGS
Symbol VCC VI Iout IBB TA Tstg qJA qJC Tsol Parameter PECL Mode Power Supply PECL Mode Input Voltage NECL Mode Input Voltage Output Current VBB Sink/Source Operating Temperature Range Storage Temperature Range Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Wave Solder Pb Pb-Free 0 lfpm 500 lfpm Standard Board PLCC-28 PLCC-28 PLCC-28 Condition 1 VEE = 0 V VEE = 0 V VCC = 0 V Continuous Surge VI v VCC VI w VEE Condition 2 Rating 8 6 -6 50 100 $0.5 -40 to +85 -65 to +150 63.5 43.5 22 to 26 265 265 Unit V V V mA mA mA C C C/W C/W C/W C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
http://onsemi.com
3
MC10E111, MC100E111
Table 3. 10E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V (Note 1)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 2) Output LOW Voltage (Note 2) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 3) Input HIGH Current Input LOW Current 0.5 3920 3050 3870 3050 3.6 3.4 Min Typ 41 4030 3230 4030 3285 Max 60 4110 3350 4190 3520 3.73 4.6 150 0.5 0.25 4020 3050 3870 3050 3.65 3.4 Min 25C Typ 42 4105 3210 4030 3285 Max 60 4190 3370 4190 3520 3.75 4.6 150 0.3 0.2 4090 3050 3940 3050 3.69 3.4 Min 85C Typ 43 4185 3227 4110 3302 Max 60 4280 3405 4280 3555 3.90 4.6 150 Unit mA mV mV mV mV V V mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.06 V. 2. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. 3. VIHCMR min and max vary 1:1 with VCC.
Table 4. 10E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = -5.0 V (Note 4)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Characteristic Power Supply Current Output HIGH Voltage (Note 5) Output LOW Voltage (Note 5) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 6) Input HIGH Current Input LOW Current 0.5 -1080 -1950 -1130 -1950 -1.40 -1.6 Min Typ 41 -970 -1770 -970 -1715 Max 60 -890 -1650 -810 -1480 -1.27 -0.4 -980 -1950 -1130 -1950 -1.35 -1.6 Min 25C Typ 42 -895 -1790 -970 -1715 Max 60 -810 -1630 -810 -1480 -1.25 -0.4 -910 -1950 -1060 -1950 -1.31 1.6 Min 85C Typ 43 -815 -1773 -890 -1698 Max 60 -720 -1595 -720 -1445 -1.19 -0.4 Unit mA mV mV mV mV V V
IIH IIL
150 0.5 0.065
150 0.3 0.2
150
mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 4. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.06 V. 5. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. 6. VIHCMR min and max vary 1:1 with VCC.
http://onsemi.com
4
MC10E111, MC100E111
Table 5. 100E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V (Note 7)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 8) Output LOW Voltage (Note 8) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 9) Input HIGH Current Input LOW Current 0.5 3975 3190 3835 3190 3.64 3.4 Min Typ 40 4020 3300 3975 3355 Max 60 4120 3380 4120 3525 3.75 4.6 150 0.5 0.25 3975 3190 3835 3190 3.62 3.4 Min 25C Typ 45 4020 3300 3975 3355 Max 60 4120 3380 4120 3525 3.74 4.6 150 0.5 0.2 3975 3190 3835 3190 3.62 3.4 Min 85C Typ 50 4020 3300 3975 3355 Max 69 4120 3380 4120 3525 3.74 4.6 150 Unit mA mV mV mV mV V V mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 7. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.8 V. 8. Outputs are terminated through a 50 W resistor to VCC - 2.0 V 9. VIHCMR min and max vary 1:1 with VCC.
Table 6. 100E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = -5.0 V (Note 10)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Characteristic Power Supply Current Output HIGH Voltage (Note 11) Output LOW Voltage (Note 11) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 12) Input HIGH Current Input LOW Current 0.5 -1025 -1810 -1165 -1810 -1.38 -1.6 Min Typ 40 -980 -1700 -1025 -1645 Max 60 -880 -1620 -880 -1475 -1.25 -0.4 -1025 -1810 -1165 -1810 -1.38 -1.6 Min 25C Typ 45 -980 -1700 -1025 -1645 Max 60 -880 -1620 -880 -1475 -1.26 -0.4 -1025 -1810 -1165 -1810 -1.38 -1.6 Min 85C Typ 50 -980 -1700 -1025 -1645 Max 69 -880 -1620 -880 -1475 -1.26 -0.4 Unit mA mV mV mV mV V V
IIH IIL
150 0.5 0.25
150 0.5 0.2
150
mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 10. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.8 V. 11. Outputs are terminated through a 50 W resistor to VCC - 2.0 V 12. VIHCMR min and max vary 1:1 with VCC.
http://onsemi.com
5
MC10E111, MC100E111
Table 7. AC CHARACTERISTICS VCCx = 5.0 V; VEE= 0.0 V or VCCx = 0.0 V; VEE= -5.0 V (Note 13)
-40C Symbol fMAX tPLH tPHL Characteristic Maximum Toggle Frequency Propagation Delay to Output IN (Diff) (Note 14) IN (SE) (Note 15) Enable (Note 16) Disable (Note 16) Setup Time (Note 17) Hold Time (Note 18) Release Time (Note 19) EN to IN IN to EN EN to IN 430 380 400 400 250 50 350 0 -200 100 25 <1 50 250 450 650 75 <2 50 275 375 600 Min Typ 800 630 680 900 900 430 380 450 450 200 0 300 0 -200 100 25 <1 50 <2 50 275 375 600 Max Min 25C Typ 800 630 680 850 850 430 380 450 450 200 0 300 0 -200 100 25 <1 50 <2 Max Min 85C Typ 800 630 680 850 850 ps ps ps ps ps mV ps Max Unit MHz ps
ts tH tR tskew tJITTER VPP tr, tf
Within-Device Skew (Note 20) Random Clock Jitter (RMS) Minimum Input Swing Rise/Fall Time
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 13. 10 Series: VEE can vary -0.46 V / +0.06 V. 100 Series: VEE can vary -0.46 / +0.8 V. 14. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the differential output signals. 15. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal. 16. Enable is defined as the propagation delay from the 50% point of a negative transition on EN to the 50% point of a positive transition on Q (or a negative transition on Q). Disable is defined as the propagation delay from the 50% point of a positive transition on EN to the 50% point of a negative transition on Q (or a positive transition on Q). 17. The setup time is the minimum time that EN must be asserted prior to the next transition of IN/IN to prevent an output response greater than $75 mV to that IN/IN transition (Figure 3). 18. The hold time is the minimum time that EN must remain asserted after a negative going IN or a positive going IN to prevent an output response greater than $75 mV to that IN/IN transition (Figure 4). 19. The release time is the minimum time that EN must be deasserted prior to the next IN/IN transition to ensure an output response that meets the specified IN to Q propagation delay and output transition times (Figure 5). 20. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device.
IN IN ts EN Q Q 75mV 50% 75mV
IN IN th 50%
IN IN tr 50%
EN Q Q
75mV
EN Q Q
75mV
Figure 3. Setup Time
Figure 4. Hold Time
Figure 5. Release Time
http://onsemi.com
6
MC10E111, MC100E111
900 800 700 VOUTpp (mV) 600 500 400 300 200 100 0 9 8 7 6 5 4 3 2 1 JITTER OUT ps (RMS)
Driver Device Q Zo = 50 W 50 W 50 W D
Figure 7. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D - Termination of ECL Logic Devices.)
EEEEEEE E E EEEEEEEEEEEEEEEE EEE E EEEEEEEE EE EEEEEEEEE EE
(JITTER) 0 300 600 900 1200 1500 1800 2100 2400 FREQUENCY (MHz)
Figure 6. Fmax/Jitter
Q
Zo = 50 W
D Receiver Device
VTT VTT = VCC - 2.0 V
http://onsemi.com
7
MC10E111, MC100E111
ORDERING INFORMATION
Device MC10E111FN MC10E111FNG MC10E111FNR2 MC10E111FNR2G MC100E111FN MC100E111FNG MC100E111FNR2 MC100E111FNR2G Package PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) Shipping 37 Units / Rail 37 Units / Rail 500 / Tape & Reel 500 / Tape & Reel 37 Units / Rail 37 Units / Rail 500 / Tape & Reel 500 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D AN1406/D AN1503/D AN1504/D AN1568/D AN1672/D AND8001/D AND8002/D AND8020/D AND8066/D AND8090/D - ECL Clock Distribution Techniques - Designing with PECL (ECL at +5.0 V) - ECLinPSt I/O SPiCE Modeling Kit - Metastability and the ECLinPS Family - Interfacing Between LVDS and ECL - The ECL Translator Guide - Odd Number Counters Design - Marking and Date Codes - Termination of ECL Logic Devices - Interfacing with ECLinPS - AC Characteristics of ECL Devices
http://onsemi.com
8
MC10E111, MC100E111
PACKAGE DIMENSIONS
PLCC-28 FN SUFFIX PLASTIC PLCC PACKAGE CASE 776-02 ISSUE E
Y BRK D Z -L- -M- B 0.007 (0.180) U
M
T L-M
M
S
N
S S
-N-
0.007 (0.180)
T L-M
N
S
W
28 1
D
V
X VIEW D-D
G1
0.010 (0.250)
S
T L-M
S
N
S
A Z R E G G1 0.010 (0.250)
S
0.007 (0.180) 0.007 (0.180)
M M
T L-M T L-M
S S
N N
S S
H
0.007 (0.180)
M
T L-M
S
N
S
C
K1 0.004 (0.100) -T- SEATING
PLANE
J
K F VIEW S 0.007 (0.180)
M
VIEW S T L-M
S
T L-M
S
N
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.485 0.495 0.485 0.495 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --- 0.025 --- 0.450 0.456 0.450 0.456 0.042 0.048 0.042 0.048 0.042 0.056 --- 0.020 2_ 10_ 0.410 0.430 0.040 ---
MILLIMETERS MIN MAX 12.32 12.57 12.32 12.57 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --- 0.64 --- 11.43 11.58 11.43 11.58 1.07 1.21 1.07 1.21 1.07 1.42 --- 0.50 2_ 10_ 10.42 10.92 1.02 ---
http://onsemi.com
9
MC10E111, MC100E111
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
10
MC10E111/D


▲Up To Search▲   

 
Price & Availability of MC100E111FN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X