Part Number Hot Search : 
M41ST ANALO PC102 EMC1201 P1504UC 09032 MCP1661 00222
Product Description
Full Text Search
 

To Download M62203FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M62203FP
3.3 V, 2.7 V Two-Channel Fixed-Output General-Purpose DC-DC Converter
REJ03F0094-0100Z Rev.1.0 Sep.19.2003
Description
The M62203FP is an integrated circuit developed as a two-channel (3.3 V and 2.7 V) fixed-output general-purpose DCDC converter. Peripheral elements are incorporated in a small 8-pin package, enabling peripheral circuitry to be simplified, and compact, low-cost set design to be achieved. In addition, the M62203FP has an on-chip reset circuit that monitors power supply voltage VCC (5 V) and output voltage Vout (3.3 V), enabling erroneous system operation to be prevented.
Features
* * * * * Wide operating power supply voltage range: 4 to 15 V (5 V Typ.) Low current dissipation: 1.0 mA (VCC = 5 V, no load) On-chip 5 V, 3.3 V dual voltage system detection reset circuitry On-chip oscillation circuit not requiring peripheral elements (110 kHz Typ.) 8-pin SOP package
Applications
General electronic products such as mobile and portable devices
Pin Configuration (Top View)
Cout1 GND Cout2 Vcc 1 2 3 4 8 7 6 5 IN1 RESET Cd IN2
Package: 8P2S-A
M62203FP
Rev.1.0, Sep.19.2003, page 1 of 11
M62203FP
Block Diagram
Vcc 4 Cd 6
IN1; 3.3V 25A
Reference voltage 1.25V
7 RESET
comp.
(3.3 V detection)
comp.
(5 V detection)
Oscillato (110kHz)
0.6A Vcc
Cout1 1
3 Cout2
PWM comp. op amp op amp
PWM comp.
8 IN1(3.3V)
5 IN2(2.7V)
2 GND
Absolute Maximum Ratings
Unless specified otherwise noted, Ta = 25C)
Item Power supply voltage DC-DC converter block output drive current Reset circuit block output inflow current Internal power consumption Thermal reduction ratio Operating ambient temperature Storage temperature Symbol Vcc Io IoRESET Pd K Topr Tstg Ratings 16 30 6 440 4.4 -20 to +85 -40 to +125 Unit V mA mA mW mW/C C C ch1, ch2 Ta = 25C Ta > 25C Conditions
Rev.1.0, Sep.19.2003, page 2 of 11
M62203FP
Electrical Characteristics
(Unless specified otherwise noted, VCC = 5 V, Ta = 25C)
Block All blocks Item Power supply voltage range Current dissipation Symbol Vcc Icc Vo1 Vo2 Vreg-L Iin Iin fosc TDUTY ICL Vsat Limits Min. 4.0 3.15 2.57 65 -1 Typ. 5.0 1.0 3.30 2.70 5 150 100 110 90 1.2 Max. 15 1.5 3.45 2.83 15 450 300 160 1 2.0 Unit V mA V mV A A KHz % V V Io = 10 mA, Darlington connection type VCC = 5 V detection Ch1 output (3.3 V) detection No output load Ch1 output Ch2 output Test Conditions
DC-DC converter block Error amp Output voltage Line regulation Input current 1 Input current 2 Oscillator Output Oscillation frequency Maximum on-duty Output leakage current Output saturation voltage Reset block Reset circuit
Detection voltage 1 Hysteresis voltage 1 Detection voltage 2 Hysteresis voltage 2 Delay constant current Delay time Output constant current Output low voltage Output high voltage
Vs1 Vs1 Vs2 Vs2 IPD tpd IOC VOL VOH
3.8 30 2.57 30 -1.1 5 -40 0.8Vo1
4.0 50 2.70 50 -0.6 10 -25
4.2 80 2.83 80 -0.3 20 -17 0.2Vo1
mV V mV A msec A A V V
Cd = 4700pF Vcc = 5V, Vo = 1/2 x Vcc IoRESET = 4mA
Rev.1.0, Sep.19.2003, page 3 of 11
M62203FP
Electrical Characteristic Curves
Thermal Reduction Curve (Maximum Rating) Circuit Current - Power Supply Voltage Characteristic
Internal Power Consumption Pd (mW)
600
1.6
Circuit Current ICC (mA)
0 25 50 75 100 125
500 400 300 200 100 0 Ambient Temperature Ta (C) Output Voltage 1 - Power Supply Voltage Characteristic
1.4 1.2 1.0 0.8 0.6 0.4 2 4 6 8 10 12 14 16 18
Power Supply Voltage VCC (V) Output Voltage 2 - Power Supply Voltage Characteristic
3.40
Output Voltage 1 Vout1 (V) Output Voltage 2 Vout2 (V)
2.80
3.35
2.75
3.30
2.70
3.25
2.65
3.20 2 4 6 8 10 12 14 16 18
Power Supply Voltage VCC (V) IN1 Pin Input Current - Power Supply Voltage Characteristic 300
2.60 2 4 6 8 10 12 14 16 18
Power Supply Voltage VCC (V) IN2 Pin Input Current - Power Supply Voltage Characteristic
IN1 Pin Input Current Iin1 (A)
IN2 Pin Input Current Iin2 (A)
200
250 200 150 100 50 2 4 6 8 10 12 14 16 18
Power Supply Voltage VCC (V)
150
100
50
0 2 4 6 8 10 12 14 16 18
Power Supply Voltage VCC (V)
Rev.1.0, Sep.19.2003, page 4 of 11
M62203FP
Oscillation Frequency - Power Supply Voltage Characteristic
Oscillation Frequency fosc (kHz)
Maximum On-Duty 1 - Power Supply Voltage Characteristic
160 150 140 130 120 110 100 2 4 6 8 10 12 14 16 18
Power Supply Voltage VCC (V) Maximum On-Duty 2 - Power Supply Voltage Characteristic
Detection Voltage 2 Vs2 (V) Maximum On-Duty 1 (%)
95
90
85
80
75 2 4 6 8 10 12 14 16 18
Power Supply Voltage VCC (V) Detection Voltage 2 - Power Supply Voltage Characteristic
95
Maximum On-Duty 2 (%)
2.84 2.80 2.76 2.72 2.68 2.64 2.60 2.56
90
85
80
75 2 4 6 8 10 12 14 16 18
2
4
6
8 10 12 14 16 18
Power Supply Voltage VCC (V) Hysteresis Voltage 2 - Power Supply Voltage Characteristic
Power Supply Voltage VCC (V) Cd Pin Outflow Current - Power Supply Voltage Characteristic
Hysteresis Voltage 2 Vs2 (mV)
100 80 60 40 20 0
Cd Pin Outflow Current IPD (A)
1.0 0.9 0.8 0.7 0.6 0.5 2 4 6 8 10 12 14 16 18
2
4
6
8 10 12 14 16 18
Power Supply Voltage VCC (V)
Power Supply Voltage VCC (V)
Rev.1.0, Sep.19.2003, page 5 of 11
M62203FP
RESET Pin Outflow Current - Power Supply Voltage Characteristic RESET Pin Outflow Current (A) Delay Time - Power Supply Voltage Characteristic
30
Delay Time tpd (ms)
16
28
12
26
8
24
4
22 2 4 6 8 10 12 14 16 18
Power Supply Voltage VCC (V) Circuit Current - Temperature Characteristic
0 2 4 6 8 10 12 14 16 18 Power Supply Voltage VCC (V)
Output Voltage 1 - Temperature Characteristic
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -50 0 50 100 150
Vcc=4V Vcc=12V Vcc=16V
3.40
Output Voltage 1 Vout1 (V)
Circuit Current ICC (mA)
3.35
3.30
Vcc=4V Vcc=12V Vcc=16V
3.25
3.20 -50 0 50 100 150
Ambient Temperature Ta (C) Output Voltage 2 - Temperature Characteristic
Ambient Temperature Ta (C) IN1 Pin Input Current - Temperature Characteristic
IN1 Pin Input Current Iin1 (A)
2.80
Output Voltage 2 Vout2 (V)
300 250 200 150 100 50 0
2.75
2.70
Vcc=4V Vcc=12V Vcc=16V
2.65
Vcc=4V Vcc=12V Vcc=16V
2.60 -50 0 50 100 150
-50
0
50
100
150
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Rev.1.0, Sep.19.2003, page 6 of 11
M62203FP
IN2 Pin Input Current - Temperature Characteristic IN2 Pin Input Current Iin2 (A) Oscillation Frequency - Temperature Characteristic
200
Oscillation Frequency fosc (kHz)
160 150 140 130 120 110 100 -50
Vcc=4V Vcc=12V Vcc=16V
150
100
Vcc=4V Vcc=12V Vcc=16V
50
0 -50 0 50 100 150
Ambient Temperature Ta (C) Maximum On-Duty 1 - Temperature Characteristic
0
50
100
150
Ambient Temperature Ta (C) Maximum On-Duty 2 - Temperature Characteristic
95
Maximum On-Duty 1 (%)
95
Maximum On-Duty 2 (%)
90
90
85
85
Vcc=4V Vcc=12V Vcc=16V
80
Vcc=4V Vcc=12V Vcc=16V
80
75 -50
0
50
100
150
75 -50
0
50
100
150
Ambient Temperature Ta (C) Detection Voltage 1 - Temperature Characteristic
Ambient Temperature Ta (C) Hysteresis Voltage 1 - Temperature Characteristic
Hysteresis Voltage 1 Vs1 (mV)
4.2
Detection Voltage 1 Vs1 (V)
80 70 60 50 40 30
4.1
4.0
3.9
3.8 -50 0 50 100 150
20 -50
0
50
100
150
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Rev.1.0, Sep.19.2003, page 7 of 11
M62203FP
Detection Voltage 2 - Temperature Characteristic Hysteresis Voltage 2 - Temperature Characteristic
2.84
Detection Voltage 2 Vs2 (V)
2.80 2.76 2.72 2.68 2.64 2.60 2.56 -50 0 50 100 150
Ambient Temperature Ta (C)
Vcc=4V Vcc=12V Vcc=16V
Hysteresis Voltage 2 Vs2 (mV)
100 80 60 40
Vcc=4V
20 0 -50 0 50
Vcc=12V Vcc=16V
100
150
Ambient Temperature Ta (C)
RESET Pin Outflow Current IOC (A)
Cd Pin Outflow Current IPD (A)
1.00 0.90 0.80 0.70 0.60 0.50
Cd Pin Outflow Current - Temperature Characteristic
30
RESET Pin Outflow Current Temperature Characteristic
28
26
24
Vcc=4V Vcc=12V Vcc=16V
Vcc=4V Vcc=12V Vcc=16V
-50
0
50
100
150
22 -50
0
50
100
150
Ambient Temperature Ta (C) Delay Time - Temperature Characteristic
Ambient Temperature Ta (C)
16
Delay Time tpd (ms)
12
8
4
Vcc=4V Vcc=12V Vcc=16V
0 -50 0 50 100 150
Ambient Temperature Ta (C)
Rev.1.0, Sep.19.2003, page 8 of 11
M62203FP
Reset Circuit Operation
Reset Circuit Block Timing Chart
Vcc
5V 4.05V 4.0 V
0V
Ch1 output (Vo1)
t
3.3V 2.75V 2.70V
0V
t
RESET output
Vo1
t pd 0V
t pd
t pd
t
tpd: Delay time * * * tpd (msec) 2.13 x 10 -3 x Cd (pF)
Rev.1.0, Sep.19.2003, page 9 of 11
M62203FP
Application Example (3.3 V, 2.7 V Dual-Output DC-DC Converter)
VIN(5V)
+
Cin
VOUT1(3.3V)
+
Vcc IN1 Cout1
R2 Q1 R1 L1 R4 D1
Co1
M62203FP
VOUT2(2.7V)
+
Co2
IN2 RESET Cd
Cout2 GND
R3 L2
Q2 D2
3.3V LINE 2.7V LINE
MCU, etc.
Constant Determination Equations
Constant
TON TOFF (TON+TOFF)MAX TOFF(MIN) TON(MAX) L(MIN) Ipk 1 fosc
Calculation Equation
VO+VF VIN - VCE(sat) - VO fosc:110KHz(Vcc=5V) ( 1+ TON TOFF )
( TON + TOFF ) /
1 - TOFF fosc ( VIN - VCE(sat) - VO ) x TON(MAX) Io 1 Io + Io 2
Notes: * VF: Forward voltage of external diode * Vsat: Output saturation voltage of external transistor * Io: Set to 1/5 to 1/3 of the maximum load current. * Use an external transistor Tr., diode D, and inductor L with a current rating of Ipk or above.
Rev.1.0, Sep.19.2003, page 10 of 11
M62203FP
8P2S-A
JEDEC Code - Weight(g) 0.07 Lead Material Cu Alloy
MMP
e b2
Plastic 8pin 225mil SOP
EIAJ Package Code SOP8-P-225-1.27
Package Dimensions
8 5
HE
E
L1
L
Rev.1.0, Sep.19.2003, page 11 of 11
e1
Recommended Mount Pad
1 4
F A
Symbol
G
D
b
x
M
e y
A2
A1
c
A A1 A2 b c D E e HE L L1 z Z1 x y
z Detail G
Detail F
Z1
b2 e1 I2
Dimension in Millimeters Min Nom Max - - 1.9 0.05 - - - 1.5 - 0.35 0.4 0.5 0.13 0.15 0.2 4.8 5.0 5.2 4.2 4.4 4.6 - 1.27 - 5.9 6.2 6.5 0.2 0.4 0.6 - 0.9 - - 0.595 - - - 0.745 - - 0.25 - - 0.1 0 - 10 - 0.76 - - 5.72 - 1.27 - -
I2
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2003. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon 1.0


▲Up To Search▲   

 
Price & Availability of M62203FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X