Part Number Hot Search : 
HK160 SZ3547 HK160 DB106S A1307 A1307 HK160 PST9139
Product Description
Full Text Search
 

To Download M1B6H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M1B
E158859
20.0x9.8x11.0 Features
DIL Pitch Terminals .High Sensitivity g Conforms to FCC Part 68 1.5kV Surge and Dielectric 1000VACg Fully sealed (immersion cleaning). High Reliability bifurcated Contact. Application for Telecommunication EquipmentfOffice Equipmentf Security Alarm Systemsf Measuring instrumentsf Medical Monitoring EquipmentfAudio Visual Equipmentf Flight SimulatorfSensor Controlg
Ordering Information
M1B 12 H A W
1 2 3 4 5 1 Part MumberM1B 2 Coil Rated VoltageDC:3:3V5:5V6:6V9:9V 12:12V24:24V48:48V 3 EnclosureH: Sealed Type 4 Nominal Coil PowerNil:0.55WA:0.4W 5 Contact MaterialNil: Ag PdW: Ag Ni
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 2C DPDT(B-M) Bifurcated Crossbar Ag Pd( Gold clad>) Ag Ni(Gold clad 1A/24VDC; 0.5A/120VAC 60W 125VA
Value
Min. Switching load 0.01mA/10mV
Reference
220VDC 250VAC 50m 1A/24VDC 5y105 Ag Alloy 0.5A/120VAC 2y105 108 1y105
Max. Switching Current:2A Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not recommended for subsequent use in low level applications.
Coil Parameter
Dash numbers M1B-003 M1B-005 M1B-006 M1B-009 M1B-012 M1B-024 M1B-048 M1B-003A M1B-005A M1B-006A M1B-009A M1B-012A M1B-024A M1B-048A Coil voltage VDC Rated 3 5 6 9 12 24 48 3 5 6 9 12 24 48 Max. 4.2 7.0 8.4 12.3 17.4 34.0 64.9 4.9 8.1 9.7 14.5 19.4 38.9 77.8 Coil resistance 10% 16 45 66 140 280 1070 3900 22.5 62.5 90 203 360 1440 5760 Pick up voltage VDC(max) (70% of rated voltage ) 2.1 3.5 4.2 6.3 8.4 16.8 33.6 2.1 3.5 4.2 6.3 8.4 16.8 33.6 release voltage VDC(min) (10% of rated voltage) 0.3 0.5 0.6 0.9 1.2 2.4 4.8 0.3 0.5 0.6 0.9 1.2 2.4 4.8 Coil power W 0.56 0.56 0.55 0.58 0.52 0.54 0.59 0.4 0.4 0.4 0.4 0.4 0.4 0.4 Operate Time ms Release Time ms
5
3
5
3
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
35
www.dblectro.com
M1B
Characteristics
Electrostatic capacitance Between open Contacts Between coil & Contacts Between Contact Poles Insulation Resistance Dielectric Strength Between open Contacts Between coil & Contacts Between Contact Poles Surge Withstand Voltage Between open Contacts Between coil & Contacts Between Contact Poles Shock resistance Vibration resistance Terminals strength Solderability Temperature Range Mass Approx.0.7pF Approx.1.0pF Approx.0.9pF 1000M min (at 500VDC) 1000VAC 1min 1000VAC 1min 1000VAC 1min 1500V 1500V 1500V Functional:100m/s2 11ms; Survival:1000 m/s2 6ms 10~55Hz Double amplitude FunctionalX1.5mm Survival:5mm 5N 235x2 3x0.5s -40~65(-40~149F) (-40~70 for 0.4W Coil) 4.5g Item 3.41 of IEC255-7 Item 3.41 of IEC255-7 Item 3.41 of IEC255-7 Item 7 of IEC255-5
Item 6 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 FCC68 FCC68 FCC68 IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size24.
Safety approvals Safety approval Load
UL&CUR 1A/24VDC 0.5A/125VAC
Dimensions
mm/inch
0.787
0.386 1 4 6 8
0.433
16 0.138
13
11
9
Wiring diagram (Bottom views)
0.01
0.787
0.044
0.30
0.20
0.20 0.30
2,54 0.1 2,54 0.1
Dimensions
.
0.031
Tolerance: 0.1/0.004
Mounting (Bottom views)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of M1B6H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X