Part Number Hot Search : 
R5F21336 S313A UMTS250 14S10 LT1356 BF247A SGM708 HT9302X
Product Description
Full Text Search
 

To Download LLST4R7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PA RT
Low Loss Surface Mount Power Toroid
NU MB ER
Series LLST
LLST4R7 LLST10 LLST15 LLST18 LLST22 LLST25 LLST27 LLST33 LLST47 LLST75 LLST100 LLST125 LLST140 LLST150 LLST175 LLST200 LLST220 LLST270 LLST300 LLST350 LLST400 LLST450 LLST500
4.7 10 15 18 22 25 27 33 47 75 100 125 140 150 175 200 220 270 300 350 400 450 500
IN D ( UCT H) A 1 NC 5% E @ IN 1K C Hz Ad REM c, E 10 NT % AL In C IN du U CR ct RR Ad EM an E c, E ce NT 20 NT Lo % AL ss In C du U SR ct RR F an E MI ce NT NI Lo MU ss M (M DC Hz R ) (O hm s) Ma CU x. RR Ad E c M NT ax RA . TI NG
SERIES LLST
4.00 2.80 2.10 1.90 1.70 1.60 1.40 1.30 1.00 0.80 0.80 0.64 0.56 0.56 0.54 0.46 0.46 0.46 0.38 0.36 0.28 0.28 0.26 6.10 4.10 3.20 3.00 2.80 2.60 2.30 2.20 1.80 1.40 1.40 1.10 0.98 0.98 0.90 0.80 0.80 0.78 0.68 0.62 0.50 0.50 0.50 50.0 45.0 40.0 35.0 25.0 20.0 15.0 12.0 10.0 8.0 7.0 6.0 5.0 4.0 3.5 3.2 3.0 2.5 2.0 1.9 1.8 1.7 1.5 0.035 0.050 0.055 0.060 0.070 0.080 0.080 0.080 0.120 0.180 0.250 0.250 0.250 0.260 0.325 0.400 0.400 0.500 0.500 0.625 0.700 0.850 1.000 2.600 2.250 2.150 2.050 1.900 1.780 1.780 1.780 1.450 1.190 1.000 1.000 1.000 0.985 0.890 0.795 0.795 0.710 0.710 0.650 0.600 0.550 0.500
POWER INDUCTORS
Physical Parameters Inches A 0.475 .020 B 0.420 .020 C 0.290 Max. D 0.400 Ref. E 0.075 Ref. F 0.375 0.020
Millimeters 12.07 0.50 10.67 0.50 7.37 Max. 7.62 Ref. 1.91 Max. 9.53 0.50
Current Rating Based on a 35 C max. rise from 90C ambient. Material High Saturation Nickel/Iron Core. Inductance Tested at an AC drive level which does not affect the initial permeability of the core, the DC drive level was 0 amps. Incremental Current The DC current which reduces the inductance value to the percentage drop tabulated. Terminals Coated with a 90/10 tin/lead plating. Inductor Base Formed from a high temperature thermoplastic capable of withstanding approx. 600F for short periods of time. Marking API, Inductance, and Date Code.
Operating Temperature Range -40C to +125C Power Dissipation 0.285 Max. (Watts) Weight Max. (Grams) 2.00 Packaging Bulk only
50
500 400 & 450 350 300 40 270 220 200 175 150 30 140 125
INDUCTANCE DECREASE %
100 75 47 33 27 25 22 18 15 10 4.7
20
10
0 2 3 1 For more detailed graphs, contact factory
4
5
6
7
8
9
10
11
12
DC CURRENT IN AMPS
www.delevan.com E-mail: apisales@delevan.com 270 Quaker Rd., East Aurora NY 14052 * Phone 716-652-3600 * Fax 716-652-4814
PAGE
2/ 2002
83


▲Up To Search▲   

 
Price & Availability of LLST4R7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X