Part Number Hot Search : 
D6433 TP3006 A41181 MS8GE B2012 XC6216C 8L05A SI7392DP
Product Description
Full Text Search
 

To Download KTK-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bussmann(R)
LIMITRON(R)
Fast-Acting Fuses 13/32" x 1-1/2", Class CC - 600 Volt, 1/10 - 30 Amps
Dimensional Data * * * *
KTK-R
1.5
(0.031) (38.1mm)
LIMITRON(R) fast-acting fuse. Melamine tube. Nickel-plated brass endcaps. U.L. Listed for branch circuit protection. Rejection type; for both standard holders or those which reject other type fuses.
Time-Current Characteristic Curves-Average Melt
.41
(0.005) (10.3mm)
Catalog Symbol: KTK-R Fast-Acting Branch Circuit Fuse: 1/10 TO 30A Voltage Rating: 600Vac (or less): 0-30A Interrupting Rating: ac: 200,000A RMS Sym. UL LIisted, STD. 248-4, Class CC, (Guide #JDDZ, File #E4273) CSA Certified, C22.2 NO. 248.4, (File #53787--Class #1422-02)
Electrical Ratings (Catalog Symbol and Amperes)
600Vac - UL Listed & C.S.A. KTK-R-1/10 KTK-R-1/8 KTK-R-2/10 KTK-R-1/4 KTK-R-3/10 KTK-R-4/10 KTK-R-1/2 KTK-R-6/10 KTK-R-3/4 KTK-R-1 KTK-R-1-1/2 KTK-R-2 KTK-R-2-1/2 KTK-R-3 KTK-R-3-1/2 KTK-R-4 KTK-R-5 KTK-R-6 KTK-R-7 KTK-R-8 KTK-R-9 KTK-R-10 KTK-R-12 KTK-R-15 KTK-R-20 KTK-R-25 KTK-R-30 -
Carton Quantity and Weight
Ampere Ratings 1/10-30 *Weight per carton. Carton Qty. 10 Weight* Lbs. .180 Kg. .082
Recommended fuseblocks/fuseholders for Class CC 600V fuses See Data Sheets listed below * Open fuseblocks - 1105 * Finger-safe fuseholders - 1109, 1102, 1103, 1151 * Panel-mount fuseholders - 2114, 2113 * In-line fuseholders - 2126
CE logo denotes compliance with European Union Low Voltage Directive (50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact Bussmann Application Engineering at 636-527-1270 for more information.
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this Data Sheet are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
3-19-03
SB03078
Form No. KTK-R Page 1 of 1 Data Sheet: 1015


▲Up To Search▲   

 
Price & Availability of KTK-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X