Part Number Hot Search : 
B200031 101M35 020122MR K4T1G MRF859S C206M CDB5368 2SD1251
Product Description
Full Text Search
 

To Download JV1206ML090A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VA R I S T O RS
TVS 1206 SMD
Multilayer Ceramic Transient Voltage Suppressor Standard Capacity Features
Thin layer, high precise techniques Lead free Bi-directional clamping Standard capacity Available with Nickel/Tin end termination
Specifications
Packaging
Tape and Reel T 7 inch reel (3.000 pcs.)
M a t e r i al
Body: Terminals: Ceramic (ZnO) Ni/Sn plated (code "P") Ag/Pt/Pd non plated (code "N" on request)
Operating Te m p e r a t u r e
-55 to +125C
Solderability
acc. to IEC 60068-2-58 235C, 2s
Applications
Dimensions
a
S o l d e r i n g H e a t Resistanc e
260C, 10 sec. (IEC 60068-2-58) 280C, 5 sec. (IEC 60068-2-58)
Circuit board and ESD, EFT Protection of: * I/O ports * Keyboards * LCD` s * Sensors
L
Response Ti m e
<0.5ns
Temperatur e coefficient (V) of clamping voltage (Vc) @ specified test current
<0.01%/C
T W
Power dissipation
0.1W max.
S t a n d a r ds
SYMBOL T a L W INCHES MIN MAX
0.010 0.118 0.055 0.063 0.030 0.134 0.071
MILLIMETERS MIN MAX
0.25 3.00 1.40 1.60 0.75 3.40 1.80
IEC 61000-4-2 MIL-STD-883C
Type
max. cont. working voltage VM ( D C ) (V) VM(AC) (V)
2, 5 4, 0 6, 0 9, 0 11,0 14,0 17,0 20,0 25,0 30,0 35,0 40,0 50,0 60,0
Maximum Ratings (125C) Specifications (25C)
max . non-repetitive surge current (8/20 s) IT M (A)
100 150 150 150 150 200 200 200 200 200 200 180 180 100
max. non-repetitive max. clamping surge energy voltage at spec. current (10/1000s) (8/20 s) WTM VC (V@A) (J)
0.40 0.40 0.40 0.50 0.40 0.40 0.60 0.60 0.80 0.80 1.00 1.00 1.00 1.00 14,0 @ 15,5 @ 23,0 @ 25,0 @ 30,0 @ 40,0 @ 44,0 @ 58,0 @ 65,0 @ 77,0 @ 86,0 @ 110,0 @ 135,0 @ 165,0 @ 10 10 10 10 10 10 10 10 10 10 10 10 10 10
nominal voltage at 1mA (DC) test current VN(DC)min. (V)
3, 8 7, 1 10,0 14,0 16,0 22,0 24,3 29,5 35,0 42,3 50,0 61,2 74,0 91,0
typ. capacitance 1KHz . C typ. (pF)
7900 9200 3450 2200 1200 1210 870 800 560 460 430 315 270 180
typ. inductance
VN(DC)max. (V)
7, 0 9, 8 14,5 18,5 21,0 28,0 30,0 38,0 43,0 51,7 61,0 74,0 90,0 115,0
1MHz . C typ. (pF)
7100 8000 3000 1900 1000 1030 750 680 500 400 350 280 250 160
L typ. (nH)
1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8
JV1206ML030A JV1206ML050A JV1206ML090A JV1206ML120A JV1206ML140A JV1206ML180A JV1206ML220A JV1206ML260A JV1206ML300A JV1206ML380A JV1206ML450A JV1206ML560A JV1206ML680A JV1206ML850A
3, 3 5, 5 9, 0 12,0 14,0 18,0 22,0 26,0 30,0 38,0 45,0 56,0 68,0 85,0
Orde r Information
Qty.
OrderNumbe r
Ty pe JV 1 2 0 6 ML5 6 0
Terminal Code A
P
Packaging
T
Specifications are subject to change without notice
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dbelctro.com
VA R I S T O RS
TVS
1206
SM D
Maximum Leakage 500
Maximum Clamping Voltage
JV1206ML850A JV1206ML680A JV1206ML560A JV1206ML450A JV1206ML380A JV1206ML300A JV1206ML260A JV1206ML220A JV1206ML180A JV1206ML140A JV1206ML120A JV1206ML090A JV1206ML050A JV1206ML030A
100
68,0 45,0 30,0 22,0
()
85,0 85,0 56,0 38,0 26,0 18,0 12,0 3,3 5,5 3,3 22,0 14,0 9,0 68,0 45,0 30,0 56,0 38,0 26,0 18,0 12,0 5,5
14,0
10
9,0
1
1
10
1 0 0
1
10 ()
100
1
10
100
1000
V/I C h a r a c t e r i s t i cs

= (
, )
1x 103
U
10 105 102 104 106
2

Maximum Surge Current:
JV1206ML030A, JV1206ML850A
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dbelctro.com
VA R I S T O RS
TVS
1206
SM D
Maximum surge current
i m a= f ( t r, p u l s e t r a i n ) x
1x 103 U 10 105 104 2 102 106
gs
Maximum Surge Current:
JV1206ML050A- JV1206ML140A
M a x i m u m s u r g e c u r r e n t max = f ( t r , p u l s e t r a i n ) i
1x 103 105 U 10 2 102
104 106
gs
Maximum Surge Current:
JV1206ML560A- JV1206ML680A
. DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dbelctro.com
VA R I S T O RS
TVS
1206
SM D
M a x i m u m s u r g e c u r r e n tm a x (t r , p u l s e t r a i n ) i =f
1x 103 10 U
5
10
4
10 106
2 102
s g
Maximum Surge Current:
JV1206ML180A- JV1206ML450A
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dbelctro.com
VA R I S T O RS
TVS 1206 SMD
Multilayer Ceramic Transient Voltage Suppressor Low Capacity Features
Thin layer, high precise techniques Lead free Bi-directional clamping low capacity Available wit h Nickel/Tin end termination
Specifications
Packaging
Tape and Reel T 7 inch reel (3.000 pcs.)
M a t e r i al
Body: Terminals: Ceramic (ZnO) Ni/Sn plated (code "P") Ag/Pt/Pd non plated (code "N" on request)
Operating Te m p e r a t u r e
-55 to +125C
Solderability
acc. to IEC 60068-2-58 235C, 2s
Applications
Dimensions a
Circuit board and ESD, EFT Protection of: * I/O ports * Keyboards * LCD` s * Sensors
S o l d e r i n g H e a t Resistanc e
260C, 10 sec. (IEC 60068-2-58) 280C , 5 sec. (IEC 60068-2-58)
Response Ti m e
<0.5ns
L T W
INCHES MIN MAX
0.010 0.118 0.055 0.063 0.030 0.134 0.071
Temperatur e coefficient (V) of clamping voltage (Vc) @ specified test current
<0.01%/C
Power dissipation
0.1W max.
S t a n d a r ds
SYMBOL T a L W MILLIMETERS MIN MAX
0.25 3.00 1.40 1.60 0.75 3.40 1.80
IEC 61000-4-2 MIL-STD-883C
Maximum Ratings (125C)
Type max. cont. working voltage VM ( D C ) (V)
JV1206ML030L JV1206ML050L JV1206ML140L JV1206ML180L JV1206ML450L 3, 3 5, 5 14,0 18,0 45,0
Specifications (25C)
typ. capacitance 1KHz . C typ. (pF)
4330 3450 890 760 225
VM(AC) (V)
2, 5 4, 0 11,0 14,0 35,0
max . non-repetitive surge current (8/20 s) IT M (A)
40 40 40 40 100
max. non-repetitive max. clamping nominal voltage surge energy voltage at spec. at 1mA (DC) current test current (10/1000 s) (8/20 s) WTM VC VN(DC)min. VN(DC)max. (J) (V@A) (V) (V)
0,10 0,10 0,10 0,10 0,40 10,0 @ 15,5 @ 30,0 @ 40,0 @ 100,0 @ 2 2 2 2 10 3, 8 7, 1 16,0 22,0 50,0 7, 0 9, 8 21,0 28,0 61,0
typ. inductance
1MHz . C typ. (pF)
3600 2900 750 640 190
L typ. (nH)
1, 8 1, 8 1, 8 1, 8 1, 8
Orde r Information
Qty.
OrderNumbe r
Ty pe JV 1 2 0 6 ML140
Terminal Code L
P
Packaging
T
Specifications are subject to change without notice
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
VA R I S T O RS
TVS
1206
SM D
JV1206ML450L
45,0 45,0 18,0 14,0
()
JV1206ML180L JV1206ML140L JV1206ML050L JV1206ML030L
18,0
14,0
5,5 3,3
5,5 3,3
10
1 0 0
1
10 ()
100
1
10
100
1000
V/I C h a r a c t e r i s t i cs
1x 103
U
10 105 104
2 102 106
Maximum Surge Current:
JV1206ML030L- JV1206 ML180L
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
VARISTORS
TVS
1206
SM D
Maximum Surge Current:
JV1206ML450L
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


▲Up To Search▲   

 
Price & Availability of JV1206ML090A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X