Part Number Hot Search : 
45MTC RO2102 M1010 C0603 T940002 2SK409 AD222 M54HC30
Product Description
Full Text Search
 

To Download JMX-94FBS40DC9V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 J M X- 9 4 F
39x30x17.5 Features
Magnet latching relay. Small size, light weight. High sensitivity & reliability. Well anti-shock and anti-vibration. Heavy contact load.
CH0054070--2000
Ordering Information
JMX-94F A Z 60 DC12V
1 2 3 4 5 4 Contact Current40:40A60:60A80:80A 5 Coil rated Voltage(V)DC: 9,12, 24 1 Part numberJMX-94F 2 Contact arrangementA:1AB:1B 3 EnclosureS: Sealed typeZ: Dust cover
Contact Data
Contact Arrangement Contact Material Contact Rating(resistive) Max. Switching Power Max. Switching Voltage Contact Resistance & Voltage drop Operation life Electrical (Rated load) Mechanical (No load) 1A SPSTNO f1B SPSTNC Ag Cd O 80A/250VAC 60A/250VAC 40A/250VAC 20000VA 15000VA 10000VA 300VAC Max. Switching Current:80A 50m (at 1A/24VDC) Item 3.12 of IEC255-7 100mV (at rated load) Item 3.12 of IEC255-7 104 106 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
Coil Parameter
COIL RATED VOLTAGE VDC SWITCHING VOLTAGE VDC (50%-70% of rated voltage) PULSE MAGNITUDE ms COIL POWER consumption W
DASH NUMBERS
COIL RESISTANCE 10%
Operate Time ms
Reset Time ms
009-1000 012-1000 024-1000
9 12 24
81 144 576
4.5~6.3 6.0~8.4 12.0~16.8 60 1 20 20
CAUTION: 1.When latching relays are installed in equipment, the latch and reset coil should not be pulsed simultaneously.
coil should not be pulsed with less than the nominal coil voltage and pulse width should be a minimum of three times the specified operate time of the relay. If these conditions are not followed, it is possible for the relay to be in the magnetically neutral position . 2.Switching voltage is for test purpose only and are no to be used as design criteria.
151
www.dblectro.com
JMX-94F
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Creepage distance Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 1000M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 Addenda B of IEC255-5 IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca 50Hz 1500V 50Hz 4000V 8.4mm Functional 100m/s2;Survival:1000 m/s2 11ms 10~55Hz Double amplitude 1.5mm 5N 235x2 3x0.5s -25~70 85% (at 40) 33g
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Safety approvals Safety approval Load Dimensions (Unit: mm)
CCEE 80A/220VAC
(assistant mounting terminal) 14
5,08 3-1X0.4 (3-0.6X0.6) 39 28 2,5 5,5 25.4
3-1.2
2.8 2.5 5,08 0.6 (1.0)
Mounting (Bottom views)
11 (10)
9 8,5 20 12
0.6 (1.0)
Dimensions
+
NOTES 1).Dimensions are in millimeter.
Wiring diagram
2).Inch equivalents are given for general information only. 3).Relays shall have plus(+) signs placed on the circuit diagram as shown.
mm 0.4 0.6 1.0 1.2 2.5 2.8 3.5 5.08 5.5 8.5 9 10 11 12 14 17.5 20 25.4 25.6 28 30 39
inch 0.016 0.024 0.039 0.047 0.098 0.110 0.138 0.200 0.217 0.335 0.354 0.394 0.433 0.472 0.551 0.689 0.787 1.000 1.008 1.102 1.181 1.535
Reference Data
30 25,6
17,5
3,5
11
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of JMX-94FBS40DC9V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X