Part Number Hot Search : 
U2JC44 CMO501 HT49R 402C2293 TMT15105 2SC3736 WFU1N60 ON2158
Product Description
Full Text Search
 

To Download IXKC20N60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CoolMOSTM Power MOSFET IXKC 20N60C in ISOPLUS220TM Package
Electrically Isolated Back Surface
N-Channel Enhancement Mode Low RDS(on), Superjunction MOSFET Preliminary Data Sheet
VDSS = 600 V ID25 = 14 A RDS(on) = 190 m
Symbol VDSS VGS ID25 ID90 ID(RMS) EAS EAR PD TJ TJM Tstg TL VISOL FC Weight
Test Conditions TJ = 25C to 150C Continuous TC = 25C; Note 1 TC = 90C, Note 1 Package lead current limit Io Io = 10A, TC = 25C = 20A
Maximum Ratings 600 20 14 10 45 690 1 125 -55 ... +150 150 -55 ... +125 V V A A A mJ mJ W C C C C V~
ISOPLUS 220LVTM E153432
G
D
S
Isolated back surface* D = Drain,
G = Gate, S = Source * Patent pending
TC = 25C
Features Silicon chip on Direct-Copper-Bond substrate - High power dissipation - Isolated mounting surface - 2500V electrical isolation 3RD generation CoolMOS power MOSFET - High blocking capability - Low on resistance - Avalanche rated for unclamped inductive switching (UIS) Low thermal resistance due to reduced chip thickness Low drain to tab capacitance(<30pF) Applications
1.6 mm (0.062 in.) from case for 10 s RMS leads-to-tab, 50/60 Hz, t = 1 minute Mounting force
300 2500
11 ... 65 / 2.4 ...11 N/lb 3 g
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 160 463 3.5 TJ = 25C TJ = 125C 10 100 190 m m 5.5 1 V A A nA
RDS(on) VGS(th) IDSS IGSS
VGS = 10 V, ID = ID90, Note 3 VGS = 10 V, ID = ID90, Note 3 TJ = 125C VDS = VGS, ID = 1 mA VDS = VDSS VGS = 0 V VGS = 20 VDC, VDS = 0
Switched Mode Power Supplies (SMPS) Uninterruptible Power Supplies (UPS) Power Factor Correction (PFC) Welding Inductive Heating Advantages Easy assembly: no screws or isolation foils required Space savings High power density
CooLMOS is a trademark of Infineon Technologies, AG
(c) 2004 IXYS All rights reserved
DS98848C(1/04)
IXKC 20N60C
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 79 VGS = 10 V, VDS = 350 V, ID = 20 A 21 46 20 VGS = 10 V, VDS = 380V ID = 20 A, RG = 3.3 55 60 10 1 0.30 nC nC nC ns ns ns ns K/W K/W TO-220LV Outline
Qg(on) Qgs Qgd td(on) tr td(off) tf RthJC RthCH
Reverse Conduction Symbol VSD Test Conditions IF = 10 A, VGS = 0 V Note 3
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 0.8 1.2 V
Note: 1. MOSFET chip capability 2. Intrinsic diode capability 3. Pulse test, t 300 s, duty cycle d 2 %
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025 6,306,728B1 6,404,065B1 6,259,123B1 6,162,665 6,306,728B1 6,534,343


▲Up To Search▲   

 
Price & Availability of IXKC20N60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X