Part Number Hot Search : 
COM7805T H11A3SVM OM7915IH 2SA1208 DM1621 2SB15 D1256 A10DD
Product Description
Full Text Search
 

To Download IXGH24N60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFASTTM IGBT LightspeedTM Series
IXGH 24N60C IXGT 24N60C
VCES IC25 VCE(sat)typ tfi typ
= 600 V = 48 A = 2.1 V = 60 ns
Preliminary data
Symbol VCES VCGR VGES VGEM IC25 IC110 ICM SSOA (RBSOA) PC TJ TJM Tstg
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 MW Continuous Transient TC = 25C TC = 110C TC = 25C, 1 ms VGE = 15 V, TVJ = 125C, RG = 22 W Clamped inductive load, L = 100 mH TC = 25C
Maximum Ratings 600 600 20 30 48 24 96 ICM = 48 @ 0.8 VCES 150 -55 ... +150 150 -55 ... +150 300 V V V V A A A A
TO-268 (IXGT)
G E C (TAB)
TO-247 AD (IXGH)
C (TAB) G C E C = Collector, TAB = Collector
W C C C C Features
G = Gate, E = Emitter,
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s Md Weight Mounting torque (M3) TO-247 TO-268
1.13/10 Nm/lb.in. 6 4 g g
* International standard packages JEDEC TO-247 and surface mountable TO-268 * High frequency IGBT * High current handling capability * Latest generation HDMOSTM process * MOS Gate turn-on - drive simplicity Applications * PFC circuits * Uninterruptible power supplies (UPS) * Switched-mode and resonant-mode power supplies * AC motor speed control * DC servo and robot drives * DC choppers Advantages * High power density * Very fast switching speeds for high frequency applications
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 2.5 TJ = 25C TJ = 150C 5 200 1 100 2.1 2.5 V V mA mA nA V
BVCES VGE(th) ICES IGES VCE(sat)
IC IC
= 250 mA, VGE = 0 V = 250 mA, VCE = VGE
VCE = 0.8 * VCES VGE = 0 V VCE = 0 V, VGE = 20 V IC = IC110, VGE = 15 V
IXYS reserves the right to change limits, test conditions, and dimensions.
98575 (11/98)
(c) 2000 IXYS All rights reserved
1-2
IXGH 24N60C IXGT 24N60C
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 9 17 1500 VCE = 25 V, VGE = 0 V, f = 1 MHz 120 40 55 IC = IC110, VGE = 15 V, VCE = 0.5 VCES 13 17 Inductive load, TJ = 25C IC = IC110, VGE = 15 V, L = 100 mH, VCE = 0.8 VCES, RG = Roff = 10 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG Inductive load, TJ = 125C IC = IC110, VGE = 15 V, L = 100 mH VCE = 0.8 VCES, RG = Roff = 10 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG 15 25 75 60 0.24 15 25 0.15 130 110 0.6 140 110 0.36 S pF pF pF nC nC nC ns ns ns ns mJ ns ns mJ ns ns mJ 0.83 K/W (TO-247) 0.25 K/W
Dim. Millimeter Min. Max. A B C D E F G H J K L M N 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.49 5.4 6.2 1.65 2.13 4.5 1.0 1.4 10.8 11.0 4.7 0.4 5.3 0.8 Inches Min. Max. 0.780 0.800 0.819 0.845 0.610 0.640 0.140 0.144 0.170 0.216 0.212 0.244 0.065 0.084 0.177 0.040 0.055 0.426 0.433 0.185 0.209 0.016 0.031 0.087 0.102
TO-247 AD (IXGH) Outline
gfs C ies Coes C res Qg Qge Qgc td(on) t ri td(off) tfi Eoff td(on) t ri Eon td(off) tfi Eoff RthJC RthCK
IC = IC110; VCE = 10 V, Pulse test, t 300 ms, duty cycle 2 %
1.5 2.49
TO-268AA (D3 PAK)
Min. Recommended Footprint
Dim. A A1 A2 b b2 C D E E1 e H L L1 L2 L3 L4
Millimeter Min. Max. 4.9 5.1 2.7 2.9 .02 .25 1.15 1.45 1.9 2.1 .4 .65 13.80 14.00 15.85 16.05 13.3 13.6 5.45 BSC 18.70 19.10 2.40 2.70 1.20 1.40 1.00 1.15 0.25 BSC 3.80 4.10
Inches Min. Max. .193 .201 .106 .114 .001 .010 .045 .057 .75 .83 .016 .026 .543 .551 .624 .632 .524 .535 .215 BSC .736 .752 .094 .106 .047 .055 .039 .045 .010 BSC .150 .161
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-2


▲Up To Search▲   

 
Price & Availability of IXGH24N60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X