|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HiPerFASTTM IGBT IXGA 15N120B IXGP 15N120B VCES = 1200 V = 30 A IC25 VCE(sat) = 3.2 V tfi(typ) = 160 ns Preliminary data Symbol VCES VCGR VGES VGEM IC25 IC90 ICM SSOA (RBSOA) PC TJ TJM Tstg Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s Md Weight Mounting torque with screw M3 Mounting torque with screw M3.5 TO-220 TO-263 Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 MW Continuous Transient TC = 25C TC = 90C TC = 25C, 1 ms VGE = 15 V, TVJ = 125C, RG = 10 W Clamped inductive load TC = 25C Maximum Ratings 1200 1200 20 30 30 15 60 ICM = 40 @ 0.8 VCES 150 -55 ... +150 150 -55 ... +150 300 W C C C C Features * International standard packages 0.45/4 Nm/lb.in. 0.55/5 Nm/lb.in. 4 2 g g JEDEC TO-220AB and TO-263AA * Low switching losses, low V(sat) * MOS Gate turn-on - drive simplicity Applications Symbol Test Conditions (TJ = 25C, unless otherwise specified) BVCES VGE(th) ICES IC = 250 mA, VGE = 0 V IC = 250 mA, VCE = VGE VCE = VCES VGE = 0 V IGES VCE(sat) VCE = 0 V, VGE = 20 V IC = ICE90, VGE = 15 TJ = 125C 2.5 TJ = 25C TJ = 125C Characteristic Values Typ. Max. V 5.0 100 3.5 100 3.2 V mA mA nA V V * AC motor speed control * DC servo and robot drives * DC choppers * Uninterruptible power supplies (UPS) * Switch-mode and resonant-mode power supplies Advantages * Easy to mount with one screw * Reduces assembly time and cost * High power density G E C (TAB) TO-220AB (IXGP) V V V V A A A TO-263 AA (IXGA) A G C E Min. 1200 2.5 IXYS reserves the right to change limits, test conditions, and dimensions. 98660 (10/99) (c) 2000 IXYS All rights reserved 1-2 IXGA 15N120B IXGP 15N120B Symbol Test Conditions (TJ = 25C, unless otherwise specified) gfs IC = IC90; VCE = 10 V, Pulse test, t 300 ms, duty cycle 2 % C ies Coes C res Qg Qge Qgc td(on) t ri td(off) tfi Eoff td(on) t ri Eon td(off) tfi Eoff RthJC RthCK TO-220 0.5 Inductive load, TJ = 25C IC = IC90, VGE = 15 V VCE = 960 V, RG = Roff = 10 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 VCES, higher TJ or increased RG Inductive load, TJ = 125C IC = IC90, VGE = 15 V VCE = 960 V, RG = Roff = 10 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 VCES, higher TJ or increased RG IC = IC90, VGE = 15 V, VCE = 0.5 VCES VCE = 25 V, VGE = 0 V, f = 1 MHz 1720 95 35 69 13 26 25 15 180 160 1.75 25 18 0.60 300 360 3.5 0.83 280 320 3.0 pF pF pF nC nC nC ns ns ns ns mJ ns ns mJ ns ns mJ K/W K/W TO-220 AB (IXGP) Outline Dim. A A1 b b2 c c2 D D1 E E1 e L L1 L2 L3 L4 R Millimeter Min. Max. 4.06 2.03 0.51 1.14 0.46 1.14 8.64 7.11 9.65 6.86 2.54 14.61 2.29 1.02 1.27 0 0.46 4.83 2.79 0.99 1.40 0.74 1.40 9.65 8.13 10.29 8.13 BSC 15.88 2.79 1.40 1.78 0.38 0.74 Inches Min. Max. .160 .080 .020 .045 .018 .045 .340 .280 .380 .270 .100 .575 .090 .040 .050 0 .018 .190 .110 .039 .055 .029 .055 .380 .320 .405 .320 BSC .625 .110 .055 .070 .015 .029 Characteristic Values Min. Typ. Max. 12 15 S TO-263 AA (IXGA) Outline Dim. Min. Recommended Footprint A B C D E F G H J K M N Q R Millimeter Min. Max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 BSC 4.32 4.82 1.14 1.39 0.35 0.56 2.29 2.79 Inches Min. Max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 BSC 0.170 0.190 0.045 0.055 0.014 0.022 0.090 0.110 (c) 2000 IXYS All rights reserved IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 2-2 |
Price & Availability of IXGA15N120B |