Part Number Hot Search : 
SC656 MBSK110S SRF860 3M250 AON7246 ICE15N65 SC656 MRF234
Product Description
Full Text Search
 

To Download IS62VV25616LL-85M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IS62VV25616LL
256K x 16 LOW VOLTAGE, 1.8V ULTRA LOW POWER CMOS STATIC RAM
FEATURES
* High-speed access time: 70, 85, ns * CMOS low power operation - 36 mW (typical) operating - 9 W (typical) CMOS standby * Single 1.7V- 2.25 VDD power supply * Fully static operation: no clock or refresh required * Three state outputs * Data control for upper and lower bytes * Industrial temperature available * Available in the 44-pin TSOP (Type II) and 48-pin mini BGA (7.2mm x 8.7mm)
ISSI
AUGUST 2002
(R)
DESCRIPTION
The ISSI IS62VV25616LL is a high-speed, 4,194,304 bit static RAMs organized as 262,144 words by 16 bits. They are fabricated using ISSI's high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields highperformance and low power consumption devices. For the IS62VV25616LL, when CE is HIGH (deselected) or CE is low and both LB and UB are HIGH, the device assumes a standby mode at which the power dissipation can be reduced down with CMOS input levels. Easy memory expansion is provided by using Chip Enable and Output Enable inputs, CE and OE. The active LOW Write Enable (WE) controls both writing and reading of the memory. A data byte allows Upper Byte (UB) and Lower Byte (LB) access. The IS62VV25616LL is packaged in the JEDEC standard 44-pin TSOP (Type II) and 48-pin mini BGA (7.2mm x 8.7mm).
FUNCTIONAL BLOCK DIAGRAM
A0-A17
DECODER
256K x 16 MEMORY ARRAY
VDD GND I/O0-I/O7 Lower Byte I/O8-I/O15 Upper Byte I/O DATA CIRCUIT
COLUMN I/O
CE OE WE UB LB CONTROL CIRCUIT
Copyright (c) 2002 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. B 08/07/02
1
IS62VV25616LL
PIN CONFIGURATIONS 44-Pin TSOP (Type II)
A4 A3 A2 A1 A0 CE I/O0 I/O1 I/O2 I/O3 VDD GND I/O4 I/O5 I/O6 I/O7 WE A16 A15 A14 A13 A12 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A5 A6 A7 OE UB LB I/O15 I/O14 I/O13 I/O12 GND VDD I/O11 I/O10 I/O9 I/O8 NC A8 A9 A10 A11 A17
ISSI
48-Pin mini BGA (7.2mm x 8.7mm)
1 2 3 4 5 6
(R)
A B C D E F G H
LB I/O8 I/O9 GND VDD I/O14 I/O15 NC
OE UB I/O10 I/O11 I/O12 I/O13 NC A8
A0 A3 A5 A17 NC A14 A12 A9
A1 A4 A6 A7 A16 A15 A13 A10
A2 CE I/O1 I/O3 I/O4 I/O5 WE A11
N/C I/O0 I/O2 VDD GND I/O6 I/O7 NC
PIN DESCRIPTIONS
A0-A17 I/O0-I/O15 CE OE WE Address Inputs Data Inputs/Outputs Chip Enable Input Output Enable Input Write Enable Input LB UB NC VDD GND Lower-byte Control (I/O0-I/O7) Upper-byte Control (I/O8-I/O15) No Connection Power Ground
TRUTH TABLE
Mode Not Selected Output Disabled Read WE X X H X H H H L L L CE H L L L L L L L L L OE X X H X L L L X X X LB X H X H L H L L H L UB X H X H H L L H L L I/O PIN I/O0-I/O7 I/O8-I/O15 High-Z High-Z High-Z High-Z DOUT High-Z DOUT DIN High-Z DIN High-Z High-Z High-Z High-Z High-Z DOUT DOUT High-Z DIN DIN Vdd Current ISB1, ISB2 ISB1, ISB2 ICC ISB1, ISB2 ICC
Write
ICC
2
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. B 08/07/02
IS62VV25616LL
OPERATING RANGE
Range Commercial Industrial Ambient Temperature 0C to +70C -40C to +85C VDD 1.7V - 2.25V 1.7V - 2.25V
ISSI
(R)
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM VDD TSTG PT Parameter Terminal Voltage with Respect to GND Vdd Related to GND Storage Temperature Power Dissipation Value -0.2 to VDD+0.25 -0.2 to +2.5 -65 to +150 1.0 Unit V V C W
Note: 1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol VOH VOL VIH VIL(1) ILI ILO Parameter Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Leakage Output Leakage GND VIN VDD GND VOUT VDD, Outputs Disabled Test Conditions IOH = -0.1 mA IOL = 0.1 mA Min. 1.4 -- 1.4 -0.3 -1 -1 Max. -- 0.2 VDD + 0.2 0.4 1 1 Unit V V V V A A
Notes: 1. VIL (min.) = -1.0V for pulse width less than 10 ns.
CAPACITANCE(1)
Symbol CIN COUT Parameter Input Capacitance Input/Output Capacitance Conditions VIN = 0V VOUT = 0V Max. 8 10 Unit pF pF
Note: 1. Tested initially and after any design or process changes that may affect these parameters.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. B 08/07/02
3
IS62VV25616LL
AC TEST CONDITIONS
Parameter Input Pulse Level Input Rise and Fall Times Input and Output Timing and Reference Level Output Load Unit 0.4V to VDD - 0.2V 5 ns 0.9V See Figures 1 and 2
ISSI
(R)
AC TEST LOADS
3070 2.8V
2.8V 3070
OUTPUT 30 pF Including jig and scope 3150
OUTPUT 5 pF Including jig and scope 3150
Figure 1
Figure 2
4
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. B 08/07/02
IS62VV25616LL
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
Symbol ICC ICC1 ISB1 Parameter Test Conditions Com. Ind. Com. Ind. Com. Ind. -70 Min. Max. -- -- -- -- -- -- 30 35 3 3 0.3 0.3
ISSI
-85 Min. Max. -- -- -- -- -- -- 30 35 3 3 0.3 0.3
(R)
Unit mA mA mA
Vdd Dynamic Operating VDD = Max., Supply Current IOUT = 0 mA, f = fMAX Operating Supply Current TTL Standby Current (TTL Inputs) OR ULB Control VDD = Max., IOUT = 0 mA, f = 1 MHZ VDD = Max., VIN = VIH or VIL CE VIH , f = 0 Vdd = Max., VIN = VIH or VIL CE = VIL, f = 0, UB = VIH, LB = VIH
ISB2
CMOS Standby VDD = 1.95V., Com. Current (CMOS Inputs) CE VDD - 0.2V, Ind. VIN VDD - 0.2V, or VIN 0.2V, f = 0 OR ULB Control VDD = 1.95V., CE = VIL VIN 0.2V, f = 0; UB / LB = VDD - 0.2V
-- --
10 10
-- --
10 10
A
Note: 1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
Symbol Parameter Read Cycle Time Address Access Time Output Hold Time CE Access Time OE Access Time
(2)
-70 Min. Max. 70 -- 10 -- -- -- 5 0 10 -- 0 0 -- 70 -- 70 35 25 -- 25 -- 70 25 --
-85 Min. Max. 85 -- 10 -- -- -- 5 0 10 -- 0 0 -- 85 -- 85 40 25 -- 25 -- 85 25 --
Unit ns ns ns ns ns ns ns ns ns ns ns ns
tRC tAA tOHA tACE tDOE tHZOE tLZOE tLZCE tBA tHZB tLZB
(2)
OE to High-Z Output OE to Low-Z Output CE to High-Z Output CE to Low-Z Output LB, UB Access Time LB, UB to High-Z Output LB, UB to Low-Z Output
tHZCE(2)
(2)
Notes: 1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 0.9V, input pulse levels of 0.4 to 1.4V and output loading specified in Figure 1. 2. Tested with the load in Figure 2. Transition is measured 500 mV from steady-state voltage. Not 100% tested.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. B 08/07/02
5
IS62VV25616LL
AC WAVEFORMS READ CYCLE NO. 1(1,2) (Address Controlled) (CE = OE = VIL, UB or LB = VIL)
tRC
ISSI
(R)
ADDRESS
tAA tOHA tOHA
DATA VALID
DOUT
PREVIOUS DATA VALID
AC WAVEFORMS READ CYCLE NO. 2(1,3) (CE, OE, AND UB/LB Controlled)
tRC
ADDRESS
tAA tOHA
OE
tDOE tHZOE
CE
tLZCE
tLZOE tACE tHZCE
LB, UB
tBA tHZB
DATA VALID
DOUT
HIGH-Z
tLZB
Notes: 1. WE is HIGH for a Read Cycle. 2. The device is continuously selected. OE, CE, UB, or LB = VIL. 3. Address is valid prior to or coincident with CE LOW transition.
6
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. B 08/07/02
IS62VV25616LL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (Over Operating Range)
-70 Symbol Parameter Write Cycle Time CE to Write End Address Setup Time to Write End Address Hold from Write End Address Setup Time LB, UB Valid to End of Write WE Pulse Width Data Setup to Write End Data Hold from Write End WE LOW to High-Z Output WE HIGH to Low-Z Output Min. 70 65 65 0 0 60 55 30 0 -- 5 Max. -- -- -- -- -- -- -- -- -- 30 -- Min. 85 70 70 0 0 70 60 35 0 -- 5 -85
ISSI
Max. -- -- -- -- -- -- -- -- -- 30 -- Unit 1ns ns ns ns ns ns ns ns ns ns ns
(R)
tWC tSCE tAW tHA tSA tPWB tPWE tSD tHD tHZWE(3) tLZWE
(3)
Notes: 1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 0.9V, input pulse levels of 0.4V to 1.4V and output loading specified in Figure 1. 2. The internal write time is defined by the overlap of CE LOW and UB or LB, and WE LOW. All signals must be in valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling edge of the signal that terminates the write. 3. Tested with the load in Figure 2. Transition is measured 500 mV from steady-state voltage. Not 100% tested.
AC WAVEFORMS WRITE CYCLE NO. 1(1,2) (CE Controlled, OE = HIGH or LOW)
t WC
ADDRESS
VALID ADDRESS
t SA
CE
t SCS
t HA
WE
t AW t PWE1 t PWE2 t PBW
UB, LB
t HZWE
DOUT
DATA UNDEFINED
HIGH-Z
t LZWE
t SD
DIN
t HD
DATAIN VALID
UB_CSWR1.eps
Notes: 1. WRITE is an internally generated signal asserted during an overlap of the LOW states on the CE and WE inputs and at least one of the LB and UB inputs being in the LOW state. 2. WRITE = (CE) [ (LB) = (UB) ] (WE).
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. B 08/07/02
7
IS62VV25616LL
WRITE CYCLE NO. 2 (WE Controlled: OE is HIGH During Write Cycle)
t WC
ADDRESS
VALID ADDRESS
ISSI
(R)
t HA
OE
CE
LOW
t AW t PWE1
WE
t SA
UB, LB
t PBW
t HZWE
DOUT
DATA UNDEFINED
HIGH-Z
t LZWE
t SD
DIN
t HD
DATAIN VALID
UB_CSWR2.eps
WRITE CYCLE NO. 3 (WE Controlled: OE is LOW During Write Cycle)
t WC
ADDRESS OE CE
VALID ADDRESS
LOW
t HA
LOW
t AW t PWE2
WE
t SA
UB, LB
t PBW
t HZWE
DOUT
DATA UNDEFINED
HIGH-Z
t LZWE
t SD
DIN
t HD
DATAIN VALID
UB_CSWR3.eps
8
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. B 08/07/02
IS62VV25616LL
WRITE CYCLE NO. 4 (UB/LB Controlled)
ISSI
t WC t WC
ADDRESS 2
(R)
ADDRESS
ADDRESS 1
OE
t SA
CE
LOW
WE
t HA t SA t PBW t PBW
WORD 2
t HA
UB, LB
WORD 1
t HZWE
DOUT
HIGH-Z
t LZWE t HD
DATAIN VALID
DATA UNDEFINED
t SD
DIN
t SD
DATAIN VALID
t HD
UB_CSWR4.eps
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol Parameter Vdd for Data Retention Data Retention Current Data Retention Setup Time Recovery Time Test Condition See Data Retention Waveform VDD = 1.0V, CE VDD - 0.2V See Data Retention Waveform See Data Retention Waveform Min. 1.0 -- 0 Max. 2.25 10 -- -- Unit V A ns ns
VDR
IDR
tSDR tRDR
tRC
DATA RETENTION WAVEFORM (CE Controlled)
tSDR VDD 2.3V Data Retention Mode tRDR
2.0V
VDR CE VDD 0.2V
CE GND
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. B 08/07/02
9
IS62VV25616LL
ISSI
Package TSOP (Type II) MiniBGA (7.2mmx8.7mm) TSOP (Type II) MiniBGA (7.2mmx8.7mm)
(R)
ORDERING INFORMATION Commercial Range: 0C to +70C
Speed (ns) 70 85 Order Part No. IS62VV25616LL-70T IS62VV25616LL-70M IS62VV25616LL-85T IS62VV25616LL-85M
Industrial Range: -40C to +85C
Speed (ns) 70 85 Order Part No. IS62VV25616LL-70TI IS62VV25616LL-70MI IS62VV25616LL-85TI IS62VV25616LL-85MI Package TSOP (Type II) MiniBGA (7.2mmx8.7mm) TSOP (Type II) MiniBGA (7.2mmx8.7mm)
10
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. B 08/07/02


▲Up To Search▲   

 
Price & Availability of IS62VV25616LL-85M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X