Part Number Hot Search : 
A0934 A0934 09VL1 LCFS1055 BAV16W06 ISPLSI L45GB DTC143
Product Description
Full Text Search
 

To Download IS61C3216AL-12K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IS61C3216AL
32K x 16 HIGH-SPEED CMOS STATIC RAM
FEATURES
* High-speed access time: 12 ns * Low Active Power: 175 mW (typical) * Low Standby Power: 1 mW (typical) CMOS standby * TTL compatible interface levels * Single 5V 10% power supply * Fully static operation: no clock or refresh required * Available in 44-pin SOJ package and 44-pin TSOP (Type II) * Commercial and Industrial temperature ranges available * Lead-free available
ISSI
SEPTEMBER 2005
(R)
DESCRIPTION The ISSI IS61C3216AL is high-speed, 512Kb static RAMs
organized as 32,768 words by 16 bits. They are fabricated using ISSI's high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields access times as fast as 12 ns with low power consumption. When CE is HIGH (deselected), the device assumes a standby mode at which the power dissipation can be reduced down with CMOS input levels. Easy memory expansion is provided by using Chip Enable and Output Enable inputs, CE and OE. The active LOW Write Enable (WE) controls both writing and reading of the memory. A data byte allows Upper Byte (UB) and Lower Byte (LB) access. The IS61C3216AL is packaged in the JEDEC standard 44pin 400-mil SOJ and 44-pin TSOP (Type II).
FUNCTIONAL BLOCK DIAGRAM
A0-A14
DECODER
32K x 16 MEMORY ARRAY
VDD GND I/O0-I/O7 Lower Byte I/O8-I/O15 Upper Byte I/O DATA CIRCUIT
COLUMN I/O
CE OE WE UB LB CONTROL CIRCUIT
Copyright (c) 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 09/26/05
1
IS61C3216AL
ISSI
44-Pin TSOP (Type II)
44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A0 A1 A2 OE UB LB I/O15 I/O14 I/O13 I/O12 GND VDD I/O11 I/O10 I/O9 I/O8 NC A3 A4 A5 A6 NC
(R)
PIN CONFIGURATIONS
44-Pin SOJ
NC A14 A13 A12 A11 CE I/O0 I/O1 I/O2 I/O3 VDD GND I/O4 I/O5 I/O6 I/O7 WE A10 A9 A8 A7 NC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
NC A14 A13 A12 A11 CE I/O0 I/O1 I/O2 I/O3 VDD GND I/O4 I/O5 I/O6 I/O7 WE A10 A9 A8 A7 NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23
A0 A1 A2 OE UB LB I/O15 I/O14 I/O13 I/O12 GND VDD I/O11 I/O10 I/O9 I/O8 NC A3 A4 A5 A6 NC
PIN DESCRIPTIONS
A0-A14 I/O0-I/O15 CE OE WE Address Inputs Data Inputs/Outputs Chip Enable Input Output Enable Input Write Enable Input LB UB NC VDD GND Lower-byte Control (I/O0-I/O7) Upper-byte Control (I/O8-I/O15) No Connection Power Ground
2
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 09/26/05
IS61C3216AL
TRUTH TABLE
Mode Not Selected Output Disabled Read WE X H X H H H L L L CE H L L L L L L L L OE X H X L L L X X X LB X X H L H L L H L UB X X H H L L H L L I/O PIN I/O0-I/O7 I/O8-I/O15 High-Z High-Z High-Z DOUT High-Z DOUT DIN High-Z DIN High-Z High-Z High-Z High-Z DOUT DOUT High-Z DIN DIN
ISSI
VDD Current ISB1, ISB2 ICC1, ICC2 ICC1, ICC2
(R)
Write
ICC1, ICC2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM TSTG PT IOUT Parameter Terminal Voltage with Respect to GND Storage Temperature Power Dissipation DC Output Current (LOW) Value -0.5 to +7.0 -65 to +150 1.5 20 Unit V C W mA
Notes: 1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
OPERATING RANGE (IS61C3216AL)
Range Commercial Industrial Ambient Temperature 0C to +70C -40C to +85C VDD 5V 10% 5V 10%
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 09/26/05
3
IS61C3216AL
CAPACITANCE(1,2)
Symbol CIN COUT Parameter Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Max. 5 7 Unit pF pF
ISSI
(R)
Notes: 1. Tested initially and after any design or process changes that may affect these parameters. 2. Test conditions: TA = 25C, f = 1 MHz, VDD = 5.0V.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter VOH VOL VIH VIL ILI ILO Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage(1) Input Leakage Output Leakage GND VIN VDD GND VOUT VDD Outputs Disabled Com. Ind. Com. Ind. Test Conditions VDD = Min., IOH = -4.0 mA VDD = Min., IOL = 8.0 mA Min. 2.4 -- 2.2 -0.3 -1 -2 -1 -2 Max. -- 0.4 VDD + 0.5 0.8 1 2 1 2 Unit V V V V A A
Note: 1. VIL = -3.0V for pulse width less than 10 ns.
4
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 09/26/05
IS61C3216AL
IS61C3216AL POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
Symbol Parameter ICC1 VDD Operating Supply Current VDD Dynamic Operating Supply Current TTL Standby Current (TTL Inputs) Test Conditions VDD = VDD MAX., CE = VIL IOUT = 0 mA, f = 0 VDD = VDD MAX., CE = VIL IOUT = 0 mA, f = fMAX VDD = VDD MAX., VIN = VIH or VIL CE VIH, f = 0 VDD = VDD MAX., CE VDD - 0.2V, VIN VDD - 0.2V, or VIN 0.2V, f = 0 Com. Ind. Com. Ind. typ.(2) Com. Ind. -12 ns Min. Max. -- -- -- -- 35 -- -- 1 1 40 45 50 55
ISSI
Unit mA
(R)
ICC2
mA
ISB1
mA
ISB2
CMOS Standby Current (CMOS Inputs)
Com. Ind. typ.(2)
-- -- 200
350 400
A
Note: 1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change. 2. Typical values are measured at VDD = 5V, TA = 25oC and not 100% tested.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 09/26/05
5
IS61C3216AL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
Symbol Parameter Read Cycle Time Address Access Time Output Hold Time CE Access Time OE Access Time OE to High-Z Output OE to Low-Z Output CE to High-Z Output CE to Low-Z Output LB, UB Access Time LB, UB to High-Z Output LB, UB to Low-Z Output -12 Min. Max. 12 -- -- 3 -- -- 0 0 0 2 -- 0 0 12 -- 12 6 6 -- 7 -- 6 6 -- Unit ns ns ns ns ns ns ns ns ns ns ns ns
ISSI
(R)
tRC tAA tOHA tACE tDOE tHZOE(2) tLZOE(2) tHZCE(2 tLZCE(2) tBA tHZB tLZB
Notes: 1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and output loading specified in Figure 1. 2. Tested with the load in Figure 2. Transition is measured 500 mV from steady-state voltage. Not 100% tested. 3. Not 100% tested.
AC TEST CONDITIONS
Parameter Input Pulse Level Input Rise and Fall Times Input and Output Timing and Reference Level Output Load Unit 0V to 3.0V 3 ns 1.5V See Figures 1 and 2
AC TEST LOADS
480 5V
5V 480
OUTPUT 30 pF Including jig and scope 255
OUTPUT 5 pF Including jig and scope 255
Figure 1
Figure 2
6
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 09/26/05
IS61C3216AL
ISSI
t RC
(R)
AC WAVEFORMS READ CYCLE NO. 1(1,2) (Address Controlled) (CE = OE = VIL, UB or LB = VIL)
ADDRESS
t AA t OHA
DOUT
PREVIOUS DATA VALID
t OHA
DATA VALID
READ1.eps
READ CYCLE NO. 2(1,3)
t RC
ADDRESS
t AA
OE
t OHA
t DOE
CE
t HZOE
t LZOE t ACE t LZCE t HZCE
LB, UB
DOUT
HIGH-Z
t LZB
t BA
DATA VALID
t HZB
UB_CEDR2.eps
Notes: 1. WE is HIGH for a Read Cycle. 2. The device is continuously selected. OE, CE, UB, or LB = VIL. 3. Address is valid prior to or coincident with CE LOW transition.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 09/26/05
7
IS61C3216AL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
Symbol Parameter Write Cycle Time CE to Write End Address Setup Time to Write End Address Hold from Write End Address Setup Time LB, UB Valid to End of Write WE Pulse Width (OE =High) WE Pulse Width (OE=Low) Data Setup to Write End Data Hold from Write End WE LOW to High-Z Output WE HIGH to Low-Z Output -12 Min. Max. 12 9 9 0 0 9 9 9 6 0 -- 3 -- -- -- -- -- -- -- -- -- -- 6 -- Unit ns ns ns ns ns ns ns ns ns ns ns ns
ISSI
(R)
tWC tSCE tAW tHA tSA tPWB tPWE1 tPWE2 tSD tHD tHZWE(2) tLZWE(2)
Notes: 1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and output loading specified in Figure 1. 2. Tested with the load in Figure 2. Transition is measured 500 mV from steady-state voltage. Not 100% tested. 3. The internal write time is defined by the overlap of CE LOW and UB or LB, and WE LOW. All signals must be in valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling edge of the signal that terminates the write.
8
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 09/26/05
IS61C3216AL
AC WAVEFORMS WRITE CYCLE NO. 1 (WE Controlled)(1,2) WE
t WC
ADDRESS
VALID ADDRESS
ISSI
(R)
t SA
CE
t SCE
t HA
WE
t AW t PWE1 t PWE2 t PBW
UB, LB
t HZWE
DOUT
DATA UNDEFINED
HIGH-Z
t LZWE
t SD
DIN
t HD
DATAIN VALID
UB_CEWR1.eps
Notes: 1. WRITE is an internally generated signal asserted during an overlap of the LOW states on the CE and WE inputs and at least one of the LB and UB inputs being in the LOW state. 2. WRITE = (CE) [ (LB) = (UB) ] (WE).
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 09/26/05
9
IS61C3216AL
WRITE CYCLE NO. 2 (OE is HIGH During Write Cycle) (1,2)
t WC
ADDRESS
VALID ADDRESS
ISSI
t HA
(R)
OE
CE
LOW
t AW t PWE1
WE
t SA
UB, LB
t PBW t HZWE t LZWE
HIGH-Z
DOUT
DATA UNDEFINED
t SD
DIN
t HD
DATAIN VALID
UB_CEWR2.eps
WRITE CYCLE NO. 3 (OE is LOW During Write Cycle) (1)
t WC
ADDRESS
VALID ADDRESS
OE CE
LOW
t HA
LOW
t AW t PWE2
WE
t SA
UB, LB
t PBW t HZWE t LZWE
HIGH-Z
DOUT
DATA UNDEFINED
t SD
DIN
t HD
DATAIN VALID
UB_CEWR3.eps
Notes: 1. The internal write time is defined by the overlap of CE LOW and WE LOW. All signals must be in valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling edge of the signal that terminates the Write. 2. I/O will assume the High-Z state if OE VIH.
10
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 09/26/05
IS61C3216AL
WRITE CYCLE NO. 4 (UB/LB Back to Back Write)
t WC
ADDRESS
ADDRESS 1
ISSI
t WC
ADDRESS 2
(R)
OE
t SA
CE
LOW
WE
t HA t SA t PBW t PBW
WORD 2
t HA
UB, LB
WORD 1
t HZWE
DOUT
HIGH-Z
t LZWE t HD
DATAIN VALID
DATA UNDEFINED
t SD
DIN
t SD
DATAIN VALID
t HD
UB_CEWR4.eps
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 09/26/05
11
IS61C3216AL
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol Parameter VDD for Data Retention Data Retention Current Test Condition See Data Retention Waveform VDD = 2.0V, CE VDD - 0.2V VIN VDD - 0.2V, or VIN VSS + 0.2V See Data Retention Waveform See Data Retention Waveform Com. Ind. typ.(1) Min. 2.0 -- -- 0 -- -- 200 Typ.
ISSI
Max. 5.5 350 400 -- -- Unit V A
(R)
VDR
IDR
tSDR tRDR
Note:
Data Retention Setup Time Recovery Time
ns ns
tRC
1. Typical Values are measured at VDD = 5V, TA = 25oC and not 100% tested.
CE DATA RETENTION WAVEFORM (CE Controlled)
tSDR VDD 4.5V Data Retention Mode tRDR
2.2V
VDR CE VDD - 0.2V
CE GND
12
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 09/26/05
IS61C3216AL
ORDERING INFORMATION: IS61C3216AL Commercial Range: 0C to +70C
Speed (ns) 12 Order Part No. IS61C3216AL-12K IS61C3216AL-12T Package 400-mil Plastic SOJ 44-pin TSOP-II
ISSI
(R)
Industrial Range: -40C to +85C
Speed (ns) 12 Order Part No. IS61C3216AL-12KI IS61C3216AL-12KLI IS61C3216AL-12TI IS61C3216AL-12TLI Package 400-mil Plastic SOJ 400-mil Plastic SOJ, Lead-free 44-pin TSOP-II 44-pin TSOP-II, Lead-free
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 09/26/05
13
PACKAGING INFORMATION
400-mil Plastic SOJ Package Code: K
ISSI
Notes: 1. Controlling dimension: millimeters. 2. BSC = Basic lead spacing between centers. 3. Dimensions D and E1 do not include mold flash protrusions and should be measured from the bottom of the package. 4. Reference document: JEDEC MS-027.
(R)
N
N/2+1
E1
E
1
N/2
D A
SEATING PLANE
b
C A2
e
B
A1
E2
Symbol No. Leads A A1 A2 B b C D E E1 E2 e
Millimeters Inches Min Max Min Max (N) 28 3.25 3.75 0.128 0.148 0.64 -- 0.025 -- 2.08 -- 0.082 -- 0.38 0.51 0.015 0.020 0.66 0.81 0.026 0.032 0.18 0.33 0.007 0.013 18.29 18.54 0.720 0.730 11.05 11.30 0.435 0.445 10.03 10.29 0.395 0.405 9.40 BSC 0.370 BSC 1.27 BSC 0.050 BSC
Millimeters Min Max 32 3.25 3.75 0.64 -- 2.08 -- 0.38 0.51 0.66 0.81 0.18 0.33 20.82 21.08 11.05 11.30 10.03 10.29 9.40 BSC 1.27 BSC
Inches Min Max 0.128 0.148 0.025 -- 0.082 -- 0.015 0.020 0.026 0.032 0.007 0.013 0.820 0.830 0.435 0.445 0.395 0.405 0.370 BSC 0.050 BSC
Millimeters Min Max 36 3.25 3.75 0.64 -- 2.08 -- 0.38 0.51 0.66 0.81 0.18 0.33 23.37 23.62 11.05 11.30 10.03 10.29 9.40 BSC 1.27 BSC
Inches Min Max 0.128 0.148 0.025 -- 0.082 -- 0.015 0.020 0.026 0.032 0.007 0.013 0.920 0.930 0.435 0.445 0.395 0.405 0.370 BSC 0.050 BSC
Copyright (c) 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. F 10/29/03
PACKAGING INFORMATION
ISSI
Millimeters Min Max 42 3.25 3.75 0.64 -- 2.08 -- 0.38 0.51 0.66 0.81 0.18 0.33 27.18 27.43 11.05 11.30 10.03 10.29 9.40 BSC 1.27 BSC Inches Min Max 0.128 0.148 0.025 -- 0.082 -- 0.015 0.020 0.026 0.032 0.007 0.013 1.070 1.080 0.435 0.445 0.395 0.405 0.370 BSC 0.050 BSC Millimeters Min Max 44 3.25 3.75 0.64 -- 2.08 -- 0.38 0.51 0.66 0.81 0.18 0.33 28.45 28.70 11.05 11.30 10.03 10.29 9.40 BSC 1.27 BSC 0.128 0.148 0.025 -- 0.082 -- 0.015 0.020 0.026 0.032 0.007 0.013 1.120 1.130 0.435 0.445 0.395 0.405 0.370 BSC 0.050 BSC Inches Min Max
(R)
Millimeters Inches Symbol Min Max Min Max No. Leads (N) 40 A 3.25 3.75 0.128 0.148 A1 0.64 -- 0.025 -- A2 2.08 -- 0.082 -- B 0.38 0.51 0.015 0.020 b 0.66 0.81 0.026 0.032 C 0.18 0.33 0.007 0.013 D 25.91 26.16 1.020 1.030 E 11.05 11.30 0.435 0.445 E1 10.03 10.29 0.395 0.405 E2 9.40 BSC 0.370 BSC e 1.27 BSC 0.050 BSC
Copyright (c) 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
2
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. F 10/29/03
PACKAGING INFORMATION
Plastic TSOP Package Code: T (Type II)
ISSI
Notes: 1. Controlling dimension: millimieters, unless otherwise specified. 2. BSC = Basic lead spacing between centers. 3. Dimensions D and E1 do not include mold flash protrusions and should be measured from the bottom of the package. 4. Formed leads shall be planar with respect to one another within 0.004 inches at the seating plane.
(R)
N
N/2+1
E1
E
1 D
N/2
SEATING PLANE
ZD
A
.
e b L A1 C
Symbol Ref. Std. No. Leads A A1 b C D E1 E e L ZD
Millimeters Min Max
Inches Min Max
Plastic TSOP (T - Type II) Millimeters Inches Min Max Min Max 44 -- 1.20 -- 0.047 0.05 0.15 0.002 0.006 0.30 0.45 0.012 0.018 0.12 0.21 0.005 0.008 18.31 18.52 0.721 0.729 10.03 10.29 0.395 0.405 11.56 11.96 0.455 0.471 0.80 BSC 0.032 BSC 0.41 0.60 0.016 0.024 0.81 REF 0.032 REF 0 5 0 5
Millimeters Min Max 50 -- 1.20 0.05 0.15 0.30 0.45 0.12 0.21 20.82 21.08 10.03 10.29 11.56 11.96 0.80 BSC 0.40 0.60 0.88 REF 0 5
Inches Min Max
(N) 32 -- 1.20 -- 0.047 0.05 0.15 0.002 0.006 0.30 0.52 0.012 0.020 0.12 0.21 0.005 0.008 20.82 21.08 0.820 0.830 10.03 10.29 0.391 0.400 11.56 11.96 0.451 0.466 1.27 BSC 0.050 BSC 0.40 0.60 0.016 0.024 0.95 REF 0.037 REF 0 5 0 5
-- 0.047 0.002 0.006 0.012 0.018 0.005 0.008 0.820 0.830 0.395 0.405 0.455 0.471 0.031 BSC 0.016 0.024 0.035 REF 0 5
Copyright (c) 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. F 06/18/03


▲Up To Search▲   

 
Price & Availability of IS61C3216AL-12K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X