Part Number Hot Search : 
FMS9875 1N529 CERA44U 100BGC VFT3045C C3510 M5230 PTF20024
Product Description
Full Text Search
 

To Download IS24C01B-2PLI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IS24C01B IS24C02B
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
FEATURES
* Two-Wire Serial Interface, I2CTM compatible -Bi-directional data transfer protocol * Wide Voltage Operation -Vcc = 1.8V to 5.5V * 400 KHz (2.5V) and 1 MHz (5.0V) compatibility * Low Power CMOS Technology -Standby Current less than 6 A (5.0V) -Read Current less than 2 mA (5.0V) -Write Current less than 3 mA (5.0V) * Hardware Data Protection -Write Protect Pin * Sequential Read Feature * Filtered Inputs for Noise Suppression * Self time write cycle with auto clear 5 ms max. @ 2.5V * Organization: -IS24C01B 128x8 (128 bytes) -IS24C02B 256x8 (256 bytes) * 8 Byte Page Write Buffer * High Reliability -Endurance: 1,000,000 Cycles -Data Retention: 100 Years * Industrial and Automotive temperature ranges * 8-pin PDIP, 8-pin SOIC, 8-pad DFN, and 8-pin TSSOP packages * Lead-free available
ISSI
APRIL 2006
(R)
DESCRIPTION
The IS24C01B and IS24C02B are electrically erasable PROM devices that use the standard 2wire interface for communications. The IS24C01B and IS24C02B contain a memory array of 1K-bits (128 x 8) and 2K-bits (256 x 8), respectively. Each device is organized into 8 byte pages for page write mode. This EEPROM operates in a wide voltage range of 1.8V to 5.5V to be compatible with most application voltages. ISSI designed this device family to be a practical, low-power 2-wire EEPROM solution. The devices are available in 8-pin PDIP, 8-pin SOIC, 8-pad DFN, and 8-pin TSSOP packages. The IS24C01B/02B maintains compatibility with the popular 2-wire bus protocol, so it is easy to use in applications implementing this bus type. The simple bus consists of the Serial Clock wire (SCL) and the Serial Data wire (SDA). Using the bus, a Master device such as a microcontroller is usually connected to one or more Slave devices such as this device. The bit stream over the SDA line includes a series of bytes, which identifies a particular Slave device, an instruction, an address within that Slave device, and a series of data, if appropriate. The IS24C01B/02B has a Write Protect pin (WP) to allow blocking of any write instruction transmitted over the bus.
Copyright (c) 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
1
IS24C01B
IS24C02B
ISSI
(R)
FUNCTIONAL BLOCK DIAGRAM
Vcc
8
HIGH VOLTAGE GENERATOR, TIMING & CONTROL
SDA SCL WP
5
7
X DECODER
6
CONTROL LOGIC SLAVE ADDRESS REGISTER & COMPARATOR
EEPROM ARRAY
A0 A1 A2
1 2 3
WORD ADDRESS COUNTER
Y DECODER
GND
4
ACK
Clock DI/O
>
nMOS
DATA REGISTER
2
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
IS24C01B
IS24C02B
ISSI
8-pad DFN
(R)
PIN CONFIGURATION
8-Pin DIP, SOIC, TSSOP
A0 A1 A2 GND
1 2 3 4
8 7 6 5
VCC WP SCL SDA
A0 1 A1 2 A2 3 GND 4
8 VCC 7 WP 6 SCL 5 SDA
(Top View)
PIN DESCRIPTIONS
A0-A2 SDA SCL WP Vcc GND Address Inputs Serial Address/Data I/O Serial Clock Input Write Protect Input Power Supply Ground
SCL This input clock pin is used to synchronize the data transfer to and from the device. SDA The SDA is a Bi-directional pin used to transfer addresses and data into and out of the device. The SDA pin is an open drain output and can be wire-Or'ed with other open drain or open collector outputs. The SDA bus requires a pullup resistor to Vcc.
A0, A1, A2 The A0, A1 and A2 are the device address inputs. The IS24C01B/02B uses the A0, A1, and A2 for hardware addressing and a total of 8 devices may be used on a single bus system. When the A0, A1, or A2 inputs are left floating, the input internally defaults to zero. WP WP is the Write Protect pin. If the WP pin is tied to VCC on the EEPROM, the entire array becomes Write Protected (Read only). When WP is tied to GND or left floating normal read/ write operations are allowed to the device.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
3
IS24C01B
IS24C02B
Stop Condition
ISSI
(R)
DEVICE OPERATION
IS24C01B/02B features serial communication and supports a bi-directional 2-wire bus transmission protocol called I2CTM.
2-WIRE BUS
The two-wire bus is defined as a Serial Data line (SDA), and a Serial Clock line (SCL). The protocol defines any device that sends data onto the SDA bus as a transmitter, and the receiving devices as receivers. The bus is controlled by Master device that generates the SCL, controls the bus access, and generates the Stop and Start conditions. The IS24C01B/02B is the Slave device on the bus.
The Stop condition is defined as a Low to High transition of SDA when SCL is High. All operations must end with a Stop condition.
Acknowledge (ACK)
After a successful data transfer, each receiving device is required to generate an ACK. The Acknowledging device pulls down the SDA line.
Reset
The IS24C01B/02B contains a reset function in case the 2-wire bus transmission is accidentally interrupted (eg. a power loss), or needs to be terminated midstream. The reset is caused when the Master device creates a Start condition. To do this, it may be necessary for the Master device to monitor the SDA line while cycling the SCL up to nine times. (For each clock signal transition to High, the Master checks for a High level on SDA.)
The Bus Protocol:
- Data transfer may be initiated only when the bus is not busy - During a data transfer, the SDA line must remain stable whenever the SCL line is high. Any changes in the SDA line while the SCL line is high will be interpreted as a Start or Stop condition. The state of the SDA line represents valid data after a Start condition. The SDA line must be stable for the duration of the High period of the clock signal. The data on the SDA line may be changed during the Low period of the clock signal. There is one clock pulse per bit of data. Each data transfer is initiated with a Start condition and terminated with a Stop condition.
Standby Mode
Power consumption is reduced in standby mode. The IS24C01B/02B will enter standby mode: a) At Power-up, and remain in it until SCL or SDA toggles; b) Following the Stop signal if a no write operation is initiated; or c) Following any internal write operation.
Start Condition
The Start condition precedes all commands to the device and is defined as a High to Low transition of SDA when SCL is High. The EEPROM monitors the SDA and SCL lines and will not respond until the Start condition is met.
4
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
IS24C01B
IS24C02B
WRITE OPERATION Byte Write
ISSI
(R)
DEVICE ADDRESSING
The Master begins a transmission by sending a Start condition. The Master then sends the address of the particular Slave devices it is requesting. The Slave device (Fig. 5) address is 8 bits. The four most significant bits of the Slave device address are fixed as 1010 for the IS24C01B/02B. The next three bits of the Slave address are specific for each of the EEPROM. The bit values enable access to multiple memory blocks or multiple devices. The IS24C01B/02B uses the three bits A0, A1, and A2 in a comparison with the hard-wired input values on the A0, A1, and A2 pins. Up to eight units may share the 2-wire bus. The last bit of the Slave address specifies whether a Read or Write operation is to be performed. When this bit is set to 1, a Read operation is selected, and when set to 0, a Write operation is selected. After the Master transmits the Start condition and Slave address byte (Fig. 5), the appropriate 2-wire Slave (eg.IS24C02B) will respond with ACK on the SDA line. The Slave will pull down the SDA on the ninth clock cycle, signaling that it received the eight bits of data. The selected EEPROM then prepares for a Read or Write operation by monitoring the bus.
In the Byte Write mode, the Master device sends the Start condition and the Slave address information (with the R/W set to Zero) to the Slave device. After the Slave generates an ACK, the Master sends the byte address that is to be written into the address pointer of the IS24C01B/02B. After receiving another ACK from the Slave, the Master device transmits the data byte to be written into the address memory location. The IS24C01B/02B acknowledges once more and the Master generates the Stop condition, at which time the device begins its internal programming cycle. While this internal cycle is in progress, the device will not respond to any request from the Master device.
Page Write
The IS24C01B/02B is capable of 8-byte Page-Write operation. A Page-Write is initiated in the same manner as a Byte Write, but instead of terminating the internal Write cycle after the first data word is transferred, the Master device can transmit up to 7 more bytes. After the receipt of each data word, the EEPROM responds immediately with an ACK on SDA line, and the three lower order data word address bits are internally incremented by one, while the higher order bits of the data word address remain constant. If a byte address is incremented from the last byte of a page, it returns to the first byte of that page. If the Master device should transmit more than 8 bytes prior to issuing the Stop condition, the address counter will "roll over," and the previously written data will be overwritten. Once all 8 bytes are received and the Stop condition has been sent by the Master, the internal programming cycle begins. At this point, all received data is written to the IS24C01B/02B in a single Write cycle. All inputs are disabled until completion of the internal Write cycle.
Acknowledge (ACK) Polling
The disabling of the inputs can be used to take advantage of the typical Write cycle time. Once the Stop condition is issued to indicate the end of the host's Write operation, the IS24C01B/02B initiates the internal Write cycle. ACK polling can be initiated immediately. This involves issuing the Start condition followed by the Slave address for a Write operation. If the EEPROM is still busy with the Write operation, no ACK will be returned. If the IS24C01B/02B has completed the Write operation, an ACK will be returned and the host can then proceed with the next Read or Write operation.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
5
IS24C01B
IS24C02B
Random Address Read
ISSI
(R)
READ OPERATION
Read operations are initiated in the same manner as Write operations, except that the (R/W) bit of the Slave address is set to "1". There are three Read operation options: current address read, random address read and sequential read.
Current Address Read
The IS24C01B/02B contains an internal address counter which maintains the address of the last byte accessed, incremented by one. For example, if the previous operation is either a Read or Write operation addressed to the address location n, the internal address counter would increment to address location n+1. When the EEPROM receives the Slave Addressing Byte with a Read operation (R/W bit set to "1"), it will respond an ACK and transmit the 8-bit data byte stored at address location n+1. The Master should not acknowledge the transfer but should generate a Stop condition so the IS24C01B/02B discontinues transmission. If 'n' is the last byte of the memory, the data from location '0' will be transmitted. (Refer to Figure 8. Current Address Read Diagram.)
Selective Read operations allow the Master device to select at random any memory location for a Read operation. The Master device first performs a 'dummy' Write operation by sending the Start condition, Slave address and byte address of the location it wishes to read. After the IS24C01B/02B acknowledges the byte address, the Master device resends the Start condition and the Slave address, this time with the R/W bit set to one. The EEPROM then responds with its ACK and sends the data requested. The Master device does not send an ACK but will generate a Stop condition. (Refer to Figure 9. Random Address Read Diagram.)
Sequential Read
Sequential Reads can be initiated as either a Current Address Read or Random Address Read. After the IS24C01B/02B sends the initial byte sequence, the Master device now responds with an ACK, indicating it requires additional data from the IS24C01B/02B. The EEPROM continues to output data for each ACK received. The Master device terminates the sequential Read operation by pulling SDA High (no ACK) indicating the last data word to be read, followed by a Stop condition. The data output is sequential, with the data from address n followed by the data from address n+1,n+2 ... etc. The address counter increments by one automatically, allowing the entire memory contents to be serially read during sequential Read operation. When the memory address boundary of 127 or 255 (depending on the device) is reached, the address counter "rolls over" to address 0, and the device continues to output data. (Refer to Figure 10. Sequential Read Diagram).
6
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
IS24C01B
IS24C02B
ISSI
Vcc
(R)
FIGURE 1. TYPICAL SYSTEM BUS CONFIGURATION
SDA SCL
Master Transmitter/ Receiver
IS24Cxx
FIGURE 2. OUTPUT ACKNOWLEDGE
SCL from Master
1
8
9
Data Output from Transmitter
tAA tAA
Data Output from Receiver
ACK
FIGURE 3. START AND STOP CONDITIONS
STOP Condition
SDA
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
START Condition
SCL
7
IS24C01B
IS24C02B
ISSI
Data Change
(R)
FIGURE 4. DATA VALIDITY PROTOCOL
SCL
Data Stable Data Stable
SDA
FIGURE 5. SLAVE ADDRESS
BIT
7
6
5
4
3
2
1
0
1
0
1
0
A2
A1
A0
R/W
FIGURE 6. BYTE WRITE
SDA Bus Activity
S T A R T
Device Address
W R I T E A C K
Byte Address
Data A C K A C K
S T O P
*
M S B
L M S S B B R/W
* = Don't care bit for IS24C01B
8
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
IS24C01B
IS24C02B
ISSI
S T O P A C K
(R)
FIGURE 7. PAGE WRITE
SDA Bus Activity
S T A R T
Device Address
W R I T E A C K
Byte Address (n)
Data (n) A C K A C K
Data (n+1) A C K
Data (n+7)
*
M S B
L S B R/W
* = Don't care bit for IS24C01B
FIGURE 8. CURRENT ADDRESS READ
S T A R T SDA Bus Activity M S B L S B R/W
Device Address
R E A D A C K
Data
S T O P
N O A C K
FIGURE 9. RANDOM ADDRESS READ
S T A R T SDA Bus Activity M S B
Device Address
W R I T E A C K L S B R/W
Byte Address (n)
S T A R T A C K
Device Address
R E A D A C K
Data n
S T O P
*
N O A C K
DUMMY WRITE
* = Don't care bit for IS24C01B
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
9
IS24C01B
IS24C02B
ISSI
R E A D A C K S T O P
(R)
FIGURE 10. SEQUENTIAL READ
Device Address SDA Bus Activity
Data Byte n A C K
Data Byte n+1 A C K
Data Byte n+2 A C K
Data Byte n+X
N O R/W A C K
10
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
IS24C01B
IS24C02B
ISSI
Value -0.5 to +6.5 -0.5 to Vcc + 0.5 -55 to +125 -65 to +150 5 Unit V V C C mA
(R)
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VS VP TBIAS TSTG IOUT Parameter Supply Voltage Voltage on Any Pin Temperature Under Bias Storage Temperature Output Current
Notes: 1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
OPERATING RANGE
(IS24C01B-2 & IS24C02B-2) Range Industrial Ambient Temperature -40C to +85C VCC 1.8V to 5.5V
Note: ISSI offers Industrial grade for Commercial applications (0oC to +70oC).
OPERATING RANGE
(IS24C01B-3 & IS24C02B-3) Range Automotive Ambient Temperature -40C to +125C VCC 2.5V to 5.5V
CAPACITANCE(1,2)
Symbol CIN COUT Parameter Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Max. 6 8 Unit pF pF
Notes: 1. Tested initially and after any design or process changes that may affect these parameters. 2. Test conditions: TA = 25C, f = 1 MHz, Vcc = 5.0V.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
11
IS24C01B
IS24C02B
ISSI
(R)
AC WAVEFORMS Figure 11. Bus Timing
tR
tF
tHIGH
tLOW
tSU:STO
SCL
tSU:STA tHD:STA tHD:DAT tSU:DAT tBUF
SDAIN
tAA
tDH
SDAOUT
tSU:WP
tHD:WP
WP
Figure 12. Write Cycle Timing
SCL
SDA
8th BIT WORD n
ACK
tWR
STOP Condition START Condition
12
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
IS24C01B
IS24C02B
ISSI
Test Conditions VCC = 1.8V, IOL = 0.15 mA VCC = 2.5V, IOL = 3 mA Min. Max. -- 0.2 -- 0.4 VCC X 0.7 VCC + 0.5 -1.0 VCC X 0.3 -- 3 -- 3 Unit V V V V A A
(R)
DC ELECTRICAL CHARACTERISTICS
Industrial (TA = -40oC to +85oC), Automotive (TA = -40oC to +125oC)
Symbol VOL1 VOL2 VIH VIL ILI ILO Parameter Output Low Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current
VIN = VCC max.
Notes: VIL min and VIH max are reference only and are not tested.
POWER SUPPLY CHARACTERISTICS
Industrial (TA = -40oC to +85oC), Automotive (TA = -40oC to +125oC)
Symbol ICC1 ICC2 ISB1 ISB2 ISB3 Parameter Vcc Operating Current Vcc Operating Current Standby Current Standby Current Standby Current Test Conditions Read at 400 KHz (Vcc = 5V) Write at 400 KHz (Vcc = 5V) Vcc = 1.8V Vcc = 2.5V Vcc = 5.0V Min. -- -- -- -- -- Max. 2.0 3.0 1 2 6 Unit mA mA A A A
AC ELECTRICAL CHARACTERISTICS
Industrial (TA = -40oC to +85oC)
1.8V Vcc < 2.5V Parameter Min. Max. SCL Clock Frequency 0 100 (1) Noise Suppression Time -- 100 Clock Low Period 4.7 -- Clock High Period 4 -- Bus Free Time Before New Transmission(1) 4.7 -- Start Condition Setup Time 4 -- Stop Condition Setup Time 4 -- Start Condition Hold Time 4 -- Stop Condition Hold Time 4 -- Data In Setup Time 100 -- Data In Hold Time 0 -- WP pin Setup Time 4 -- WP pin Hold Time 4.7 -- Data Out Hold Time 100 -- (SCL Low to SDA Data Out Change) Clock to Output 100 3500 (SCL Low to SDA Data Out Valid) SCL and SDA Rise Time(1) -- 1000 SCL and SDA Fall Time(1) -- 300 Write Cycle Time -- 10 2.5V Vcc < 4.5V Min. Max. 0 400 -- 50 1.2 -- 0.6 -- 1.2 -- 0.6 -- 0.6 -- 0.6 -- 0.6 -- 100 -- 0 -- 0.6 -- 1.2 -- 50 -- 50 -- -- -- 900 300 300 5 4.5V Vcc 5.5V(1) Min. Max. Unit 0 1000 KHz -- 50 ns 0.6 -- s 0.4 -- s 0.5 -- s 0.25 -- s 0.25 -- s 0.25 -- s 0.25 -- s 100 -- ns 0 -- ns 0.6 -- s 1.2 -- s 50 -- ns 50 -- -- -- 400 300 100 5 ns ns ns ms
Symbol fSCL T tLow tHigh tBUF tSU:STA tSU:STO tHD:STA tHD:STO tSU:DAT tHD:DAT tSU:WP tHD:WP tDH tAA tR tF tWR
Note: 1. This parameter is characterized but not 100% tested.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
13
IS24C01B
IS24C02B
ISSI
2.5V Vcc < 4.5V 4.5V Vcc 5.5V(1) Min. 0 -- 0.6 0.4 0.5 0.25 0.25 0.25 0.25 100 0 0.6 1.2 50 50 -- -- -- Max. 1000 50 -- -- -- -- -- -- -- -- -- -- -- -- 550 300 100 5 Unit KHz ns s s s s s s s ns ns s s ns ns ns ns ms Min. Max. 0 -- 1.2 0.6 400 50 -- -- -- -- -- -- -- -- -- -- -- -- 900 300 300 10
(R)
AC ELECTRICAL CHARACTERISTICS
Automotive (TA = -40oC to +125oC)
Symbol Parameter fSCL T tLow tHigh tBUF tSU:STA tSU:STO tHD:STA tHD:STO tSU:DAT tHD:DAT tSU:WP tHD:WP tDH tAA tR tF tWR SCL Clock Frequency Noise Suppression Time(1) Clock Low Period Clock High Period Bus Free Time Before New Transmission(1) Start Condition Setup Time Stop Condition Setup Time Start Condition Hold Time Stop Condition Hold Time Data In Setup Time Data In Hold Time WP pin Setup Time WP pin Hold Time Data Out Hold Time (SCL Low to SDA Data Out Change) Clock to Output (SCL Low to SDA Data Out Valid) SCL and SDA Rise SCL and SDA Fall Write Cycle Time Time(1) Time(1)
1.2 0.6 0.6 0.6 0.6 100 0 0.6 1.2 50 50 -- -- --
Note: 1. This parameter is characterized but not 100% tested.
14
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
IS24C01B
IS24C02B
ISSI
Package 300-mil Plastic DIP Small Outline (JEDEC STD) TSSOP 300-mil Plastic DIP Small Outline (JEDEC STD) TSSOP
(R)
ORDERING INFORMATION Industrial Range: -40C to +85C
Voltage Range 1.8V to 5.5V 1.8V to 5.5V Part Number IS24C01B-2PI IS24C01B-2GI IS24C01B-2ZI IS24C02B-2PI IS24C02B-2GI IS24C02B-2ZI
ORDERING INFORMATION Industrial Range: -40C to +85C, Lead-free
Voltage Range 1.8V to 5.5V 1.8V to 5.5V Part Number IS24C01B-2PLI IS24C01B-2GLI IS24C01B-2ZLI IS24C02B-2PLI IS24C02B-2GLI IS24C02B-2ZLI IS24C02B-2DLI Package 300-mil Plastic DIP Small Outline (JEDEC STD) TSSOP 300-mil Plastic DIP Small Outline (JEDEC STD) TSSOP DFN (2mm x 3mm)
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. A 04/12/06
15
PACKAGING INFORMATION
300-mil Plastic DIP Package Code: N,P
ISSI
E1
(R)
N
1 D SEATING PLANE B1
S
S
A
E
L FOR 32-PIN ONLY A1 e B B2
C eA
MILLIMETERS Sym.
N0. Leads A A1 B B1 B2 C D E E1 eA e L S
INCHES Min. Max.
Notes: 1. Controlling dimension: inches, unless otherwise specified. 2. BSC = Basic lead spacing between centers. 3. Dimensions D and E1 do not include mold flash protrusions and should
Min.
8
Max.
be measured from the bottom of the package.
4. Formed leads shall be planar with respect to one another within 0.004 inches at the seating plane.
3.68 0.38 0.36 1.14 0.81 0.20 9.12 7.62
6.20 8.13
4.57 -- 0.56 1.52 1.17 0.33
9.53 8.26
6.60 9.65 -- 0.762
0.145 0.015 0.014 0.045 0.032 0.008 0.359 0.300
0.244 0.320
0.180 -- 0.022 0.060 0.046 0.013
0.375 0.325
0.260 0.380 -- 0.030
2.54 BSC 3.18 0.64
0.100 BSC 0.125 0.025
Copyright (c) 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 02/14/03
PACKAGING INFORMATION
150-mil Plastic SOP Package Code: G, GR
ISSI
(R)
N
E
H
1 D
SEATING PLANE
A
A1 e B
L
C
Symbol Ref. Std. No. Leads A A1 B C D E H e L
150-mil Plastic SOP (G, GR) Min Max Min Max Inches mm 8 8 -- 0.068 -- 1.73 0.004 0.009 0.1 0.23 0.013 0.020 0.33 0.51 0.007 0.010 0.18 0.25 0.189 0.197 4.8 5 0.150 0.157 3.81 3.99 0.228 0.245 5.79 6.22 0.050 BSC 1.27 BSC 0.020 0.035 0.51 0.89
Notes: 1. Controlling dimension: inches, unless otherwise specified. 2. BSC = Basic lead spacing between centers. 3. Dimensions D and E1 do not include mold flash protrusions and should be
measured from the bottom of the package.
4. Formed leads shall be planar with respect to one another within 0.004 inches at the seating plane.
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. C 10/03/01
2
PACKAGING INFORMATION
Dual Flat No-Lead Package Code: D (8-pad)
A
ISSI
D2
b (8X)
(R)
E2
E
tie bars(3)
Pad 1 ID
L (8X)
D A2 A3 A1
e (6X) 1.50 REF.
Pad 1 index area
DFN
MILLIMETERS Sym.
N0. Pad D E D2 E2 A A1 A2 A3 L e b 0.18 0.30 1.50 1.60 0.70 0.0 --
Min. Nom. Max.
8 2.00 BSC 3.00 BSC -- -- 0.75 0.02 -- 0.20 REF 0.40 0.50 BSC 0.25 0.30 0.50 1.75 1.90 0.80 0.05 0.75
Notes: 1. Refer to JEDEC Drawing MO-229. 2. This is the metallized terminal and is measured between 0.18 mm and 0.30 mm from the terminal tip. The terminal may have a straight end instead of rounded. 3. Package may have exposed tie bars, ending flush with package edge.
Copyright (c) 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. B 02/13/06
PACKAGING INFORMATION
Thin Shrink Small Outline TSSOP Package Code: Z (8 pin, 14 pin)
ISSI
(R)
N
E1
E
1 D
N/2 A1
L
A2
A
C
e B
TSSOP (Z) Ref. Std. JEDEC MO-153 No. Leads 8 Millimeters Inches Symbol Min Max Min Max A -- 1.20 -- 0.047 A1 0.05 0.15 0.002 0.006 A2 0.80 1.05 0.032 0.041 B 0.19 0.30 0.007 0.012 C 0.09 0.20 0.004 0.008 D 2.90 3.10 0.114 0.122 E1 4.30 4.50 0.169 0.177 E 6.40 BSC 0.252 BSC e 0.65 BSC 0.026 BSC L 0.45 0.75 0.018 0.030 -- 8 -- 8
TSSOP (Z) Ref. Std. JEDEC MO-153 No. Leads 14 Millimeters Inches Symbol Min Max Min Max A -- 1.20 -- 0.047 A1 0.05 0.15 0.002 0.006 A2 0.80 1.05 0.031 0.041 B 0.19 0.30 0.007 0.012 C 0.09 0.20 0.0035 0.008 D 4.90 5.10 0.193 0.201 E1 4.30 4.50 0.170 0.177 E 6.40 BSC 0.252 BSC e 0.65 BSC 0.026 BSC L 0.45 0.75 0.0177 0.0295 -- 8 -- 8
SSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors which may appear in this publication. (c) Copyright 2002, Integrated Silicon Solution, Inc.
Integrated Silicon Solution, Inc.
Rev B 02/01/02


▲Up To Search▲   

 
Price & Availability of IS24C01B-2PLI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X