Part Number Hot Search : 
MAX125 SFH2500 FQPF1N50 E2UEA SMBJ14CA BZX84C39 MAX14721 KDZ43EV
Product Description
Full Text Search
 

To Download IPD60R385CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPD60R385CP
CoolMOSTM Power Transistor
Features * Worldwide best R ds,on in TO252 * Ultra low gate charge * Extreme dv/dt rated * High peak current capability * Qualified according to JEDEC1) for target applications * Pb-free lead plating; RoHS compliant
Product Summary V DS @ Tj,max R DS(on),max Q g,typ 650 V
0.385 17 nC
PG-TO252
CoolMOS CP is specially designed for: * Hard switching SMPS topologies
Type IPD60R385CP
Package PG-TO252
Ordering Code SP000062533
Marking 6R385P
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C Pulsed drain current2) Avalanche energy, single pulse Avalanche energy, repetitive t AR2),3) Avalanche current, repetitive t AR2),3) MOSFET dv /dt ruggedness Gate source voltage I D,pulse E AS E AR I AR dv /dt V GS V DS=0...480 V static AC (f >1 Hz) Power dissipation Operating and storage temperature P tot T j, T stg T C=25 C T C=25 C I D=3.4 A, V DD=50 V I D=3.4 A, V DD=50 V Value 9.0 5.7 27 227 0.3 3 50 20 30 83 -55 ... 150 W C A V/ns V mJ Unit A
Rev. 2.0
page 1
2006-04-04
IPD60R385CP
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous diode forward current Diode pulse current 2) Reverse diode dv /dt 4) Parameter Symbol Conditions IS I S,pulse dv /dt Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case R thJC R thJA Thermal resistance, junction ambient SMD version, device on PCB, minimal footprint SMD version, device on PCB, 6 cm2 cooling area5) T sold reflow MSL3 1.5 62 K/W T C=25 C Value 5.2 27 15 Values typ. max. V/ns Unit Unit A
-
35
-
Soldering temperature, reflowsoldering
-
-
260
C
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=250 A V GS(th) I DSS V DS=V GS, I D=0.34 mA V DS=600 V, V GS=0 V, T j=25 C V DS=600 V, V GS=0 V, T j=150 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=5.2 A, T j=25 C V GS=10 V, I D=5.2 A, T j=150 C Gate resistance RG f =1 MHz, open drain 600 2.5 3 3.5 V
Zero gate voltage drain current
-
10 0.35 0.94 1.8
1 100 0.385 -
A
nA
Rev. 2.0
page 2
2006-04-04
IPD60R385CP
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Effective output capacitance, energy related6) Effective output capacitance, time related7) Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Reverse Diode Diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current
1) 2) 3) 4) 5)
Values typ. max.
Unit
C iss C oss C o(er) C o(tr) t d(on) tr t d(off) tf
V GS=0 V, V DS=100 V, f =1 MHz
-
790 38 36 300 10 5 40 5
-
pF
V GS=0 V, V DS=0 V to 480 V
ns
V DD=400 V, V GS=10 V, I D=9.9 A, R G=6.8
-
Q gs Q g(th) Q gd Q sw Qg V plateau V DD=400 V, I D=5.2 A, V GS=0 to 10 V
-
4 4.6 6 12 17 5.0
6.2 17 22 -
nC
V
V SD t rr Q rr I rrm
V GS=0 V, I F=5.2 A, T j=25 C V R=400 V, I F=I S, di F/dt =100 A/s
-
0.9 260 3.1 24
1.2 -
V ns C A
J-STD20 and JESD22 Pulse width t p limited by T j,max Repetitive avalanche causes additional power losses that can be calculated as P AV=E AR*f. ISD=ID, di/dt<=400A/s, VDClink=400V, VpeakDevice on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70m thick) copper area for drain connection. PCB is without blown air. C o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS. C o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
6) 7)
Rev. 2.0
page 3
2006-04-04
IPD60R385CP
1 Power dissipation P tot=f(T C) 2 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
100 102
limited by on-state resistance
80
10 s
1 s
101 60
P tot [W]
100 s
I D [A]
1 ms DC
40 100
10 ms
20
0 0 40 80 120 160
10-1 100 101 102 103
T C [C]
V DS [V]
3 Max. transient thermal impedance Z thJC=f(t P) parameter: D=t p/T
101
4 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
25
20 V 10 V 8V 7V
20
100
0.5
6V
Z thJC [K/W]
15
0.1 0.05
I D [A]
0.2
5.5 V
10
10-1
0.02 0.01 single pulse
5V
5
4.5 V
10-2 10
-5
0 10
-4
10
-3
10
-2
10
-1
10
0
0
5
10
15
20
t p [s]
V DS [V]
Rev. 2.0
page 4
2006-04-04
IPD60R385CP
5 Typ. output characteristics I D=f(V DS); T j=150 C parameter: V GS
16
8V
6 Typ. drain-source on-state resistance R DS(on)=f(I D); T j=150 C parameter: V GS
1.6
14
20 V
10 V
7V
1.4
5V
5.5 V
6V 6.5 V
12
6V 5.5 V
1.2
7V
10
1
20 V
R DS(on) []
I D [A]
8
5V
0.8
6
4.5 V
0.6
4
0.4
2
0.2
0 0 5 10 15 20
0 0 5 10 15
V DS [V]
I D [A]
7 Drain-source on-state resistance R DS(on)=f(T j); I D=5.2 A; V GS=10 V
8 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
1.2
40 36
C 25
1
32 28 24
0.8
R DS(on) []
0.6
98 %
I D [A]
20 16
C 150
0.4
typ
12 8 4
0.2
0 -60 -20 20 60 100 140 180
0 0 2 4 6 8 10
T j [C]
V GS [V]
Rev. 2.0
page 5
2006-04-04
IPD60R385CP
9 Typ. gate charge V GS=f(Q gate); I D=5.2 A pulsed parameter: V DD
10 9 8
120 V
10 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
102
7 6
400 V
101
150 C
25 C
150 C, 98%
V GS [V]
5 4 3 2 1 0 0 5 10 15 20
I F [A]
100
25 C, 98%
10-1 0 0.5 1 1.5 2
Q gate [nC]
V SD [V]
11 Avalanche energy E AS=f(T j); I D=3.4 A; V DD=50 V
12 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=0.25 mA
250
700
200 660
V BR(DSS) [V]
20 60 100 140 180
150
E AS [mJ]
620
100
580 50
0
540 -60 -20 20 60 100 140 180
T j [C]
T j [C]
Rev. 2.0
page 6
2006-04-04
IPD60R385CP
13 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz 14 Typ. Coss stored energy E oss= f(V DS)
104
6
5 103
Ciss
4
102
Coss
E oss [J]
200 300 400 500
C [pF]
3
2 101 1
Crss
100 0 100
0 0 100 200 300 400 500 600
V DS [V]
V DS [V]
Rev. 2.0
page 7
2006-04-04
IPD60R385CP
Definition of diode switching characteristics
Rev. 2.0
page 8
2006-04-04
IPD60R385CP
PG-TO252-3-1/TO252-3-11/TO252-3-21: Outlines
Dimensions in mm/inches: Dimensions in mm/inches: Rev. 2.0 page 9 2006-04-04
IPD60R385CP
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006. All Rights Reserved. Attention please! The information given in this data sheet shall in no event be regarded as a guarantee of conditions o characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typica values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties o non-infringement of intellectual property rights of any third party Information For further information on technology, delivery terms and conditions and prices please contact your neares Infineon Technologies Office (www.infineon.com ). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 2.0
page 10
2006-04-04


▲Up To Search▲   

 
Price & Availability of IPD60R385CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X