Part Number Hot Search : 
91100 8M1012 N4751 SMB36 N4751 3404A 15530 2SC5323
Product Description
Full Text Search
 

To Download IPD127N06LG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPD127N06L G
OptiMOS(R) Power-Transistor
Features * For fast switching converters and sync. rectification * N-channel enhancement - logic level * 175 C operating temperature * Avalanche rated * Pb-free lead plating, RoHS compliant
Product Summary V DS R DS(on),max ID 60 12.7 50 V m A
PG-TO252-3
Type
IPD127N06L G
Package Marking
PG-TO252-3 127N06L
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C1) T C=100 C Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1
1) 2)
Value 50 48 200 240 6 20
Unit A
I D,pulse E AS dv /dt V GS P tot T j, T stg
T C=25 C2) I D=50 A, R GS=25 I D=50 A, V DS=48 V, di /dt =200 A/s, T j,max=175 C
mJ kV/s V W C
T C=25 C
136 -55 ... 175 55/175/56
Current is limited by bondwire; with an R thJC=1.1 K/W the chip is able to carry 64 A. See figure 3
Rev. 1.1
page 1
2006-04-13
IPD127N06L G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm2 cooling area3) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=80 A V DS=60 V, V GS=0 V, T j=25 C V DS=60 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=33 A V GS=10 V, I D=50 A Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=50 A 60 1.2 1.6 0.01 2 1 A V 1.1 75 50 K/W Values typ. max. Unit
35
1 1 12.5 10.0 1.5 69
100 100 16.7 12.7 S nA m
3)
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.1
page 2
2006-04-13
IPD127N06L G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics4) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge
4)
Values typ. max.
Unit
C iss C oss C rss t d(on) tr t d(off) tf V DD=30 V, V GS=10 V, I D=50 A, R G=3.6 V GS=0 V, V DS=30 V, f =1 MHz
-
1700 410 110 9 14 39 13
2300 550 165 13 21 58 21
pF
ns
Q gs Q g(th) Q gd Q sw Qg V plateau Q oss V DD=30 V, V GS=0 V V DD=30 V, I D=50 A, V GS=0 to 10 V
-
6 3 17 21 52 3.7 16
9 4 26 31 69 21
nC
V
IS I S,pulse V SD t rr Q rr
T C=25 C V GS=0 V, I F=50 A, T j=25 C V R=30 V, I F=I S, di F/dt =100 A/s
-
0.93 52 99
50 200 1.3 65 125
A
V ns nC
See figure 16 for gate charge parameter definition
Rev. 1.1
page 3
2006-04-13
IPD127N06L G
1 Power dissipation P tot=f(T C); V GS6 V 2 Drain current I D=f(T C); V GS10 V
160 140
60
50 120 40 100
P tot [W]
80 60
I D [A]
0 50 100 150 200
30
20 40 10 20 0 0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
1 s limited by on-state resistance 10 s 100 s 1 ms
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
101
10
2
DC
100
101
10 ms
Z thJC [K/W]
0.5
I D [A]
0.2 0.1
10-1 100
0.05 0.02 0.01 single pulse
10-1 10
-1
10-2 10
0
10
1
10
2
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 1.1
page 4
2006-04-13
IPD127N06L G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
200
10 V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
50
5.5 V
180 160 140 120
5V
40
4V 3.5 V
3V
100 80 60 40
4.5 V
R DS(on) [m]
30
I D [A]
20
4.5 V 5V 5.5 V 10 V
4V
10
3.5 V
20
3V
0 0
0
0 1 2 3 0
0
20
40
60
80
100
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
80
8 Typ. forward transconductance g fs=f(I D); T j=25 C
100 90 80
60 70 60 40
g fs [S]
175 C 25 C
I D [A]
50 40 30
20 20 10 0 0 1 2 3 4 0 20 40 60
0
V GS [V]
I D [A]
Rev. 1.1
page 5
2006-04-13
IPD127N06L G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=50 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
40 3
30 2
R DS(on) [m]
V GS(th) [V]
810 A
20
98%
81 A
typ
1
10
0 -60 -20 20 60 100 140 180
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
10000
103
Ciss
102
175 C
25 C
1000
Coss 50 A
C [pF]
I F [A]
Crss
10
1
100 100
10 0 10 20 30 40 50
10-1 0 0.5 1 1.5 2
V DS [V]
V SD [V]
Rev. 1.1
page 6
2006-04-13
IPD127N06L G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
14 Typ. gate charge V GS=f(Q gate); I D=50 A pulsed parameter: V DD
12
12 V 25 C 100 C
30 V
10
8
150 C
48 V
10
V GS [V]
1 10 100 1000
I AV [A]
6
4
2
1
0 0 10 20 30 40 50 60
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
75
V GS
Qg
70
V BR(DSS) [V]
65
60
V g s(th)
55
Q g (th) Q gs
-60 -20 20 60 100 140 180
Q sw Q gd
Q gate
50
T j [C]
Rev. 1.1
page 7
2006-04-13
IPD127N06L G
PG-TO252-3: Outline
packaging:
Rev. 1.1
page 8
2006-04-13
IPD127N06L G
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006. All Rights Reserved. Attention please! The information given in this data sheet shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office ( www.infineon.com ). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.1
page 9
2006-04-13


▲Up To Search▲   

 
Price & Availability of IPD127N06LG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X