Part Number Hot Search : 
MM3Z27VC LA7668 8C839 AOB7S65 0RPEL V1N4565 NJU7054D LA7668
Product Description
Full Text Search
 

To Download IPB070N06NG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPB070N06N G
IPP070N06N G
OptiMOS(R) Power-Transistor
Features * Low gate charge for fast switching applications * N-channel enhancement - normal level * 175 C operating temperature * Avalanche rated * Pb-free lead plating, RoHS compliant
Product Summary V DS R DS(on),max ID
SMDversion
60 6.7 80
V m A
Type
IPB070N06N G
IPP070N06N G
Type IPB066N06N G Package IPP066N06N G Marking
Package P-TO263-3-2 P-TO263-3-2 070N06N P-TO220-3-1
Marking P-TO220-3-1 066N06N 070N06N 066N06N
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C1) T C=100 C Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1
1) 2)
Value 80 80 320 530 6 20
Unit A
I D,pulse E AS dv /dt V GS P tot T j, T stg
T C=25 C2) I D=80 A, R GS=25 I D=80 A, V DS=48 V, di /dt =200 A/s, T j,max=175 C
mJ kV/s V W C
T C=25 C
250 -55 ... 175 55/175/56
Current is limited by bondwire; with an R thJC=0.6 K/W the chip is able to carry 127 A. See figure 3
Rev. 1.01
page 1
2006-06-19
IPB070N06N G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm2 cooling area3) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=180 A V DS=60 V, V GS=0 V, T j=25 C V DS=60 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=60 V V GS=10 V, I D=80 A, V GS=10 V, I D=80 A, SMD version Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=80 A 60 2.1 3.0 0.01 -
IPP070N06N G
Unit max.
Values typ.
0.6 62 40
K/W
4 1
V
A
-
1
100
49
1 5.9 5.6 1.5 98
100 7 6.7 -
nA m
S
3)
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.01
page 2
2006-06-19
IPB070N06N G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics4) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge
4)
IPP070N06N G
Unit max.
Values typ.
C iss C oss C rss t d(on) tr t d(off) tf V DD=30 V, V GS=10 V, I D=80 A, R G=3.3 V GS=0 V, V DS=30 V, f =1 MHz
-
3100 860 210 16 37 61 36
4100 1100 315 24 56 91 54
pF
ns
Q gs Q g(th) Q gd Q sw Qg V plateau Q oss V DD=30 V, V GS=0 V V DD=30 V, I D=80 A, V GS=0 to 10 V
-
16 9 39 46 89 5.3 40
21 12 59 68 118 54
nC
V
IS I S,pulse V SD t rr Q rr
T C=25 C V GS=0 V, I F=80 A, T j=25 C V R=30 V, I F=I S, di F/dt =100 A/s
-
0.95 55 96
80 320 1.3 70 120
A
V ns nC
See figure 16 for gate charge parameter definition
Rev. 1.01
page 3
2006-06-19
IPB070N06N G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
IPP070N06N G
300
90 80
250 70 200 60 50 40 30 20 50 10 0 0 50 100 150 200 0 0 50 100 150 200
P tot [W]
150
100
T C [C]
I D [A]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
1 s limited by on-state resistance 10 s 100 s
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
100
102
1 ms DC 10 ms
0.5
Z thJC [K/W]
0.2
I D [A]
10
1
10
-1
0.1
0.05
100
0.02 0.01 single pulse
10-1 10
-1
10-2 10
0
10
1
10
2
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 1.01
page 4
2006-06-19
IPB070N06N G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
240 220 200 180 160
10 V 7V 6.5 V
IPP070N06N G
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
30 28 26 24 22 20
5V 5.5 V
140
6V
R DS(on) [m]
18 16 14 12 10 8 6
I D [A]
120 100 80 60 40 20 0 0 1 2 3 4 5
5V 5.5 V
6V
6.5 V 7V 10 V
4 2 0 0 20 40 60 80 100 120
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
140
8 Typ. forward transconductance g fs=f(I D); T j=25 C
100
120 80 100 60
80
60
g fs [S]
40 20 0 0 1 2
175 C
I D [A]
40
20
0 3 4 5 6 7
0
20
40
60
80
V GS [V] 25 C
I D [A]
Rev. 1.01
page 5
2006-06-19
IPB070N06N G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=80 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
20 4 3.5
IPP070N06N G
1800 A
15
3
180A
R DS(on) [m]
2.5 10
98 %
V GS(th) [V]
typ
2 1.5 1 0.5
5
0 -60 -20 20 60 100 140 180
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
103
25 C Ciss
175C 98%
10
2
175 C
C [pF]
I F [A]
103
Coss
101
25C 98%
100
Crss
102 0 10 20 30 40 50
10-1 0 0.5 1 1.5 2 2.5
V DS [V]
V SD [V]
Rev. 1.01
page 6
2006-06-19
IPB070N06N G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
102
25 C 100 C 150 C
IPP070N06N G
14 Typ. gate charge V GS=f(Q gate); I D=80 A pulsed parameter: V DD
12
10
30 V 12 V 48 V
8
101
V GS [V]
100 101 102 103
I AV [A]
6
4
2
100
0 0 20 40 60 80 100
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
75
V GS
Qg
70
V BR(DSS) [V]
65
60
V g s(th)
55
Q g (th) Q gs
-60 -20 20 60 100 140 180
Q sw Q gd
Q gate
50
T j [C]
Rev. 1.01
page 7
2006-06-19
IPB070N06N G
PG-TO-263 (D-Pak)
IPP070N06N G
Rev. 1.01
page 8
2006-06-19
IPB070N06N G
PG-TO220-3: Outline
IPP070N06N G
Rev. 1.01
page 9
2006-06-19
IPB070N06N G
IPP070N06N G
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006. All Rights Reserved. Attention please! The information given in this data sheet shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office ( www.infineon.com ). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.01
page 10
2006-06-19


▲Up To Search▲   

 
Price & Availability of IPB070N06NG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X