Part Number Hot Search : 
BL8536 00VDC CX1157 CX1157 07500 07500 IN74A 07500
Product Description
Full Text Search
 

To Download IPB03N03LAG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPB03N03LA G
OptiMOS(R)2 Power-Transistor
Features * Ideal for high-frequency dc/dc converters * Qualified according to JEDEC1) for target applications * N-channel - Logic level * Excellent gate charge x R DS(on) product (FOM) * Very low on-resistance R DS(on) * Superior thermal resistance * 175 C operating temperature * dv /dt rated * Pb-free lead plating; RoHS compliant
Product Summary V DS R DS(on),max (SMD version) ID 25 2.7 80 V m A
PG-TO263-3-2
Type IPB03N03LA G
Package PG-TO263-3-2
Marking 03N03LA
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C2) T C=100 C Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage4) Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1
1)
Value 80 80 385 960 6 20
Unit A
I D,pulse E AS dv /dt V GS P tot T j, T stg
T C=25 C3) I D=80 A, R GS=25 I D=80 A, V DS=20 V, di /dt =200 A/s, T j,max=175 C
mJ kV/s V W C
T C=25 C
150 -55 ... 175 55/175/56
J-STD20 and JESD22
Rev. 1.6
page 1
2006-05-10
IPB03N03LA G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm2 cooling area5) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=100 A V DS=25 V, V GS=0 V, T j=25 C V DS=25 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=55 A, SMD version V GS=10 V, I D=55 A, SMD version Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=55 A 25 1.2 1.6 0.1 2 1 A V 1 62 40 K/W Values typ. max. Unit
-
10 10 3.3
100 100 4.1 nA m
56
2.2 0.9 112
2.7 S
2)
Current is limited by bondwire; with an R thJC=1 K/W the chip is able to carry 175 A. See figure 3 T j,max=150 C and duty cycle D <0.25 for V GS<-5 V
3)
4) 5)
2 Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.6
page 2
2006-05-10
IPB03N03LA G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 6) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Gate charge total, sync. FET Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=80 A, T j=25 C V R=15 V, I F=I S, di F/dt =400 A/s 0.96 80 385 1.2 V A Q gs Q g(th) Q gd Q sw Qg V plateau Q g(sync) Q oss V DS=0.1 V, V GS=0 to 5 V V DD=15 V, V GS=0 V V DD=15 V, I D=40 A, V GS=0 to 5 V 16 8.5 12 20 43 3.1 37 48 21 11.2 18 28 57 49 64 V nC nC C iss C oss Crss t d(on) tr t d(off) tf V DD=15 V, V GS=10 V, I D=20 A, R G=2.7 V GS=0 V, V DS=15 V, f =1 MHz 5283 2231 304 18 8.5 45 7.5 7027 2967 457 26 13 68 11 ns pF Values typ. max. Unit
Reverse recovery charge
Q rr
-
-
20
nC
6)
See figure 16 for gate charge parameter definition
Rev. 1.6
page 3
2006-05-10
IPB03N03LA G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
160
100
140 80 120
100
60
P tot [W]
80
I D [A]
40 20 0 0 50 100 150 200 0 50 100 150 200
60
40
20
0
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
1000
1 s limited by on-state resistance
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
10
10 s
1
100 s 0.5
100
I D [A]
1 ms
Z thJC [K/W]
DC
0.2
0.1
0.1 0.05 0.02 0.01 single pulse
10 ms
10 0.01
1 0.1 1 10 100
0.001 10-6 0 10-5 0 10-4 0 10-3 0 10-20 10-1 0 100 1
V DS [V]
t p [s]
Rev. 1.6
page 4
2006-05-10
IPB03N03LA G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
160
V 10 V 4.5 V 4.1 V 3.8
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
12
V 2.8 V3 V 3.2 V 3.5 V 3.8
140
10
120 8
I D [A]
V 3.5
R DS(on) [m]
100
80
6
V 4.1
60
V 3.2
4
V 4.5
40
V3 V 10
2
20
V 2.8
0 0 1 2 3
0 0 20 40 60 80 100 120 140 160
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
160
8 Typ. forward transconductance g fs=f(I D); T j=25 C
140
140
120
120 100 100
80
g fs [S]
C 175 C 25
I D [A]
80
60
60 40
40
20
20
0 0 1 2 3 4 5
0 0 20 40 60 80
V GS [V]
I D [A]
Rev. 1.6
page 5
2006-05-10
IPB03N03LA G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=55 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
6 2.5
5 2
4
A 1000 %98
R DS(on) [m]
V GS(th) [V]
1.5
A 100
3
typ
1
2
1
0.5
0 -60 -20 20 60 100 140 180
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. Capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
10000
Ciss
1000
C 25 C 175 %C, 98 175 Coss
100
%C, 98 25
C [pF]
1000
I F [A]
10
Crss
100 0 5 10 15 20 25 30
1 0 0.5 1 1.5 2
V DS [V]
V SD [V]
Rev. 1.6
page 6
2006-05-10
IPB03N03LA G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: Tj(start)
100
C 25 C 150 C 100 V 15
14 Typ. gate charge V GS=f(Q gate); I D=40 A pulsed parameter: V DD
12
10
V5 V 20
8
10
V GS [V]
1 10 100 1000
I AV [A]
6
4
2
1
0 0 20 40 60 80 100
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
29
V GS
28 27 26
Qg
V BR(DSS) [V]
25 24 23 22 21 20 -60 -20 20 60 100 140 180
V g s(th)
Q g(th) Q gs
Q sw Q gd
Q g ate
T j [C]
Rev. 1.6
page 7
2006-05-10
IPB03N03LA G
Package Outline P-TO263-3-2: Outline
Footprint
Packaging
Dimensions in mm Rev. 1.6 page 8 2006-05-10
IPB03N03LA G
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006. All Rights Reserved. Attention please! The information given in this data sheet shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com ). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.6
page 9
2006-05-10


▲Up To Search▲   

 
Price & Availability of IPB03N03LAG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X