Part Number Hot Search : 
AD100 1N5250 TLP114A QN25A B90547GP IRF23 KBPC1508 5SF125
Product Description
Full Text Search
 

To Download IDTQS3VH861 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDTQS3VH861 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH(R) PRODUCTS 2.5V / 3.3V 10-BIT FLOWTHROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
FEATURES: DESCRIPTION:
IDTQS3VH861
* N channel FET switches with no parasitic diode to VCC - Isolation under power-off conditions - No DC path to VCC or GND - 5V tolerant in OFF and ON state * 5V tolerant I/Os * Low RON - 4 typical * Flat RON characteristics over operating range * Rail-to-rail switching 0 - 5V * Bidirectional dataflow with near-zero delay: no added ground bounce * Excellent RON matching between channels * VCC operation: 2.3V to 3.6V * High bandwidth - up to 500MHz * LVTTL-compatible control Inputs * Undershoot Clamp Diodes on all switch and control Inputs * Low I/O capacitance, 4pF typical * Available in QSOP and TSSOP packages
The QS3VH861 HotSwitch with 10-bit flow-through pin out is a high bandwidth bus switch. The QS3VH861 has very low ON resistance, resulting in under 250ps propagation delay through the switch. The switches are controlled by active low enable (BE) control. In the ON state, the switches can pass signals up to 5V. In the OFF state, the switches offer very high impedence at the terminals. The combination of near-zero propagation delay, high OFF impedance, and over-voltage tolerance makes the QS3VH861 ideal for high performance communications applications. The QS3VH861 is characterized for operation from -40C to +85C.
APPLICATIONS:
* * * * *
Hot-swapping 10/100 Base-T, Ethernet LAN switch Low distortion analog switch Replaces mechanical relay ATM 25/155 switching
FUNCTIONAL BLOCK DIAGRAM
A0
B0
A9
B9
BE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
c 2002 Integrated Device Technology, Inc.
AUGUST 2002
DSC-5868/7
IDTQS3VH861 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Max VTERM(2) SupplyVoltage to Ground DC Switch Voltage VS DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current (max. sink current/pin) Storage Temperature -0.5 to +4.6 -0.5 to +5.5 -0.5 to +5.5 -3 120 -65 to +150 VTERM(3) VTERM(3) VAC IOUT TSTG
Unit V V V V mA C
NC A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 GND
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
VCC BE B0 B1 B2 B3 B4 B5 B6 B7 B8 B9
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC .
CAPACITANCE (TA = +25C, F = 1MHz, VIN = 0V, VOUT = 0V)
Symbol CIN CI/O Parameter(1) Control Inputs Quickswitch Channels (Switch OFF) Quickswitch Channels (Switch ON) Typ. 3 4 8 Max. 5 6 12 Unit pF pF pF
QSOP/ TSSOP TOP VIEW
CI/O
NOTE: 1. This parameter is guaranteed but not production tested.
PIN DESCRIPTION
Pin Names BE A0 - A9 B0 - B9 Bus A Bus B Description Active LOW Bus Enable
FUNCTION TABLE(1)
BE H L
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level Z = High-Impedence
A0 - A9 Z B0 - B9
Function Disconnect Connect
2
IDTQS3VH861 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 3.3V 0.3V
Symbol VIH VIL IIN IOZ IOFF RON Parameter Input HIGH Voltage Input LOW Voltage Input Leakage Current (Control Inputs) Off-State Current (Hi-Z) Data Input/Output Power Off Leakage Switch ON Resistance for Control Inputs Guaranteed Logic LOW for Control Inputs 0V VIN VCC 0V VOUT 5V, Switches OFF VIN or VOUT 0V to 5V, VCC = 0V VCC = 2.3V Typical at VCC = 2.5V VCC = 3V
NOTE: 1. Typical values are at VCC = 3.3V and TA = 25C.
Test Conditions Guaranteed Logic HIGH VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V
Min. 1.7 2 -- -- -- -- --
Typ.(1) Max. -- -- -- -- -- -- -- 6 7 4 5 -- -- 0.7 0.8 1 1 1 8 9 6 8
Unit V V A A A
VIN = 0V VIN = 1.7V VIN = 0V VIN = 2.4V
ION = 30mA ION = 15mA ION = 30mA ION = 15mA
-- -- -- --
TYPICAL ON RESISTANCE vs VIN AT VCC = 3.3V
16 14
RON
(ohms)
12 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VIN
(Volts)
3
IDTQS3VH861 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current (2,3) per Input HIGH Dynamic Power Supply Current
(4)
Test Conditions(1) VCC = Max., VIN = GND or VCC, f = 0 VCC = Max., VIN = 3V, f = 0 per Control Input VCC = 3.3V, A and B Pins Open, Control Inputs Toggling @ 50% Duty Cycle
Min. -- --
Typ. 1 --
Max. 4 30
Unit mA A
See Typical ICCD vs Enable Frequency graph below
NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per input driven at the specified level. A and B pins do not contribute to Icc. 3. This parameter is guaranteed but not tested. 4. This parameter represents the current required to switch internal capacitance at the specified frequency. The A and B inputs do not contribute to the Dynamic Power Supply Current. This parameter is guaranteed but not production tested.
TYPICAL ICCD vs ENABLE FREQUENCY CURVE AT VCC = 3.3V
12
10
8
ICCD (mA)
6
4
2
0 0 2 4 6 8 10 12 14 16 18 20
ENABLE FREQUENCY (MHz)
4
IDTQS3VH861 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40C to +85C
VCC = 2.5 0.2V (1) Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ fBE Parameter Data Propagation Delay(2,3) A to B or B to A Switch Turn-On Delay BE to xA or xB Switch Turn-Off Delay BE to xA or xB Operating Frequency - Enable(2,5) Min. (4) VCC = 3.3 0.3V (1) Min. (4) 1.5 1.5 Max. 0.2 7 6.5 20 Unit ns ns ns MHz Max. 0.2 8 7 10
1.5 1.5
NOTES: 1. See Test Conditions under TEST CIRCUITS AND WAVEFORMS. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.2ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side. 4. Minimums are guaranteed but not production tested. 5. Maximum toggle frequency for BE control input (pass voltage > VCC, VIN = 5V, RLOAD 1M, no CLOAD).
5
IDTQS3VH861 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
SOME APPLICATIONS FOR HOTSWITCH PRODUCTS
0 to +5V NFET 0 to +5V
Vcc = 3.3V
CHARGE PUMP
+6.5V
OE
DRIVER SINGLE HOT SW ITCH
Rail-to-Rail Switching
PHY 4.5VPP 3VH SW ITCH
LOGIC SID E 4.5VPP
Z = 100
10M bps to 100Mbps >100m TW ISTED PAIR
Z = 100
LOGIC SID E 2VPP
Fast Ethernet Data Switching (LAN Switch)
PLUGGABLE CAR D/ LIVE SYSTEM CONNECTOR
ZERO DOW N TIME SYSTEM QS3VH XXX
CARD I/O
ON CARD LOGIC
CPU
CONNEC TOR
QS3VH XXX
CARD I/O
ON CARD LOGIC
RAM
BUS
Hot-Swapping 6
IDTQS3VH861 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC = 3.3V 0.3V
(1)
VCC = 2.5V 0.2V
(2)
Unit V V V mV mV pF
SAM E PHASE INPUT TRANSITION tPLH OUTPUT tPLH O PPOSITE PHASE INPUT TRANSITION tPHL tPHL
VIH VT 0V VOH VT VOL VIH VT 0V
6 3 1.5 300 300 50
2 x Vcc Vcc VCC/2 150 150 30
Propagation Delay
VCC 500 Pulse Generator
(1, 2)
VLOAD ENABLE Open G ND CONTRO L INPUT tPZL OUTPUT SW ITCH NORMALLY CLO SED LOW tPZH OUTPUT SW ITCH NORMALLY OPEN HIGH VLOAD/2 VT
DISABLE
VIH VT 0V VLOAD/2 VOL VOL VOH VOH 0V
+
VIN D.U.T.
VOUT
tPLZ
VLZ
RT
500 CL
tPHZ VT 0V
-V H Z
Test Circuits for All Outputs
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 10MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 10MHz; tF 2ns; tR 2ns.
Enable and Disable Times
SWITCH POSITION
Test tPLZ/tPZL tPHZ/tPZH
tPD
Switch VLOAD GND Open
7
IDTQS3VH861 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDTQS XXXXX Device Type XX Package
Q PA
Quarter Size Outline Package Thin Shrink Small Outline Package
3VH861
2.5V / 3.3V 10-Bit Flow Though Pin Out, High Bandwidth Switch
DATA SHEET DOCUMENT HISTORY
8/6/2002 Updated according to PCN Logic-0206-11
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
8


▲Up To Search▲   

 
Price & Availability of IDTQS3VH861

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X