Part Number Hot Search : 
5248B 2N930 4AUP1G 24355216 USB251 ICM7218 200N60 F1040
Product Description
Full Text Search
 

To Download HV835 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Supertex inc.
Low Noise Dual EL Lamp Driver
Features
Low audible noise Independent input control for lamp selection 160VPP output voltage Split supply capability Patented output timing One miniature inductor to power both lamps Low shutdown current Wide input voltage range 2.0V to 5.8V Output voltage regulation No SCR output Available in MLP/DFN-10 package
HV835
Initial Release
General Description
The Supertex HV835 is a high voltage driver designed for driving two EL lamps with a combined area of 3.5 square inches. The input supply voltage range is from 2.0V to 5.8V. The device is designed to reduce the amount of audible noise emitted by the lamp. This device uses a single inductor and a minimum number of passive components to drive two EL lamps. The nominal regulated output voltage of 80V is applied to the EL lamps. The two EL lamps can be turned ON and OFF by the two logic input control pins, C1 and C2. The device is disabled when both C1 and C2 (pins 1 and 4) are at logic low. The HV835 has an internal oscillator, a switching MOSFET, and two high voltage EL lamp drivers. Each driver has its own half bridge common output (COM1 and COM2) connected to a single pin called COM which minimizes the DC offset seen by the EL lamp. An external resistor connected between the RSW-OSC pin and the voltage supply pin, VDD, sets the frequency for the switching MOSFET. The EL lamp driver frequency is set by dividing the MOSFET switching frequency by 512. An external inductor is connected between the LX and the VDD pins. Depending on the EL lamp size, a 1.0 to 10.0nF, 100V capacitor is connected between CS and Ground. The switching MOSFET charges the external inductor and discharges it into the capacitor at CS. The voltage at CS increases. Once the voltage at CS reaches a nominal value of 80V, the switching MOSFET is turned OFF to conserve power.
Applications
Dual display cellular phones Keypad and LCD backlighting Portable instrumentation Dual segment lamps Handheld wireless communication devices
Typical Application Circuit
3.3M 1.0F EL Lamp 1
1 2 10 9 8 7 6
1.5V 1.5V 0 845k 0 C1 VDD RSW-OSC C2 GND EL1 EL2 Com CS LX 1.0F
3.3M
+
VDD
CDD 0.1F
3 4
EL Lamp 2
-
5
D
HV835K7-G
+
VIN
CIN 4.7F
LX 330H
CS 3.3nF, 100V
-
Supertex inc.
* 1235 Bordeaux Drive, Sunnyvale, CA 94089 * Tel: (408) 222-8888 * FAX: (408) 222-4895 * www.supertex.com
1
HV835
Ordering Information
Device HV835
-G indicates package is RoHS compliant (`Green')
Pin Configuration
Package Options MLP/DFN-10 (K7) HV835K7-G Pin 1
C1 VDD RSW-OSC C2 GND HV835K7-G
EL1 EL2 COM CS LX
Absolute Maximum Ratings
Parameter Supply Voltage, VDD Output Voltage, VCS Operating Temperature Range Storage temperature Value -0.5V to 7.5V -0.5V to 120V -40C to 85C -65C to 150C
Top View
Note: Pads are on the bottom of the package. Back-side heat slug is at ground potential.
Thermal Resistance
Package MLP/DFN-10 ja 60oC/W
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. Continuous operation of the device at the absolute rating level may affect device reliability. All voltages are referenced to device ground.
Note: Mounted on FR4 board, 25mm x 25mm x 1.57mm
Recommended Operating Conditions
Symbol VDD TA Parameter Supply voltage Operating temperature Min 2.0 -40 Typ Max 5.8 +85 Units V
o
Conditions -----
C
Electrical Characteristics
(Over recommended operating conditions unless otherwise specified: VIN = VDD = 3.3V, TA=25C)
Symbol RDS(ON) VDD VCS VDIFF IDDQ IDD IIN VCS
Parameter On-resistance of switching transistor Input voltage range Output regulation voltage Differential output peak to peak voltage (EL1 to COM, EL2 to COM) Quiescent VDD supply current Input current into the VDD pin Average input current including inductor current when driving both lamps Output voltage on VCS when driving both lamps
Min 2.0 72 144 -
Typ 80 160 16 80
Max 10 5.8 88 176 150 250 200 25 -
Units V V V nA nA A mA V
Conditions I = 100mA --VDD = 2.0V to 5.8V VDD = 2.0V to 5.8V C1 = C2 = 0.1V C1 = C2 = 0.3V VDD = 5.8V VIN = 5.5V (See Figure 1) VIN = 5.5V (See Figure 1)
2
HV835
Electrical Characteristics (cont.)
Symbol VDIF fEL fSW fSW temp D IIL IIH VIL VIH Parameter Differential output peak to peak voltage across each lamp (EL1 to COM, EL2 to COM) VDIFF output drive frequency Switching transistor frequency Switching transistor frequency tempco Switching transistor duty cycle Input logic low current Input logic low current Logic input low voltage Logic input high voltage Min 170 87 0 1.5 Typ 160 200 102 15 85 Max 230 118 1.0 1.0 0.3 VDD Units V Hz kHz % % A A V V Conditions VIN = 5.5V (See Figure 1) RSW = 845k RSW = 845k TA = -40C to +85C TA = -40C to +85C VDD = 2.0V to 5.8V VDD = 2.0V to 5.8V -----
Functional Block Diagram
LX CS
VDD RSW-OSC C1 C2 Control logic and switch oscillator
VCS
EL1
Disable VDD
Logic control and divide by 512 GND
Function Table
Logic Inputs C1 0 0 1 1 C2 0 1 0 1 EL1 Hi Z Hi Z ON ON Outputs EL2 Hi Z ON Hi Z ON COM Hi Z ON ON ON Device OFF ON ON ON
VREF
3
C
VSENSE Output Drivers
VCS COM1
EL2
+
COM
VCS COM2
HV835
Figure 1 - Test Circuit
VIH = ON 0 = OFF VIH = ON 0 = OFF
1 2
2.1in2 EL Lamp 1*** 1.8in2 EL Lamp 2*** C1 VDD RSW-OSC C2 GND EL1 EL2 Com CS LX
10 9 8 7 6
620
13nF 620 11nF
+
VDD
CDD 0.1F
845k
3 4 5
+
VIN
1N4148*
HV835K7-G
CIN 4.7F
LX 330H**
CS 3.3nF, 100V
* or any (equivalent or better) > 90V, fast recovery diode ** Cooper LPO6610-334MLB *** The bigger sized lamp should be tied to EL1 and the smaller sized lamp to EL2 (pins 10 and 9 respectively)
Typical Performance
Lamp EL1 ON EL2 ON Both EL1 and EL2 ON EL1 ON EL2 ON Both EL1 and EL2 ON EL1 ON EL2 ON Both EL1 and EL2 ON 5.8V 3.0V 5.5V 5.2V VDD VIN IIN 6.15mA 5.08mA 9.10mA 5.7mA 4.76mA 8.52mA 5.45mA 4.41mA 7.94mA 80Vpeak 200Hz VCS fEL Lamp Brightness EL1 13.26 cd/m2 --12.72 cd/m2 13.34 cd/m2 --12.84 cd/m2 13.42 cd/m2 --13.00 cd/m2 EL2 --13.12 cd/m2 12.23 cd/m2 --13.24 cd/m2 12.43 cd/m2 --13.30 cd/m2 12.55 cd/m2
4
HV835
Split Supply Configuration
The HV835 can be used in applications operating from a battery where a regulated voltage is available. This is shown in Figure 2. The regulated voltage can be used to drive the internal logic of HV835. The amount of current used to drive the internal logic is less than 200A. Therefore, the regulated voltage could easily provide the current without being loaded down.
Figure 2 - Split Supply Configuration
VEN = ON 0 = OFF VEN = ON 0 = OFF
1 2
EL Lamp 1 C1 VDD RSW-OSC C2 GND EL1 EL2 Com CS LX
10 9 8 7 6
Regulated Voltage = VDD CDD
RSW-OSC
EL Lamp 2
3 4 5
D
Battery Voltage = VIN CIN
HV835K7-G
LX CS
Pin Configuration and Description
Pin # 1 2 Function C1 VDD Description Enable input signal for EL Lamp 1. Logic high will turn ON the EL lamp 1 and logic low will turn it OFF. Refer to the function table. Input voltage supply pin. External resistor connection to set both the switching MOSFET frequency and EL Lamp frequency. The external resistor should be connected between VDD and this pin. The EL lamp frequency is the switching frequency divided by 512. The switching frequency is inversely proportional to the resistor value. A 845k resistor will provide a nominal switching frequency of 102kHz and an EL lamp frequency of 200Hz. To change the frequency to fEL1, the value of the resistor RSW-OSC1 can be determined as RSW-OSC1 = (845 x 200) / fEL1 k. Enable input signal for EL Lamp 2. Logic high will turn ON the EL lamp 2 and logic low will turn it OFF. Refer to the function table. Device ground. Drain of internal switching MOSFET. Connection for an external inductor. When the switching MOSFET is turned ON, the inductor is being charged. When the MOSFET is turned OFF, the energy stored in the inductor is transferred to the high voltage capacitor connected at the CS pin. Connect a 100V capacitor between this pin and GND. This capacitor stores the energy transferred from the inductor. Common lamp connection for both EL1 and EL2. Connect one end of both the lamps to this pin. EL lamp 2 connection. For optimum performance, the smaller of the two lamps should be connected to this pin. EL lamp 1 connection. For optimum performance, the larger of the two lamps should be connected to this pin.
3
RSW-OSC
4 5 6
C2 GND LX CS COM EL2 EL1
7 8 9 10
5
HV835
10-Lead DFN/MLP (3x3) Package (K7)
3.00 2.20 All dimensions are in millimeters
3.00
1.60
0.30 0.50 Pin #1 Index 0.25
+0.15 -0.10
Top View
+0.05 -0.07
0.20
0.7 - 0.8
0.0 - 0.05
Side View
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to http://www.supertex.com/packaging.html.)
Supertex inc. does not recommend the use of its products in life support applications, and will not knowingly sell its products for use in such applications, unless it receives an adequate "product liability indemnification insurance agreement". Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the Supertex website: http//www.supertex.com.
(c)2006 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 222-8888 / FAX: (408) 222-4895
Doc.# DSFP - HV835 NR051806
www.supertex.com
6


▲Up To Search▲   

 
Price & Availability of HV835

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X