Part Number Hot Search : 
SSD25 AJ550 2SC394 5A102 337M00 622K2 9162B BC327
Product Description
Full Text Search
 

To Download HG4234006A-H1CALF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature PCB / QC Power Relay
HG4234
FEATURES Improved version to HG4115/4138 series Up to 30A switching capacity DC coil and AC coil version available Meets UL873/508 spacing TYPICAL APPLICATIONS Industrial control Commercial applications Home appliances CONTACT RATING
Form Resistive UL General Purpose Resistive Heater 1 Form A (H) 30A, 277VAC 30A, 30VDC 30A, 240VAC 25A, 240VAC 1 Form B (D) 15A, 277VAC 10A, 30VDC 15A, 240VAC 10A, 240VAC 1 Form C (Z) NO 20A, 277VAC 20A, 30VDC 20A, 240VAC 15A, 240VAC NC 10A, 277VAC 10A, 30VDC 15A, 240VAC 7.5A, 240VAC
UL/CSA RATING (PENDING)
Load Type General Purpose Resistive Motor LRA/FLA Tungsten Ballast Pilot Duty Voltage 240VAC 277VAC 277VAC 30VDC 277VAC 240VAC 125VAC 240VAC 125VAC 277VAC 120VAC 277VAC 120VAC 1 Form A (H) 30A 30A 30A 20A 0.75HP 2HP 1HP 80A/30A 98A/22A 5.4A 8.3A 10A 470VA 1 Form B (D) 15A 30A 20A 20A 1HP 0.25HP 30A/12A 1 Form C (Z) NO 20A 30A 20A 20A 0.75HP 2HP 1HP 50A/20A 3.6A 5.6A 6.7A 315VA NC 15A 30A 15A 10A 1HP 0.25HP 20A/9A
3A
2A
CONTACT DATA
Material Initial Contact Resistance Service Life Mechanical Electrical AgCdO, AgSnOInO 50 m, max. at 0.1A, 6VDC 107 ops. 105 ops.
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Power Consumption Ambient Temperature Weight 15 ms. max. 15 ms. max. 1000 M, at 500 VDC, 50%RH 1500 Vrms, 1 min. between open contacts 2500 Vrms, 1 min. between coil and contacts for DC coil 1500 Vrms, 1 min. between coil and contacts for AC coil 20 g, 11ms. DA 1.5mm, 20 - 200 Hz DC Standard: 1W; DC Sensitive: 0.9W; AC: 2VA, approx. -55C to 85C operating; -55C to 130C storage Open: 20 g; Covered: 25 g, approx.
HG4234
1/3
HG4234
COIL DATA
Type Coil Voltage Code 005 006 009 012 015 018 022 024 048 110 012A 024A 110A 220A Nominal Voltage (VDC/VAC) 5 6 9 12 15 18 22 24 48 110 12 24 110 220 Resistance () 10% Standard 25 36 81 144 225 324 484 576 2304 12100 26 106 2750 11000 Sensitive 27 40 97 155 256 380 545 660 2560 13450 Must Operate Voltage max. ( VDC) 3.75 4.5 6.75 9.0 11.25 13.5 16.5 18.0 36.0 82.5 10.2 20.4 93.5 187.0 Must Release Voltage min. ( VDC) 0.5 0.6 0.9 1.2 1.5 1.8 2.2 2.4 4.8 11.0 1.8 3.6 16.0 33.0
DC
AC
ORDERING DESIGNATION
Example: Model Coil Voltage Code DC / AC Nil: DC Coil; A: AC Coil Contact Form H: 1 Form A; D: 1 Form B; Z: 1 Form C Version Nil: Open; 1: Sealed; 2: Dust Cover Contact Material C: AgCdO; S: AgSnOInO Mounting & Termination Code A: PCB B: PCB+QCs for Contacts C: QCs for All Terminals DC Coil Sensitivity Nil: Standard, 1W L: Sensitive, HG4115/4138 Compatible, 0.9W Thermal Class Nil: UL Class B; F: UL Class F HG4234 / 012 AZ 1 C A L F
REFERENCE CURVES
HG4234
2/3
HG4234
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagrams (Bottom View)
NOTES
1. 2. 3. 4. 5. All parameters, unless otherwise specified, are measured at ambient temperature 23C. In mounting holes drawing, the * hole is not needed for 1 Form A, the ** hole is not needed for 1 Form B. To exert optimum electrical life, please remove the tape tab/knock-off of sealed version after cleaning process. Custom-made services available with operational quantity. Please let us know your special requirements. Specifications subject to change without prior notice.
DB LECTRO INC. 3600 boul. Matte suite I Brossard Qc J4Y-2Z2
TEL: (450)-444-1424 FAX: (450)-444-4714
HG4234
3/3


▲Up To Search▲   

 
Price & Availability of HG4234006A-H1CALF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X