Part Number Hot Search : 
1N5662E3 VN1216N1 SP6832 G2156 CX74061 180CA BC548C NTE998
Product Description
Full Text Search
 

To Download HG4232A003-H1S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4232 HG4232A
FEATURES Continuous current capacity up to 20A, 14VDC and 12A, 120VAC Most popular package and footprint Class B insulation for automotive applications Various contact materials for choice TYPICAL APPLICATIONS Business machine Audio equipment Home appliances Air conditioner Automotive control CONTACT RATING
Type Resistive HG4232 12A, 120VAC 12A, 28VDC 7A, 240VAC HG4232A 20A, 14VDC
UL /CSA RATING
Type Resistive TV AgCdO 100 m max. at 0.1A 6VDC 107 ops. 105 ops. HG4232 10A, 120VAC 10A, 28VDC 5A, 240VAC 35LRA/6FLA, 120VAC(NO) 5A, 120VAC (NO)
CONTACT DATA
Material Initial Contact Resistance Mechanical Service Life Electrical
COIL DATA
Type Coil Voltage Code 003 005 006 009 012 024 048 006 012 024 Nominal Voltage ( VDC) 3 5 6 9 12 24 48 6 12 24 Resistance () 10% Power Consumption 25 70 100 0.36W 225 400 1600 6400 45 180 0.8W 720 Must Operate Voltage max. ( VDC) 2.1 3.5 4.2 6.3 8.4 16.8 33.6 3.2 6.3 12.6 Must Release Voltage min. ( VDC) 0.3 0.5 0.6 0.9 1.2 2.4 4.8 0.6 1.2 2.4
HG4232
HG4232A
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Drop Resistance Power Consumption Ambient Temperature Weight 10 ms. max. 5 ms. max. 100 M, at 500VDC, 50%RH 1500 Vrms, 1 min. between coil and contacts 1000 Vrms, 1 min. between open contacts 10 g, 11ms. DA 1.5mm, 10 - 55 Hz, functional 1 M height drop on concrete in final enclosure HG4232: 0.36W; HG4232A: 0.8W HG4232: -40C to 85C operating; -40C to 130C storage HG4232A: -40C to 105C operating; -40C to 155C storage 10 g, approx.
HG4232 / HG4232A
1/2
HG4232 HG4232A
ORDERING DESIGNATION
Example: HG4232 A/ Model Type Nil: General Purpose A: Automotive Coil Voltage Code Contact Form H: 1 Form A; Z: 1 Form C Version 1: Sealed; 2: Flux Free; 3: Dust Cover Contact Material Nil: AgNi10; A: AgNi0.15; C: AgCdO; S: AgSnOInO 012 Z 1 C
REFERENCE CURVES
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagrams (Bottom View)
NOTES
1. 2. 3. All parameters, unless otherwise specified, are measured at ambient temperature 23C. Custom-made services available with operational quantity. Please let us know your special requirements. Specifications subject to change without prior notice.
DB LECTRO INC. 3600 boul. Matte suite I Brossard Qc J4Y-2Z2
TEL: (450)-444-1424 FAX: (450)-444-4714
HG4232 / HG4232A
2/2


▲Up To Search▲   

 
Price & Availability of HG4232A003-H1S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X