Part Number Hot Search : 
ZT55C9V1 FX809LG 20004 T201235 20004 ELM404 M38B57 M3851
Product Description
Full Text Search
 

To Download HG4185A006D-1H9M2-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Automotive P lug-In / P C B P ower R elay
HG 4185A/B /C
FE ATUR E S 30A to 80A continuous current capacity Automotive - oriented des ign Fully s tandardized QC s ize and layout P las tic cover for rough environment protection
TY P IC AL AUTOMOTIVE AP P LIC ATIONS Head lights Fog lamp S ignal horn B lower motor control S tarter relay R adiator cooling fan P ower window AB S s ys tem S tart bypas s relay C ONTAC T DATA HG 4185A
Form Max. S witching C urrent Material Initial C ontact R es is tance Max. S witching Voltage Max. C ontinuous C urrent Min. Load S ervice Life Mechanical E lectrical Make B reak 1 Form A (1H, 1HS ) 120A 40A 1 Form C (1Z ) NO120A /NC 45A NO40A /NC 30A
AgNi10 100 m max. at 0.1A, 6VDC S ee C urve 1, current dependent 30A NO30A /NC 30A 0.1A, 12VDC 10 7 ops . 2 x 10 5 ops , s ee Note 4
HG 4185B
Form Max. S witching C urrent Material Initial C ontact R es is tance Max. S witching Voltage Max. C ontinuous C urrent Min. Load S ervice Life Mechanical E lectrical Make B reak 1 Form A (1H, 1HS ) 120A 60A 1 Form C (1Z ) NO120A/NC 45A NO60A/NC 40A
AgC dO 100 m max. at 0.1A, 6VDC S ee C urve 1, current dependent 60A NO60A/NC 40A 0.5A, 12VDC 10 7 ops . 2 x 10 5 ops , s ee Note 4
HG 4185C
Form Max. S witching C urrent Material Initial C ontact R es is tance Max. S witching Voltage Max. C ontinuous C urrent Min. Load S ervice Life Mechanical E lectrical Make B reak 1 Form A (1H ) 240A 80A 1 Form C (1Z ) NO240A/NC 180A NO80A/NC 60A
AgS nOInO 100 m max. at 0.1A, 6VDC S ee C urve 2, current dependent 80A NO80A/NC 60A 0.5A, 12VDC 10 7 ops . 10 5 ops , s ee Note 4
HG 4185A / HG 4185B / HG 4185C
1/4
HG4185A/B/C
COIL DATA
Coil Voltage Code 006 012 024 Nominal Voltage (VDC) 6 12 24 Resistance () 10% 22 90 330 Must Operate Voltage max. ( VDC) 3.6 7.2 14.3 Allowable Voltage ( VDC) 10.1 20.5 39.1 Must Release Voltage min. ( VDC) 0.6 1.2 2.4
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Drop Resistance Power Consumption Ambient Temperature Weight 7 ms. typical 2 ms. typical 100 M, at 500 VDC, 50%RH 500 Vrms, 1 min. 20 g, 11ms. 10-40Hz: DA 1.27mm; 40-70Hz: 5 g; 70-100Hz: DA 0.5mm; 100-500Hz: 10 g. 1 M height drop on concrete 1.6W, unsuppressed; 1.81W, with resistor -40C to 125C operating; -40C to 155C storage 35 g, approx.
ORDERING DESIGNATION
Example: HG4185 Model Rating Code A: 20A; B: 40A; C: 80A Coil Voltage Code Paralleled Component Nil: Nil; R: Resistor; D: Diode (+) 85~86 (-); D: Diode Reversed (-) 85~86 (+) Contact Form 1H: 1 Form A; 1HS*: 1 Form A with Double 87 Terminals; 1Z: 1 Form C Mounting Version Nil: Plug-In; 4: PCB; 9: Molded Bracket; 9M1: Metal Bracket; 9M2: Bent Metal Bracket; 9S1: Skirted Cover + Metal Bracket; 9S2: Skirted Cover + Bent Metal Bracket C/ 012 R1H 9 -1
Version 1: Sealed (only available for Plug-In, PCB and Molded Bracket mounting) *: Available for HG4185A, HG4185B only.
REFERENCE CURVES
G
G
HG4185A / HG4185B / HG4185C
2/4
HG4185A/B/C
OVERALL DIMENSIONS, OPTIONAL COVERS, TERMINAL LAYOUTS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimensions, Plug-In Type
Optional Covers
HG4185A / HG4185B / HG4185C
3/4
HG 4185A/B /C
Overall Dimens ions , P C B Type
P C B Type Mounting Holes (B ottom View)
Wiring Diagrams
(D) ( DR )
NOTE S
1. 2. 3. 4. 5. 6. All parameters , unles s otherwis e s pecified, are meas ured at ambient temperature 23C . Maximum make current refers to inrus h current of lamp load. At ambient temperature of 85C , maximum allowable voltage s hould be reduced to 72% . E lectrical life obtained at res is tive or inductive load at 20A, 15 VDC for HG 4185A; 40A, 15VDC for HG 4185B ; 80A, 15VDC for HG 4185C with s uitable arc-s uppres s ion circuit attached with operating frequency of 1 ops /s ec. C us tom-made s ervices available with operational quantity. P leas e let us know your s pecial requirements . S pecifications s ubject to change without prior notice.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2
Tel:(450)-444-1424 Fax:(450)-444-4714
HG 4185A / HG 4185B / HG 4185C
4/4


▲Up To Search▲   

 
Price & Availability of HG4185A006D-1H9M2-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X