Part Number Hot Search : 
CWP060 BZ5239 GLZJ56 RD27JSAB GLZJ56 PD2504 64V32 87C51F
Product Description
Full Text Search
 

To Download HG4182 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro Automotive Plug-In / PCB Power Relay
FEATURES Micro size plug-in design 20A continuous current capacity Plastic cover for rough environment protection TYPICAL AUTOMOTIVE APPLICATIONS Blower motor control Ventilation motor Compressor control system Radiator cooling fan
HG4182
Stationary heating Head lights, full beam/dimmed Fog lights
CONTACT DATA
Form Max. Switching Current Material Initial Contact Resistance Max. Switching Voltage Max. Continuous Current Min. Load Service Life Mechanical Electrical Make Break 1 Form A (H) 90A (S: 120A) 30A 1 Form C (Z) NO NC 90A 20 20A (S: 120A) 30A 15A 15 AgNi0.15, AgSnOInO 100 m max. at 0.1A, 6VDC See curve, current dependent 15A 20A 10A 0.1A, 12VDC 107 ops. 1 Form B (D) 2 x 105 ops, see Note 4
20A
COIL DATA
Coil Voltage Code 006 012 024 Nominal Voltage ( VDC) 6 12 24 Resistance () 10% A, B 32 123 483 C 25 97 384 Nominal Operate Voltage max. ( VDC) A, B, C 3.6 7.2 14.3 Allowable Voltage ( VDC) A, B 10.4 20.4 40.4 C 9.2 18.1 36.0 Nominal Release Voltage min. ( VDC) A, B, C 0.6 1.2 2.4
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Drop Resistance Power Consumption Ambient Temperature Weight 9 ms. typical 7 ms. typical 100 M, at 500 VDC, 50%RH 500 Vrms, 1 min. 20 g, 11ms. 10-40 Hz: DA 1.27 mm; 40-70 Hz: 5 g; 70-100 Hz: DA 0.5 mm; 100-500 Hz: 10 g. 1 M height drop on concrete 1.6W, unsuppressed; 1.81W, with resistor -40C to 125C operating; -40C to 155C storage Plug-In: 14 g; PCB: 12 g, approx.
ORDERING DESIGNATION
HG4182 / Example: Model Coil Voltage Code Paralleled Component Nil: Nil; R: Resistor; D: Diode (+) 85~86 (-); DR: Diode Reversed (-) 85~86 (+) Contact Form H: 1 Form A; D: 1 Form B; Z: 1 Form C Contact Material Nil: AgNi10; A: AgNi0.15; C: AgCdO; S: AgSnOInO Mounting Version Nil: Plug-In; 4: PCB 012 RH A 4
HG4182
1/2
HG4182
REFERENCE CURVE
Power Load Limit
OVERALL DIMENSIONS, TERMINAL LAYOUTS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimensions
PCB Type Mounting Holes (Bottom View)
Wiring Diagrams
NOTES
1. 2. 3. 4.
5. 6.
All parameters, unless otherwise specified, are measured at ambient temperature 23C. Maximum make current refers to inrush current of lamp load. At ambient temperature of 85C, maximum allowable voltage should be reduced to 72%. Electrical life obtained at resistive or inductive load at 20A, 15VDC with suitable arc-suppression circuit attached with operating frequency of 1 ops/sec. Custom-made services available with operational quantity. Please let us know your special requirements. Specifications subject to change without prior notice. Willow Technologies Limited Shawlands Court Newchapel Road Lingfield Surrey RH7 6BL England Tel: +44 (0) 1342-835234 Fax: +44 (0) 1342-834306 email: sales@willow.co.uk HG4182 080302 2/2


▲Up To Search▲   

 
Price & Availability of HG4182

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X