Part Number Hot Search : 
2N6304 UR4KB40 74ACT MJE34 106K0 00M63X 21210 CZD13003
Product Description
Full Text Search
 

To Download HFDOM40C-016SX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HANBit
HFDOM40C-xxxSx
40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating Part No. HFDOM40C-xxxSx
1. PRODUCT OVERVIEW
GENERAL DESCRIPTION
The HFDOM40C-xxxSx series 40Pin Flash Disk Module is a flash technology based with True IDE interface flash memory card. It is constructed with flash disk controller chip and NAND -type (Samsung) flash memory device. The HFDOM40C-xxxSx series operates in both 3.3 -Volt and 5.0-Volt power supplies. It comes in capacity of 8, 16, 32, 64, 128, 192, 256 MB and up to 512 MB formatted 40Pin type . By optimizing flash memory management, the life of this HFDOM40C-xxxSx series can be extended to its maximum level. Because the ECC function is included, the correctness of data transfer between the HFDOM40C-xxxSx series and a True IDE compatible interface device can be guaranteed. The HFDOM40C-xxxSx series is fully compatible with applications such as CPU card / board, set top box, industry / military PC / Notebook, security equipment, measuring instrument and embedded systems.
FEATURES
True IDE compatible host interface Direct plug in for 3.5 IDE Connectors 40 pin 2.54mm IDE Connector Very high performance, very low power consumption Automatic error correction Support 3 power save mode : stop/idle/active Support for CIS implemented with 256 bytes of attribute memory 3.3V/5.0V operation voltage Host data transfer rate : 20MB/s Flash data transfer rate : 10MB/s Host Interface bus width : 8/16 bit Access Flash Interface bus width : 8 bit Access Capacity : Min. 8MB ~ Max. 512MB MTBF : 1,000,000 hours, minimum 30,000 insertions Operating vibration : 15G peak to peak maximum Operating shock : 1,000G maximum
PRODUCT SPECIFICATIONS
Capacities :
8, 16, 32, 64, 128, 192, 256, 384 and up to 512 MB (formatted)
Operating Voltage :
Operating mode Stop mode
3.3V / 5.0V
10%
Power consumptions :
40 mA (typ), 70 mA (Max) 30 uA (Max) 0 C to + 70 C - 10 C to + 85 C 95%(Max)
Environment conditions :
Operating temperature Storage temperature Relative humidity
Mechanical conditions :
Weight : Maximum 9.0g
URL : www.hbe.co.kr REV 1.0 (March.2003)
1 / 10
HANBit Electronics Co., Ltd.
HANBit
ELECTRICAL SPECIFICATIONS
Table 1.1 Absolute Maximum Ratings
Symbol VDD VIN IIN TSTG Parameter Supply voltage Input voltage DC input current Storage temperature Ratings - 0.3 to + 7.0 - 0.3 to + 7.0 - 10 - 10 to + 85
HFDOM40C-xxxSx
Unit V V mA C
Table 1.2 Recommended Operating Conditions
Symbol VDD Ta Parameter DC Supply voltage Storage temperature 5V 3.3V Ratings 4.75 to 5.25 3.0 to 3.6 - 0 to +70 Unit V V C
Table 1.3 DC Characteristics (Ta=0 C to 70 C, VDD=3.0 to 5.0V)
Symbol IDD Ids VDD VDD Parameter Operating Current Stop Current High Level Output Voltage Low Level Output Voltage 2.4 0.4 Min. Typ. 30 Max. 70 100 Unit mA A V V
CAPACITY SPECIFICATIONS
Table 1.4 Capacity Specifications
Part Number HFDOM40C-008Sx HFDOM40C-016SX HFDOM40C-032Sx HFDOM40C-064Sx HFDOM40C-128Sx HFDOM40C-192Sx HFDOM40C-256Sx HFDOM40C-384Sx HFDOM40C-512Sx Capacity (Unformatted) 7,864,320 bytes 15,990,784 bytes 32,243,712 bytes 65,536,000 bytes 131,858,432 bytes 196,608,000 bytes 265,027,584 bytes 395,837,440 bytes 531,890,176 bytes Total Sector 15,360 31,232 62,976 128,000 257,536 384,000 517,632 773,120 1,038,848 Cylinders 30 61 123 250 503 750 1011 1510 2029 Heads 16 16 16 16 16 16 16 16 16 Sectors 32 32 32 32 32 32 32 32 32
URL : www.hbe.co.kr REV 1.0 (March.2003)
2 / 10
HANBit Electronics Co., Ltd.
HANBit
PHYSYCAL SPECIFICATIONS
55.50 0.1mm
HFDOM40C-xxxSx
< View from front side >
Jumper Master 1,2 Close
40 3 2 1
30.50 0.2mm
Slave 2,3 Close
2
39
1
8.90mm 0.1mm 7.50mm
1.4mm 0.1mm Figure 1.1 40 pin Type Flash Disk Module Dimensions
TOP Side
3 2 1
Bottom Side
40 39
2 1
1 2
39 40
TOP Side
TOP Side
Bottom Side
Bottom Side
Top-Connector Attach
Bottom-Connector Attach
URL : www.hbe.co.kr REV 1.0 (March.2003)
3 / 10
HANBit Electronics Co., Ltd.
HANBit
HFDOM40C-xxxSx
INSTALLTION GUIDE
1) Setting Method
Make sure your computer is turned off before you open the case. Plug the carefully into the 40pin IDE slot on your computer. Caution: Make sure to align pin1 on host adapter interface connector with pin 1 on your Flash Disk Module. Pin 1 is indicated by a triangle on the Flash Disk Module connector. The Flash Disk Module is used power connector cable of the computer. Caution: If you need to remove your Flash Disk Module, use both hands to pull it out carefully. Check all cable connections and then replace your computer cover.

2) BIOS setting Method
Before you format or partition your new drive, you must configure your computer's BIOS so that the computer can recognize your new drive. Turn your computer on. As your computer start up, watch the screen for a message describing how to run the system setup program on the screen (sometimes called BIOS or CMOS setup). This is usually done by pressing a special key, such as Delete, Esc or F1 during startup. See your computer manual for details. Press the appropriate key to run the system setup program. If your BIOS provides automatic drive detection (an "AUTO" drive type), select this option. ( We recommend to use Normal / CHS mode to partition your Flash Disk Module to get the maximum formatted capacity. ) This allows your computer to configure itself automatically for your new drive. If your BIOS dose not provide " AUTO" drive detection, select "User-defined" drive setting and enter the CHS values from the table. BIOS Settings (see specification) Capacity Cylinders Heads Sectors(unformatted) Save the settings and exit the System Setup program. ( your computer will automatica lly reboot ) After you configure your computer, you can use the standard DOS commands to partition and format your Flash Disk Module, as described below.
3) Formatting Method
To partition your new Flash Disk Module with Microsoft DOS program : Insert a bootable DOS diskette into your diskette drive and restart your computer. Insert a DOS program diskette that contains the FDISK.EXE and FORMAT.COM programs into your diskette drive. Use the same DOS version that is on your bootable diskette. At the A:\ > prompt, type " FDISK" and press Enter. Select " Create DOS partition or logical DOS drive " by pressing 1. Then press Enter. Select " Create primary DOS partition" by pressing 1 again. Then press Enter. Create your first drive partition. If you are creating a part ition that will be used to boot your computer (drive C), make sure that the partition is marked active. Create an extended partition and additional logical drives as necessary, until all the space on your new hard drive has been partitioned. When the partitioning is complete, FDISK reboots your computer. Caution: Make sure to use the correct drive letters so that you do not format a drive that already contains data. At the A:\ > prompt, type " format c:/s" , where c is the letter of your first new partition, Repeat the format process for all the new partitions you have created. After you format your drive, it is ready to use.

URL : www.hbe.co.kr REV 1.0 (March.2003)
4 / 10
HANBit Electronics Co., Ltd.
HANBit
HFDOM40C-xxxSx
2. PIN INFORMATION
PIN ASSIGNMENTS AND PIN TYPE
Table 2.1 Pin Assignment and Pin type
Pin 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 Signal /RESET D07 D06 D05 D04 D03 D02 D01 D00 GND Reserved /IOW /IOR IORDY Reserved IRQ A01 A00 /CS0 /DASP(LED) Pin Type I I/O I/O I/O I/O I/O I/O I/O I/O DC -I I O -O I I I I/O Pin 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 Signal GND D08 D09 D10 D11 D12 D13 D14 D15 Key Pin GND GND GND Reserved GND /IOIS16 /PDIAG A02 /CS1 GND Pin Type Ground I/O I/O I/O I/O I/O I/O I/O I/O -Ground Ground Ground -Ground O I/O I I Ground
URL : www.hbe.co.kr REV 1.0 (March.2003)
5 / 10
HANBit Electronics Co., Ltd.
HANBit
HFDOM40C-xxxSx
Signal Descriptions
Table 2.2 Signal Descriptions
Signal Name A[2:0] -PDIAG -DASP(LED) -CS0, -CS1 Dir. I I/O I/O I Pin 33,35,36 34 39 37,38 3,4,5,6, 7,8,9,10, D[15:00] I/O 11,12,13, 14,15,16, 17,18 2,19,22, GND -24,26, 30,40, -IOR -IOW I I 25 23 This is an I/O Read strobe generated by the host. The I/O Write strobe pulse is used to clock I/O data on the Card Data bus into the Storage Card controller registers when the Storage Card is configured to use the I/O interface. The clocking will occur on the negative to positive edge of the signal (trailing edge). In True IDE Mode signal is the active high Interrupt Request to the host. This input pin is the active low hardware reset from the host. This output signal may be used as IORDY. This output signal is asserted low when this device is expecting a word data transfer cycle. Ground. Description In True IDE Mode only A[2:0] are used to select the one of eight registers in the Task File, the remaining address lines should be grounded by the host. This input / output is the Pass Diagnostic signal in the Master / Slave handshake protocol. This signal used either to drive an LED whenever the Disk Module is being accessed or as indication of a second drive present. This signal is active low when the Disk Module is busy. CS0 is the chip select for the task file registers while CS2 is used to select the Alternate Status Register and the Device Control Register. All Task File operations occur in byte mode on the low order bus D00-D07 while all data transfers are 16 bit using D00 -D15.
IRQ -RESET IORDY -IOIS16
O I O O
31 1 27 32
URL : www.hbe.co.kr REV 1.0 (March.2003)
6 / 10
HANBit Electronics Co., Ltd.
HANBit
HFDOM40C-xxxSx
BLOCK DIAGRAM
ARM7 CORE
BUS Router Data I/O
Reset IC
DMA0
Address Decoder PCMCIA ATA CIS (256B) Interrupt Controller Controll
Flash1
DMA1
Flash2
IDE Interface
Timer
Flash3
Flash4
Bus Interface System Bus Controller
Bus Arbitration Memory Controller (ROM/SRAM)
X'tal
Figure 2.1 Flash Disk Module Block Diagram
URL : www.hbe.co.kr REV 1.0 (March.2003)
7 / 10
HANBit Electronics Co., Ltd.
HANBit
HFDOM40C-xxxSx
3. INTERFACE BUS TIMING
ACCESS SPCIFICATIONS
IDE MODE I/O ACCESS SPECIFICATIONS
In this True IDE Mode the Flash Disk Module protocol and configuration are disabled and only I/O operations to the Task File and Data Register are allowed. In this mode no Memory or Attribute Registers are accessible to the host.
Table 3.1 IDE Mode I/O Access Mode
Mode Invalid Mode Standby Mode Task File Write Task File Read Data Register Write Data Register Read Control Register Write All Status Read -CE2 L H H H H H L L -CE1 L H L L L L H H A2-A0 x x 1-7h 1-7h 0 0 6h 6h -IORD x x H L H L H L -IOWR x x L H L H L H D15 - D8 High Z High Z Don't Care High Z Odd Byte in Odd Byte out Don't Care High Z D7 - D0 High Z High Z Data In Data Out Even Byte in Even Byte out Control In Status Out
Table 3.2 IDE Mode I/O Read Timing
Parameter Data Delay after IORD Data Hold following IORD IORD Width Time Address Setup before IORD Address Hold following IORD CE Setup before IORD CE Hold following IORD IOIS16 Delay Falling from Address Symbol td (IORD) th (IORD) tw (IORD) tsuA (IORD) thA (IORD) tsuCE (IORD) thCE (IORD) tdfIOIS16 (ADR) IEEE Symbol tlGLQV tlGHQX tlGLIGH tAVIGL tlGHAX tELIGL tlGHEH tAVISL 0 165 70 20 5 20 35 Min. ns Max. ns 100
IOIS16 Delay Rising from Address tdrIOIS16 (ADR) tAVISH 35 NOTE: The maximum load on -IOIS16 is 1 LSTTL with 50pF total lo ad. All times are in nanoseconds. Minimum time from -WAIT high to -IORD high is 0nsec, but minimum -IORD width must still be met.
URL : www.hbe.co.kr REV 1.0 (March.2003)
8 / 10
HANBit Electronics Co., Ltd.
HANBit
HFDOM40C-xxxSx
A0-A10
-CE
-IORD
-IOIS16
Dout
Figure 3.1 IDE Mode I/O Read Timing Example
Table 3.3 IDE Mode I/O Write Timing
Parameter Data Setup before IOWR Data Hold following IOWR IOWR Width Time Address Setup before IOWR Address Hold following IOWR CE Setup before IOWR CE Hold following IOWR IOIS16 Delay Falling from Address Symbol tsu(IOWR) th(IOWR) twI(OWR) tsuA(IOWR) thA(IOWR) tsuCE(IOWR) thCE(IOWR) tdfIOIS16(ADR) IEEE Symbol tDVIWH tlWHDX tlWLIWH tAVIWL tlWHAX tELIWL tlWHEH tAVISL Min. ns 60 30 165 70 20 5 20 35 Max. ns
IOIS16 Delay Rising from Address tdrIOIS16(ADR) tAVISH 35 NOTE: The maximum load on -IOIS16 is 1 LSTTL with 50pF total load. All times are in nanoseconds. Minimum time from -WAIT high to -IOWR high is 0nsec, but minimum -IOWR width must still be met.
URL : www.hbe.co.kr REV 1.0 (March.2003)
9 / 10
HANBit Electronics Co., Ltd.
HANBit
HFDOM40C-xxxSx
A0-A10
-CE
-IOWR
-IOIS16
Din
Figure 3.2 IDE Mode I/O Write Timing Example
Ordering Infomation
NO 1 2 3 4 5 6 7 8 9 10 11 Parts HFDOM40C-016S1 HFDOM40C-032S1 HFDOM40C-032S2 HFDOM40C-064S1 HFDOM40C-064S2 HFDOM40C-128S1 HFDOM40C-128S2 HFDOM40C-192S3 HFDOM40C-256S2 HFDOM40C-384S3 HFDOM40C-512S4 Size 55.5x30.5x1.4mm 55.5x30.5x1.4mm 32Mbyte 55.5x30.5x1.4mm 55.5x30.5x1.4mm 64Mbyte 55.5x30.5x1.4mm 55.5x30.5x1.4mm 128Mbyte 55.5x30.5x1.4mm 55.5x30.5x1.4mm 55.5x30.5x1.4mm 55.5x30.5x1.4mm 55.5x30.5x1.4mm 192Mbyte 256Mbyte 384Mbyte 512Mbyte BYTE BYTE BYTE BYTE BYTE 2 3 2 3 4 True IDE True IDE True IDE True IDE True IDE BYTE BYTE 2 1 True IDE True IDE BYTE BYTE 2 1 True IDE True IDE Capacity 16Mbyte Media transfer mode BYTE BYTE Chip Number 1 1 Operation Mode True IDE True IDE
URL : www.hbe.co.kr REV 1.0 (March.2003)
10 / 10
HANBit Electronics Co., Ltd.


▲Up To Search▲   

 
Price & Availability of HFDOM40C-016SX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X