Part Number Hot Search : 
OCMS2X6 W48S87 P6KE33A SR390 1N6631 EPA3010 AN1576 BUH1215
Product Description
Full Text Search
 

To Download HA6025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series HA60/HD60
25-125Amp * 600 Vac * AC Output
* Zero Voltage and Random Turn-On Switching * Panel Mount * 1200V Blocking Capability * 600Vac - the preferred choice in Canada * Integrated Overvoltage Protection by Automatic Self Turn-On (Suffix P)
MODEL NUMBERS AC CONTROL D C CONTROL HA6025 HD6025 600 48-660 25 40 1200 250 1.7 1.02 260 HA6050 HD6050 600 48-660 50 40 1200 625 1.7 0.63 1,620 5 500
Featuring state-of-the-art Surface Mount Technology, these SPST-NO relays deliver proven reliability in the most demanding applications. Output consists of an SCR AC switch and is available in zero-cross, random turn-on (phase controllable) and versions with either AC or DC input (coil) control. Manufactured in Crydom's ISO 9001 Certified facility for optimum product performance and reliability.
HA6090 HD6090 600 48-660 90 40 1200 1,200 1.7 0.28 6,000 5 500 HA60125 HD60125 600 48-660 125 150 1200 1,750 1.7 0.22 12,700 5 500
OUTPUT SPECIFICATIONS
Nominal Line Voltage (10%) [Vrms] Operating Voltage Range (47-63 Hz) [Vrms] Max. Load Current [Arms] Min. Load Current, [mArms] Transient Overvoltage [Vpk] Max. Surge Current, (16.6ms) [Apk] Max. On-State Voltage Drop @ Rated Current [Vpk] Thermal Resistance Junction to Case (R JC [ C/W] ) Maximum I 2 t for Fusing, (8.3 msec.) [A 2sec] Max. Off-State Leakage Current @ Rated Voltage [mArms] Min. Off-State dv/dt @ Max. Rated Voltage [V/sec] Max. Turn-On Time Max. Turn-Off Time Power Factor (Min.) with Max. Load
5 500
0.5
1/2 Cycle (DC Input), 10.0 msec (AC Input) 1/2 Cycle (DC Input), 40.0 msec (AC Input) 0.5 0.5 0.5
INPUT SPECIFICATIONS
Control Voltage Range Max. Reverse Voltage Max. Turn-On Voltage Min. Turn-Off Voltage Nominal Input Impedance Typical Input Current
DC CONTROL
(D PREFIX)
AC CONTROL (A PREFIX)
90-280 Vrms (60Hz) --90 Vrms 10 Vrms 60K Ohms 2mA @ 120 Vrms, 4mA @ 240 Vrms
AC CONTROL
(E SUFFIX)
3-32 Vdc -32 Vdc 3.0 Vdc 1.0 Vdc See Note 2.0 mA
18-36 Vrms --18 Vrms 4.0 Vrms 9.0K Ohms 3mA @ 24 Vrms
GENERAL NOTES
(c) 2002 CRYDOM CORP, Specifications subject to change without notice.
All parameters at 25C unless otherwise specified. Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 Heat sinking required, for derating curves see page 2. 24 Vac Input option, E suffix. Turn-on time for random turn-on versions is 0.02 msec (DC Control Models). Input circuitry incorporates active current limiter. No internal snubber.
FastFax Document No.159 SERIES HA/HD60. Rev. 031802 PAGE 1 OF 3
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506
Series HA60/HD60
25-125Amp * 600 Vac * AC Output
GENERAL SPECIFICATIONS Dielectric Strength 50/60Hz Input/Output/Base Insulation Resistance (Min.) @ 500 Vdc Max. Capacitance Input/Output Ambient Operating Temperature Range Ambient Storage Temperature Range MECHANICAL SPECIFICATIONS Weight: (typical) Encapsulation: Terminals: AVAILABLE OPTIONS E 24 VAC Input (18-36 Vac) Example: HA6025E F G Faston Terminals (Up to 50 Amp Models) Example: HD6050F Input Status LED. Agencies Approval Pending Example: HD6050G Note: Control Voltage Range 4.5-32Vdc for DC Control Models. Internal Overvoltage Protection. Relay Will Self Trigger Between 900-1200 Vpk. Not Suitable For Capacitive Loads. Agencies Approval Pending. Example: HD6025P Random Turn-On (AC & DC Control) Phase Controllable (DC Control) Example: HD6090-10
Screw Torque Requirements: 6-32 Screws - 10 in./lbs., 8-32 and 10-32 Screws - 20in./lbs. (Screws dry without grease.)
1.87 (47.5)
4000 Vrms 109 Ohm 8 pF -40 to 80C -40 to 125C
3.0 oz. (86.5g) Thermally Conductive Epoxy
Screws and Saddle Clamps Furnished, Unmounted
MOUNTING HOLE/SLOT 0.17 (4.3) DIA. 1.10 (27.9) .45 (11.4)
8-32 TERMINAL (2 PLACES )
1
OUTPUT
2
SOLID-STATE RELAY
-4
INPUT
+
3
2.30 (58.4) 1.70 (43.2)
P
BASE PLATE .125 (3.2) Fastons: Single pair (up to 25A) Double pair* (up to 50A). * Caution: User must connect to both pairs
1.00 (25.4) 1.80 (45.7)
6-32 TERMINAL (2 PLACES)
.78 (19.8) .90 (22.9)
-10
MOUNTING HOLE/SLOT 0.17 (4.3) DIA.
1.10 (27.9) .45 (11.4)
FASTON TERMINAL .250 X .032 (2 PLCS.) .87 REF. (22.2)
Ordering System: Combination of the suffixes should be made in the following order: EFPG-10. Example: HA6050EFPG-10
1
OUTPUT 2
1.87 (47.5)
4 INPUT 3
2.30 (58.4) 1.70 (43.2)
Crydom Heat Sinks offer excellent thermal management and are per fectly matched to the load current ratings of Crydom panel mount relays. Request Crydom's Heat Sink specification sheet for all the details.
BASE PLATE .125 (3.2)
1.00 (25.4) 1.80 (45.7)
FASTON TERMINAL .187 X .032 (2 PLCS.)
.78 (19.8) .90 (22.9)
All dimensions are in inches (millimeters)
(c) 2002 CRYDOM CORP, Specifications subject to change without notice.
APPROVALS UL E116950 CSA LR81689 VDE 10143 UG
FastFax Document No.159 SERIES HA/HD60. Rev. 031802 PAGE 2 OF 3
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506
Series HA60/HD60
25-125Amp * 600 Vac * AC Output
CURRENT DERATING CURVES
25A
30
1C/W
Base Plate Temp [C]
50A
95 100
3C/W 2C/W
60
1C/W .5C/W
Power Dissipation
90
Base Plate Temp [C] Base Plate Temp [C]
25
Power Dissipation
1.5C/W
20 15 10 5 0 5 10 15 20 25 20 40 60 80
Load Current [Arms] Max Ambient Temp. [C]
40
2C/W
100
110
20
NO HEATSINK
110
NO HEATSINK
120 0 10 20 30 40
120 80
50
20
40
60
Load Current [Arms]
Max Ambient Temp. [C]
90A
120
.5C/W
Power Dissipation
90
.2C/W .4C/W
Base Plate Temp [C] Power Dissipation
125A
160
.4C/W
90
.5C/W .2C/W 100
80
1C/W
100
120 80
110 40 120 0 20 40 60 80 0 20 40 60 80
Load Current [Arms] Max Ambient Temp. [C]
1C/W
110
40 120 0 30 60 90 120 0 20 40 60 80
Load Current [Arms] Max Ambient Temp. [C]
(c) 2002 CRYDOM CORP, Specifications subject to change without notice.
FastFax Document No.159 SERIES HA/HD60. Rev. 031802 PAGE 3 OF 3
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506


▲Up To Search▲   

 
Price & Availability of HA6025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X