Part Number Hot Search : 
ON2947 NCP15 150TEA UM7500 74LVC2G BA6459P BUZ202 RSF014N
Product Description
Full Text Search
 

To Download GXO-U115H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3V & 5V CMOS Oscillator
Specifications
GXO-U115
GXO-U115S: 5.0V supply, E/D, low supply current GXO-U115H: 5.0V supply, E/D high drive GXO-U115L: 3.3V supply, E/D with power saving
Parameters
5.20 (max)
Variant S 1.8 ~ 50.0MHz 1.8 ~ 156MHz 100ppm 50ppm 25ppm H L
Option Codes
Frequency range:
3.40 (max)
Frequency stability:
B A
1.05 (max) 2.54 1.00 1 0.15 4 3 2 1.50
ACTUAL SIZE SOLDER PAD LAYOUT
1.10 4 1 3 2 1.40 1.10 1.40
Operating temperature range: -10 to +70C -40 to +85C Storage temperature range: -55 to +125C Supply voltage (VDD): +5.0V (10%) +3.3V (10%) Supply current (mA max): 1.8 ~ 50.0MHz >50.0 ~ 67.0MHz >67.0 ~ 125.0MHz >125 ~ 156MHz Logic levels: Scale 3:1 `0' level = 10%VDD max `1' level = 90%VDD min Start up time: 10ms max 35 45 18 18 40 50
I
1.40 1.40 TOP VIEW PAD 1 2 3 4 CONNECTION Enable/Disable Ground Output Supply
Features

Smallest size SM oscillator Ceramic package with metal lid High drive capability - up to 50pF Enable / disable tristate function 3.3V option with power saving function
Waveform symmetry: 40:60 max @ 50%VDD Driving ability: 10 LSTTL 15pF HCMOS 10 TTL 50pF HCMOS 10ns max 7ns max
Rise / fall time:
Standard Frequencies
Frequencies in MHz 1.84320 2.00000 3.68640 4.00000 5.00000 8.00000 10.00000 12.00000 14.31818 16.00000 20.00000 25.00000 27.00000 28.22400 29.49120 30.00000 32.00000 33.33300 36.86400 40.00000 125.00000* 155.52000*
Enable / disable function: Tristate (control via pad 1) 100ns / 100ns max 10ms / 150ns max Stand-by current (power-saving): 10A Standard. Optional - Please specify required code(s) when ordering
Ordering Information
Product name + variant + option codes (if any) + frequency eg: GXO-U115H 40.0MHz 5V, 100ppm -10+70C GXO-U115L/BI 40.0MHz 3.3V, 50ppm -40+85C Option code X (eg GXO-U115H/X) denotes a custom spec.
Available on T&R - 2k pcs per reel. Refer to our website for T&R and soldering details.
Other frequencies available. Please consult our sales office. * L variant only
Enable / Disable Function
Input (pad 1) Open `1' level `0' level Output (pad 3) Enabled Enabled High Impedance
Tel: +44 1460 256 100
16 Jul 2003
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GXO-U115H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X