Part Number Hot Search : 
BUK75 FM160 D1210 IRD3899 H100M ESDA6V1 H100M M51996FP
Product Description
Full Text Search
 

To Download GVXO53 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3V VCXO
Specifications
GVXO-53F
Parameters
Frequency range: 1.0 ~ 78.0MHz Voltage control: +1.65V 1.5V, 10% linearity Frequency pullability (min): 50ppm 100ppm Other Frequency stability:
5.00 (max)
Product GVXO-53F
Option Codes
7.50 (max)
N S specify A B C specify
100ppm 50ppm 25ppm Other
2.10 (max)
ACTUAL SIZE SOLDER PAD LAYOUT
Operating temperature range: -10 to +70C -40 to +85C Storage temperature range: -40 to +85C Supply voltage (VDD): +3.3V (0.3V) Supply current: 15mA max (1.0 ~ 30.0MHz) 25mA max (>30.0 ~ 45.0MHz) Driving ability: 15pF CMOS
I
1.40 6 2.60 1 2.54 2.54
2.54 2.54 5 4 2.00 2.20 2 3 2.00
1 6
2 5
3 4
1.80 1.80 1.80 TOP VIEW PAD 1 2 3 4 5 6 CONNECTION Control voltage Enable / disable Ground Output Not connected Supply
Logic levels:`0' level = 10%VDD max `1' level = 90%VDD min Output current: `0' level = 4.0mA min `1' level = -1.0mA min Scale 2:1 Waveform symmetry: 40:60 max
Features
Rise / fall time: 5ns max (20%~80%VDD) Start up time: 10ms max

3.3V supply Fundamental mode crystal up to 78.0MHz Choice of pullability & stability Enable / disable tristate function Miniature SM package
Enable / disable function: Tristate (control via pad 2) Enable / disable time: 150ns / 150ns max Standard. Optional - Please specify required code(s) when ordering
Enable / Disable Function
Input (pad 2) Open `1' level `0' level 32.76800 34.36800 35.32800 36.00000 38.88000 40.96000 44.73600 49.15200 51.84000 61.44000 77.76000 Output (pad 4) Enabled Enabled High Impedance
Standard Frequencies
Frequencies in MHz 2.04800 3.08800 4.09600 6.14400 8.19200 10.00000 10.24000 11.52000 12.28800 12.35200 12.62400 14.31818 15.36000 16.38400 18.43200 19.44000 20.00000 20.48000 24.57600 24.70400 26.00000 28.63636
Ordering Information
Product + option codes + frequency eg: GVXO-53F/SB 19.440MHz 100ppm pullability, 50ppm stability GVXO-53F/NC 34.3680MHz 50ppm pullability, 25ppm stability Option codes must be included to specify a model completely. Option code X (eg GVXO-53F/X) denotes a custom spec.
Available on T&R - 2k pcs per reel. Refer to our website for T&R and soldering details.
Other frequencies available. Please consult our sales office.
Tel: +44 1460 256 100
01 Oct 2002
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GVXO53

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X