Part Number Hot Search : 
C100B MB90F395 NJM2209 P4SMA CDP0815 MJE1300 ST3232BN S3D1723
Product Description
Full Text Search
 

To Download GVXO41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5V VCXO
Specifications
GVXO-41
GVXO-41F: Full size (14 pin DIL) GVXO-41H: Half size (8 pin DIL)
Parameters
Package: 14 pin DIL (full size) 8 pin DIL (half size) 1.544 ~ 33.0MHz 1.544 ~ 30.0MHz
13.08 (max)
Variant F H
Option Codes
20.80 (max)
13.08 (max)
Frequency range:
13.08 (max)
Voltage control: +2.5V 2.5V, 10% linearity >100k input impedance Frequency pullability (min): 80ppm 150ppm 200ppm Frequency stability: 100ppm 50ppm 25ppm 20ppm 15ppm N S W A B C D E
0.80 0.46O
5.70 (max) 4.00 (min)
0.80 0.46O
5.70 (max) 4.00 (min)
1 14
7 8
7.62
1 8
4 5
7.62
Ageing:
15.24 PIN 1 7 8 14 CONNECTION Control voltage Ground Output Supply PIN 1 4 5 8 7.62
5.0ppm max per year
Operating temperature range: -10 to +70C -40 to +85C Storage temperature range: -55 to +125C Supply voltage (VDD): +5.0V (5%) Scale 1:1 Supply current: 20mA max (<20.0MHz) 30mA max (20.0 ~ 33.0MHz) Driving ability: 30pF HCMOS 5 LSTTL
I
Features

5.0V supply Low cost for volume applications Choice of pullability & stability Express deliveries for non-standard items Industrial temperature range option
Logic levels: `0' level = +0.4V max `1' level = 90%VDD min Waveform symmetry @ 50%VDD: 40:60 max Rise / fall time: 6ns max (0.4V ~ 90%VDD min) Standard. Optional - Please specify required code(s) when ordering
Standard Frequencies
Frequencies in MHz 8.19200 13.50000 14.31818 16.38400 17.73447 Other frequencies available. Please consult our sales office. 19.44000 20.48000 24.57600 27.00000 32.76800
Ordering Information
Product + variant + option codes + frequency eg: GVXO-41F/SC 20.480MHz 150ppm pullability, 25ppm stability Option codes must be included to specify a model completely. Option code X (eg GVXO-41F/X) denotes a custom spec.
15ppm and 20ppm stability may not be available over -40+85C, depending on frequency. Check with our sales office.
Tel: +44 1460 256 100
12 Jul 2001
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GVXO41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X