Part Number Hot Search : 
044067 STR3A152 2SA1796 RM033R7 S3062 D16808 MS7305 N5262B
Product Description
Full Text Search
 

To Download GVXO27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3V & 5V VCXO High Freq Fundamental
Specifications
GVXO-27L: +3.3V supply GVXO-27S: +5.0V supply
GVXO-27
Parameters
Frequency range: 1.0 ~ 75.0MHz Voltage control (VCTL): +1.65V 1.5V, 10% linearity +2.5V 2.0V, 10% linearity Frequency pullability (min): 50ppm 80ppm 100ppm ACTUAL SIZE
3.20 (max) 5.08 2.54 2.54
Variant L S
Option Codes
14.00 (max)
9.80 (max)
N P S B C
Frequency stability*:
50ppm 30ppm
SOLDER PAD LAYOUT
2.54 2.54
Operating temperature range: -10 to +70C -40 to +85C Storage temperature range: -40 to +85C
I
3.00 1 2 3 6.20 6 5 1.20 1.60 1.60 1.60 PAD 1 2 3 4 5 6 CONNECTION Control voltage Enable / disable Ground Output Not connected Supply TOP VIEW 4 1 2 3 3.00 6 5 4 5.80
Supply voltage (VDD): +3.3V (5%) +5.0 (5%) Supply current (mA max): 1.0 ~ 30.0MHz 30.0 ~ 45.0MHz 45.0 ~ 75.0MHz Driving ability: 15pF HCMOS 20 30 50 25 35 60
Logic levels:`0' level = 10%VDD max `1' level = 90%VDD min Waveform symmetry: 40:60 max @ 50%VDD Start up time: Scale 2:1 10ms max
Rise / fall time: 5ns max (20% ~ 80%VDD) Jitter: 4.26ps (RMS) @ 32.768MHz 5.39ps (RMS) @ 70.656MHz
Features

Fundamental mode crystal up to 75MHz HCMOS compatible output Low jitter and fast rise / fall 3.3V or 5V supply Enable / disable tristate function Ceramic / metal SM package
Enable / disable function: Control via pad 2 Enable / disable time (ms max): Soldering condition: Reflow, 260C x 10sec x2 max Standard. Optional - Please specify required code(s) when ordering 150 100
* Frequency stability is inclusive of calibration @ 25C, operating temperature range, supply voltage change, load change and ageing, with VCTL = 50% VDD
Ordering Information
Product name + variant + option codes + frequency eg: GVXO-27L/PB 16.374MHz 3.3V, 80ppm pullability, 30ppm stability Option code X (eg GVXO-27S/X) denotes a combination of values not listed above.
Available on T&R - 1k pcs per reel. Refer to our website for details. Some combinations of stability/pullability are not available over 45MHz
Enable / Disable Function
Input (pad 2) Open `1' level VIH `0' level VIL Output (pad 4) Active Active High Impedance
Tel: +44 1460 256 100
21 Jun 2005
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GVXO27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X