Part Number Hot Search : 
HSB124 UMX4NTR NGB8207N VN2222LL 2N3055A 2SJ315 1N3335B 200AB
Product Description
Full Text Search
 

To Download GTXO560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3V & 5V SM TCXO Clipped Sine
Specifications
GTXO-560
GTXO-560T: Internal trimmer GTXO-560V: Voltage adjustment + trimmer GTXO-560N: Voltage adjustment, no trimmer
Parameters
9.90 (max)
Variant T V N
Option Codes
Package style:
with trimmer without trimmer
Frequency range: 10.0 ~ 40.0MHz
11.80 (max)
ACTUAL SIZE
1.75 (typ) 3.55 (typ) 0.50 Trimmer access hole 2.20O (T and V variants) 2.00 (max) 0.70 1.30 1.00 4 1 7.62 1.00 3 2 1.90 1.40 CONNECTION PAD 1 2 3 4 Variant T Not connected Ground Output Supply Variants V & N Freq adjustment Ground Output Supply 4 6.50 TOP VIEW 1 1.40 1.90 3 2 6.22 1.30 0.70 7.62
Frequency stability: 2.5ppm over -40 to +85C 2.5ppm over -30 to +75C 2.0ppm over -30 to +75C 1.5ppm over -20 to +70C 1.0ppm over -20 to +70C Storage temperature range: -40 to +85C Frequency vs supply voltage: 0.3ppm (<22.0MHz) 0.5ppm (<28.0MHz) 1.0ppm (<40.0MHz) Frequency vs load change: 0.3ppm (10k 10%//10pF10%) Ageing (1st yr): 1.0ppm (<22.0MHz) 1.5ppm (<28.0MHz) 2.0ppm (<40.0MHz) Supply voltage (VDD): +3.0V (5%) +3.3V (5%) +5.0V (5%) Supply current: 2.0mA max (<22.0MHz) 3.0mA max (<28.0MHz) 4.0mA max (<40.0MHz) Output waveform: Clipped sine, 0.8V p-p typ Scale 2:1 Test load: 10k // 10pF
K H G F
SOLDER PAD LAYOUT
1.40
M P
Features

3.0V to 5.0V supply, low power consumption Stabilities down to 1.0ppm Industrial temperature range option
Frequency adjustment: 3ppm min by internal trimmer 5.0 ~ 10.0ppm 8.0 ~ 14.0ppm Control voltage range: +1.5V 1.0V (3.0V supply) +1.65V 1.35V (3.3V supply) +2.5V 2.0V (5.0V supply) Preset frequency: 0.5ppm / +25C 2C 2.0ppm / +25C 2C Standard. Optional - Please specify required code(s) when ordering
Ordering Information
Product name + variant + option codes (if any) + frequency eg: GTXO-560V 13.0MHz 2.5ppm -30+75C, 3V supply (standard) GTXO-560V/GP 13.0MHz 1.5ppm-20+70C, 5V supply Option code X (eg GTXO-560V/X) denotes a custom spec.
Available on T&R - 2k pcs per reel. Refer to our website for T&R and soldering details. Trimmer tool available. Ask for our part number MA06805.
Standard Frequencies
Frequencies in MHz 10.00000 12.80000 13.00000 14.40000 15.36000 16.00000 19.20000 20.00000
Tel: +44 1460 256 100
19 Aug 2003
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GTXO560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X