Part Number Hot Search : 
AX7042T T520C MAX2078 6652L 204H11A LTC31 800000 1C101MDD
Product Description
Full Text Search
 

To Download GL05-HT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
GL05 - HT3
Vishay Semiconductors
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Features
* Transient protection for data lines as per IEC 61000-4-2 (ESD) 15 kV (air) 8 kV (contact) IEC 61000-4-5 (Lightning) 17 A (tp = 8/ 20 s) * Small package for use in portable electronics
17914
3
Top view
1 2
Pin 1
* Low capacitance for high speed data lines, cellular handsets, USB port protection, LAN equipment, peripherals * Space saving LiLiPut package
Mechanical Data
Case: LLP75-3B Plastic Package Molding Compound Flammability Rating: UL 94 V-0 Terminals: High temperature soldering guaranteed: 260 C/10 sec. at terminals Weight: 5 mg
Parts Table
Part GL05-HT3 Ordering code GL05-HT3-GS08 50 Marking Remarks Tape and Reel
Absolute Maximum Ratings
Ratings at 25 C, ambient temperature unless otherwise specified Parameter Peak pulse power ESD voltage Test condition 8/20 s waveform ESD per IEC 61000-4-2 Symbol PPK VESD Value 300 >25 Unit W kV
Thermal Characteristics
Ratings at 25 C, ambient temperature unless otherwise specified Parameter Operation temperature Storage temperature Test condition Symbol TJ Tstg, TSTG Value - 55 to + 125 - 55 to + 150 Unit C C
Electrical Characteristics
Part Number Marking Code VRWM VBR(min) IR(max) VC(max) IPPM Cj Pin1 to Pin2 Pin3 NC VR = 0 V f = 1 MHz pF 5
@ It = 1.0 mA V GL05-HT3 50 5 V 6
@ VRWM A 20
IPP = 1.0 A V 9.8
IPP = 5.0 A
tp = 8/20 s A
11
17
Document Number 85823 Rev. 3, 03-Jun-03
www.vishay.com 1
GL05 - HT3
Vishay Semiconductors Package Dimensions in mm
VISHAY
18057
ISO Method E
www.vishay.com 2
Document Number 85823 Rev. 3, 03-Jun-03
VISHAY
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
GL05 - HT3
Vishay Semiconductors
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
Document Number 85823 Rev. 3, 03-Jun-03
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of GL05-HT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X