|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPICE MODELS: GBU8005 GBU801 GBU802 GBU804 GBU806 GBU808 GBU810 GBU8005 - GBU810 8.0A GLASS PASSIVATED BRIDGE RECTIFIER Features * * * * * * * Glass Passivated Die Construction High Case Dielectric Strength of 1500VRMS Low Reverse Leakage Current Surge Overload Rating to 200A Peak Ideal for Printed Circuit Board Applications UL Listed Under Recognized Component Index, File Number E94661 Lead Free Finish, RoHS Compliant (Note 4) L D E F J G P H N A B K C M GBU Dim A B C D E F G H J K L M N P Min 21.8 3.5 7.4 1.65 2.25 1.95 1.02 4.83 17.5 18.3 3.30 0.46 0.76 Max 22.3 4.1 7.9 2.16 2.75 2.35 1.27 5.33 18.0 18.8 3.56 0.56 1.0 Mechanical Data * * * * * * * * * * Case: GBU Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish 3/4 Tin. Solderable per MIL-STD-202, Method 208 e3 Polarity: Marked on Body Mounting: Through Hole for #6 Screw Mounting Torque: 5.0 Inch-pounds Maximum Ordering Information: See Last Page Marking: Date Code and Type Number Weight: 6.6 grams (approximate) - ~~+ 3.2 X 45 All Dimensions in mm Maximum Ratings and Electrical Characteristics Single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Forward Rectified Current (Note 1) @ TC = 100C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Forward Voltage (per element) Peak Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t < 8.3ms) (Note 2) Typical Total Capacitance per Element (Note 3) Typical Thermal Resistance Junction to Case (Note 1) Operating and Storage Temperature Range Notes: 1. 2. 3. 4. @ TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) I(AV) IFSM VFM IR I2 t CT RqJC Tj, TSTG GBU 8005 50 35 GBU 801 100 70 GBU 802 200 140 GBU 804 400 280 8.0 200 1.0 5.0 500 166 130 2.2 -55 to +150 GBU 806 600 420 GBU 808 800 560 GBU 810 1000 700 Unit V V A A V mA A2 s pF C/W C @ IF = 4.0A @ TC = 25C @ TC = 125C Unit mounted on 50 x 50 x 1.6mm copper plate heatsink. Non-repetitive, for t > 1.0ms and < 8.3ms. Per element, measured at 1.0MHz and applied reverse voltage of 4.0V DC. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7. DS21227 Rev. 7 - 2 1 of 3 www.diodes.com GBU8005 - GBU810 a Diodes Incorporated I(AV), AVERAGE FORWARD RECTIFIED CURRENT (A) Resistive or Inductive Load 8 With heatsink IF, INSTANTANEOUS FORWARD CURRENT (A) 10 100 Tj = 25 C 10 6 4 Without heatsink 1.0 2 0 0 50 100 150 TC, CASE TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve 0.1 0.0 0.2 0.6 1.0 1.4 1.8 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element IFSM, PEAK FORWARD SURGE CURRENT (A) 250 1000 Tj = 25 C f = 1.0MHz 200 Single Half-Sine Wave CT, TOTAL CAPACITANCE (pF) 100 100 0 1 Tj = 25 C 10 100 10 0.1 1.0 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Surge Current VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance, per element Ordering Information Device GBU8005 GBU801 GBU802 GBU804 GBU806 GBU808 GBU810 Notes: (Note 5) Packaging GBU GBU GBU GBU GBU GBU GBU Shipping 20/Tube 20/Tube 20/Tube 20/Tube 20/Tube 20/Tube 20/Tube 5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf. DS21227 Rev. 7 - 2 2 of 3 www.diodes.com GBU8005 - GBU810 IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. DS21227 Rev. 7 - 2 3 of 3 www.diodes.com GBU8005 - GBU810 |
Price & Availability of GBU80051 |