Part Number Hot Search : 
78L07 R1020 LF2805A T200A BSCD32H C2SS001A APT30D4 IRF823
Product Description
Full Text Search
 

To Download FUSB110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Radial Leaded PTC FUSB Series
FUZETEC
Application: Low voltage USB equipment Product Features: Low resistance, Fast trip time , Lower Trip-to-hold Ratio Operation Current: 750mA ~2.5A Maximum Voltage: 16V/30V Temperature Range: -40 to 85 Agency Approvals: UL(E211981), C-UL(E211981), TUV (R3-50004084)
Electrical characteristics(23 )
Part Number FUSB075 FUSB090 FUSB110 FUSB120 FUSB135 FUSB155 FUSB160 FUSB185 FUSB250 Hold Trip Current Current Max.Time to Trip at 8A at 5xIH 0.4 -1.2 5.9 2.3 6.6 0.5 -4.5 7.3 0.6 -9.0 8.0 10.0 8.7 40.0 10.3 Maximum Current IMAX,A 40 40 40 40 40 40 40 40 40 Resistance Rated Typical Tolerance Voltage Power RMIN R1MAX VMAX,Vdc Pd, W 16/30 0.3 16/30 0.6 16/30 0.7 16/30 0.6 16/30 0.8 16/30 0.7 16/30 0.9 16/30 1.0 16/30 1.2 0.080 0.070 0.050 0.040 0.040 0.030 0.030 0.030 0.020 0.23 0.18 0.14 0.14 0.12 0.12 0.11 0.09 0.07
IH,A
0.75 0.90 1.10 1.20 1.35 1.55 1.60 1.85 2.50
IT,A 1.30 1.80 2.20 2.00 2.70 2.70 3.20 3.70 5.00
IH=Hold current-maximum current at which the device will not trip at 23 still air. IT=Trip current-minimum current at which the device will always trip at 23 still air. V MAX=Maximum voltage device can withstand without damage at its rated current. I MAX= Maximum fault current device can withstand without damage at rated voltage (V max). Pd=Typical power dissipated from device when in the tripped state in 23 still air environment. RMIN=Minimum device resistance at 23 . R1MAX=Maximum device resistance at 23 , 1 hour after tripping . Physical specifications: Lead material: Tin plated copper,24 AWG. Soldering characteristics: Soldering ability per ANSI/J-STD 002 Solder heat withstand per IEC 68-2-20 FUSB 120 :Test Tb, method 1a, condition a; can withstand 5 second at 260 All others: Test Tb, method 1a, condition a; can withstand 10 second at 260
Insulating coating:Flame retardant epoxy polymer ,meets UL 94V-O requirement.
5 5
1
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2
Radial Leaded PTC FUSB Series
FUSB Product Dimensions (millimeters)
FUZETEC
Figure 1 Lead Size :24AWG, 0.51 mm Diameter Lead Size : 24AWG 0.51 mm Diameter
Figure 2
Part Number Fig FUSB075 2 FUSB090 1 FUSB110 1 FUSB120 2 FUSB135 1 FUSB155 2 FUSB160 1 FUSB185 1 FUSB250 1
A Maximum 6.9 7.4 7.4 6.9 8.9 6.9 8.9 10.2 11.4
B Maximum 11.4 12.2 14.2 11.7 13.5 11.7 15.2 15.7 18.3
C Typical 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1
D Minimum 7.6 7.6 7.6 7.6 7.6 7.6 7.6 7.6 7.6
E Maximum 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
F Typical 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8
Thermal Derating Curve
Thermal Derating Curve - FUSB Series
200%
Percent of Rated Hold and Trip Current
150%
100%
50%
0% -40 -20 0 20 40 60 80
Ambient Temperature (C)
2
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y2Z2
Radial Leaded PTC FUSB Series
Typical Time-To-Trip at 23
A =FUSB075 B = FUSB120 C = FUSB155 D = FUSB090 E = FUSB110 F = FUSB135 G = FUSB160 H = FUSB185 I = FUSB250
Time-to-trip (S)
FUZETEC
A 100
B
CDE
F
GHI
10
1
0.1
0.01
0.001 1 10 Fault current (A) 100
Part numbering system
FUSB
F UB110 09AB
Part marking system
F UB Fuzetec Logo Part Identification Product Family
Example
Current rating
Date Code/Lot Number
Standard Package
P/N
FUSB075 FUSB090 FUSB110 FUSB120 FUSB135
Pcs /Bag
500 500 500 500 500
Reel/Tape
3K 3K 3K 3K 3K
P/N
FUSB155 FUSB160 FUSB185 FUSB250
Pcs /Bag
500 500 500 500
Reel/Tape
3K 3K 3K 3K
3
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2


▲Up To Search▲   

 
Price & Availability of FUSB110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X