Part Number Hot Search : 
FQP5N40 BU4230G S2N65 2587P890 RF3934SB SB160 SZN4961 4VHC1G
Product Description
Full Text Search
 

To Download FRG300-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Radial Leaded PTC FRG Series
FUZETEC
Application: Wide variety of electronic equipment Product Features: Very high hold current, Solid state Radial-leaded product ideal for up to 16Vdc Operation Current: 3 A~14A Maximum Voltage: 16V Temperature Range: -40 to 85 Agency Approvals: UL(E211981), C-UL(E211981),
Electrical Characteristics(23 )
Part Number FRG300-16 FRG400-16 FRG500-16 FRG600-16 FRG700-16 FRG800-16 FRG900-16 FRG1000-16 FRG1100-16 FRG1200-16 FRG1400-16 Hold Trip Max.time Maximum Current Current to trip Current IH, A 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 14.0 IT, A 5.1 6.8 8.5 10.2 11.9 13.6 15.3 17.0 18.7 20.4 23.8 at 5x IH 2.0 3.5 3.6 5.8 8.0 9.0 12.0 12.5 13.5 16.0 20.0 I MAX, A 100 100 100 100 100 100 100 100 100 100 100 Rated Voltage
TUV(R3-5000-4084) Typical Resistance Tolerance Power RMIN R1MAX V MAX, Vdc Pd, W 16 2.3 0.034 0.105 16 2.4 0.020 0.063 16 2.6 0.014 0.044 16 2.8 0.009 0.033 16 3.0 0.006 0.021 16 3.0 0.005 0.018 16 3.3 0.004 0.015 16 3.3 0.003 0.012 16 3.7 0.003 0.010 16 4.2 0.002 0.009 16 4.6 0.002 0.008
IH=Hold current-maximum current at which the device will not trip at 23 still air. IT=Trip current-minimum current at which the device will always trip at 23 still air. V MAX=Maximum voltage device can withstand without damage at its rated current. I MAX= Maximum fault current device can withstand without damage at rated voltage (V max). Pd=Typical power dissipated from device when in the tripped state in 23 still air environment. RMIN=Minimum device resistance at 23 . R1MAX=Maximum device resistance at 23 , 1 hour after tripping . Physical specifications: Lead material: FRG300~FRG1100 Tin plated copper,20 AWG. FRG1200~FRG1400 Tin plated copper,18 AWG. Soldering characteristics:MIL-STD-202, Method 208E.
Insulating coating:Flame retardant epoxy ,meet UL-94V-O requirement.
1
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2
Radial Leaded PTC FRG Series
FRG Product Dimensions (millimeters)
Lead Size Lead Size
FUZETEC
FRG300-16~FRG1100~16 FRG1200-16~FRG1400-16 0.81 20AWG mm Diameter 1.0 18AWG mm Diameter
Part A B Number Maximum Maximum FRG300-16 7.1 11.0 FRG400-16 8.9 12.8 FRG500-16 10.4 14.3 FRG600-16 10.7 17.1 FRG700-16 11.2 19.7 FRG800-16 12.7 20.9 FRG900-16 14.0 21.7 FRG1000-16 16.5 24.1 FRG1100-16 17.5 26.0 FRG1200-16 17.5 28.0 FRG1400-16 27.9 27.9
C Typical 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 10.2 10.2
D Minimum 7.6 7.6 7.6 7.6 7.6 7.6 7.6 7.6 7.6 7.6 7.6
E Maximum 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.6 3.4
F Typical 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.4 1.4
Thermal Derating Curve
Thermal Derating Curve - FRG Series
Percent of rated hold current and trip current
200%
150%
100%
50%
0% -40 -20 0 20 40 60 80
Ambient Temperature (C)
2
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2
Radial Leaded PTC FRG Series
Typical Time-To-Trip at 23
A=FRG300-16 B=FRG400-16 C=FRG500-16 D=FRG600-16 E=FRG700-16 F=FRG800-16 G=FRG900-16 H=FRG1000-16 I =FRG1100-16 J=FRG1200-16 K=FRG1400-16
FUZETEC
A 1000
B C D EFG H I
J
K
100
Time-to-Trip (S)
10
1
0.1
0.01
0.001 1 10 100
Fault Current (A)
Part Numbering System
FRG Unencapsulated part Maximum interrupt Voltage rating Current rating
Example
Part Marking System
F RG300 09AB
F RG
Fuzetec Logo Part Identification Product Family
Date Code/Lot Number
Standard Package
P/N
FRG300-16 FRG400-16 FRG500-16 FRG600-16 FRG700-16 FRG800-16
Pcs /Bag
500 300 300 300 200 200
Reel/Tape
3k 3k 3k 3k 1.5k -------
P/N
FRG900-16 FRG1000-16 FRG1100-16 FRG1200-16 FRG1400-16
Pcs /Bag
200 100 100 100 100
Reel/Tape
-------------------------------
3
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2


▲Up To Search▲   

 
Price & Availability of FRG300-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X