Part Number Hot Search : 
LM7824 LM7824 BL303 ZPY30 SM1UXX MICROS G2211 0M100
Product Description
Full Text Search
 

To Download FJMA790 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FJMA790 PNP Epitaxial Silicon Transistor
June 2006
FJMA790
PNP Epitaxial Silicon Transistor
High current surface mount PNP silicon switching transistor for load management in portable applications
* High Collector current * Low Collector-Emitter Saturation Voltage * RoHS Compliant
RoHS Compliant
tm
Pin 1
Pin 3
C
1
6
C
Collector
Emitter
C 2 5 C
B
3
4
E
Pin 6
Pin 4
MicroFET2X2
Absolute Maximum Ratings T
Symbol
VCBO VCEO VEBO IC PD TJ TSTG Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Power Dissipation Junction Temperature Storage Temperature
Note1) Note2)
a
= 25C unless otherwise noted
Parameter
Value
-50 -35 -5 -2 1.56 0.8 150 -55 ~ 150
Units
V V V A W W C C
Thermal Characteristics T =25C unless otherwise noted
a
Symbol
RJA
Parameter
Thermal Resistance, Junction to Ambient
Note1) Note2)
Max.
80 154
Units
C/W C/W
Note1): The device mounted on a 1inch2 pad of 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. Note2): The device mounted on a minimum pad of 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material
(c)2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FJMA790 Rev. A
FJMA790 PNP Epitaxial Silicon Transistor
Electrical Characteristics
Symbol
BVCBO BVCEO BVEBO ICBO IEBO hFE
Ta = 25C unless otherwise noted
Parameter
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain
Conditions
IC = -100A, IE = 0 IC = -10mA, IB = 0 IC = -100A, IC = 0 VCB = -35V, IC = 0 VEB = -4V, IC = 0 VCE = -1.5V, IC = -1A VCE = -1.5V, IC = -1.5A VCE = -3V, IC = -2A VCE = -2V, IC = -500mA IC = -500mA, IB = -5mA IC = -1A, IB = -10mA IC = -2A, IB = -50mA IC = -1A, IB = -10mA VCE = -2V, IC = -1A
Min.
-50 -35 -5
Typ.
Max.
Units
V V V A A
-0.1 -0.1 100 100 100 100 400
VCE(sat)
Collector-Emitter Saturation Voltage
-250 -350 -450 -0.9 -0.9
mV mV mV V V
VBE(sat) VBE(on)
Base-Emitter Saturation Voltage Base-Emitter On Voltage
Package Marking and Ordering Information
Device Marking
790
Device
FJMA790
Package
MLP 2x2 Single
Reel Size
7"
Tape Width
8mm
Quantity
3,000 units
2 FJMA790 Rev. A1
www.fairchildsemi.com
FJMA790 PNP Epitaxial Silicon Transistor
Typical Characteristics
600
Vce=-1.5V
500
Vce=-2.0V 125 C
o
500
125 C hfe, DC Current Gain
hfe, DC Current Gain
400
o
400
75 C
300
o
75 C
300
o
25 C
200
o
25 C
200
o
-40 C
100 1E-3 0.01
o
-40 C
100
o
0.1
1
1E-3
0.01
0.1
1
Collector Current, [A]
Collector Current, [A]
Figure 1. DC Current Gain, Vce=1.5V
0.5
Figure 2. DC Current Gain, Vce=2V
500
Vce=-3.0V 125 C
o
Ic=40Ib Vce(sat), Saturation Current,[V]
0.4
hfe, DC Current Gain
400
75 C
300
o
0.3
o
25 C -40 C
o
25 C
200
o
0.2
-40 C
100
o
0.1
75 C 125 C
o
o
1E-3
0.01
0.1
1
0.0 0.01
0.1
1
Collector Current, [A]
Collector Current, [A]
Figure 3. DC Current Gain,Vce=3V
1.0
Figure 4. Collector-Emitter Satuation Voltage(1)
1.0
Ic=100Ib Vce(sat), Saturation Current,[V]
0.8
Ic=100Ib Vbe(sat), Saturation Current,[V]
0.8
125 C 75 C
0.6
o
o
0.6
25 C
0.4
o
-40 C
o
o
125 C
0.2
o
25 C -40 C
0.4
o
o
75 C
0.0 0.01
0.1
1
0.01
0.1
1
Collector Current, [A]
Collector Current, [A]
Figure 5. Collector-Emitter Satuation Voltage(2)
Figure 6. Base-Emitter Saturation Voltage
3 FJMA790 Rev. A
www.fairchildsemi.com
FJMA790 PNP Epitaxial Silicon Transistor
Typical Performance Characteristics
Vce=-2V
1
(Continued)
1E-7
Vcb=-35V Icbo(A), Reverse Leakage Current
1E-8
Emitter Current, [A]
125 C
0.1
o
75 C
o
25 C
o
-40 C
o
1E-9
1E-10
0.01 0.4 0.6 0.8 1.0
1E-11 25
50
o
75
100
125
Vfbe(on), Turn on voltage,[V]
Ta( C), Ambent Temperature
Figure 7. Base- Emitter Turn On Voltage
1E-7
Figure 8. Collector-Base Leakage Current
2.0
Veb=-4V Icbo(A), Reverse Leakage Current
Pd, Power Dissipation,[W]
1E-8
1.5
1E-9
1.0
1E-10
0.5
1E-11 25
0.0
50
o
75
100
125
0
25
50
75
100
o
125
150
175
Ta( C), Ambent Temperature
Case Temperature, Ta[ C]
Figure 9. Base-Emitter Leakage Current
Figure 10. Power Derating
300
100
Input Juntion Capacitance, Cib[pF]
275 250 225 200 175 150 125 100 0 1 2 3
f=1mhz
Output Juntion Capacitance, Cob[pF]
90 80 70 60 50 40 30 20 10 0 10 20 30
f=1mhz
4
5
40
50
Reverse Voltage, VR[V]
Reverse Voltage, VR[V]
Figure 11. Input Capacitance
Figure 12. Output Capacitance
4 FJMA790 Rev. A
www.fairchildsemi.com
FJMA790 PNP Epitaxial Silicon Transistor
Typical Performance Characteristics
Figure 12. Transient Thermal Response
1
r(t), NORMALIZED EFFECTIVE TRANSIENT
D = 0.5
(Continued)
R J A ( t) = r ( t) * R J A R J A = 1 5 4 C/W
THERMAL RESISTANCE
0.2 0.1
0 .1
0.05
P( p ) t1 t2 T J - T C = P * R J A ( t) Du ty Cy c le , D = t 1 / t 2
S IN G LE P U LS E
0.02 0.01
0 .0 1 0 .0 0 0 1
0 .0 0 1
0 .0 1
0 .1 t 1 , T IM E ( s e c )
1
10
100
1000
5 FJMA790 Rev. A1
www.fairchildsemi.com
FJMA790 PNP Epitaxial Silicon Transistor
Mechanical Dimensions
MicroFET2X2
Dimensions in Milimeters
6 FJMA790 Rev. A1
www.fairchildsemi.com
FJMA790 PNP Epitaxial Silicon Transistor
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST(R) ActiveArrayTM FASTrTM BottomlessTM FPSTM Build it NowTM FRFETTM CoolFETTM GlobalOptoisolatorTM CROSSVOLTTM GTOTM DOMETM HiSeCTM EcoSPARKTM I2CTM E2CMOSTM i-LoTM ImpliedDisconnectTM EnSignaTM IntelliMAXTM FACTTM FACT Quiet SeriesTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM
PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM
SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM WireTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I19
7 FJMA790 Rev. A
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FJMA790

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X