Part Number Hot Search : 
MC10153L ISL9011 PM7542GP PB400612 S1D13A05 47M50 38C45BN AP4435M
Product Description
Full Text Search
 

To Download EM4170A5CB2RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EM MICROELECTRONIC - MARIN SA
EM4170
125kHz CRYPTO READ/WRITE Contactless Identification Device
Description The EM4170 is a CMOS integrated circuit intended for use in electronic Read/Write RF Transponders. The chip contains an implementation of a crypto-algorithm with 96 Bits of user configurable secret-key contained in EEPROM. It also provides a unique Device Identification of 32 bits that can never be modified as well as 94 bits of freely programmable USER-MEMORY. Bits 15 and 14 of word 1 are used as Lock-Bits. The memory can only be accessed for writing or erasing if these two bits have the contents "x0" as when they are delivered. The memory can be unlocked by using the PIN-code command. In that case, the lock-bits are reset from the value "x1" to the value "x0". The EM4170 transmits data to the transceiver by modulating the amplitude of the electromagnetic field, and receives data and commands in a similar way. The coil of the tuned circuit is the only external component required, all remaining functions are integrated in the chip. Features * * * * * * * * * * * * * * * On Chip Crypto-Algorithm Two Way Authentication 96 bits of Secret-Key in EEPROM (unreadable) 32 bits of fix Device Identification 32 bits of PIN code (unreadable) 94 bits of USER_MEMORY (UM) with read access (OTP) Secret-Key programmable via CID-Interface Lock-Bits to inhibit programming Data Transmission performed by Amplitude Modulation Bit Period = 32 periods of carrier frequency 200pF on chip Resonant Capacitor (untrimmed) -40 to +85C Temperature range 100 kHz to 150 kHz Field Frequency On chip Rectifier and Voltage Limiter No external supply buffer capacitance needed due to low power consumption
Typical Applications * * Anti-counterfeiting High security hands-free access control
Typical Operating Configuration
COIL1
L
COIL2
EM4170
Typical value for inductance L is 8mH at fO = 125 KHz
Fig. 1
Copyright 2002, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
EM4170
System Principle
Tranceiver
Data to be sent to transponder
Modulator
Transponder Coil1
Oscillator
Antenna Driver
EM4170 Coil2
Filter and Gain
Demodulator
Data decoder
Data received from transponder
RECEIVE MODE Signal on Transceiver coil Signal on Transceiver coil
READ MODE
Signal on Transponder coil RF Carrier
Signal on Transponder coil
Data
RF Carrier
Data
Fig. 2
Block Diagram
Modulator
Encoder
Serial Data
VPOS_REG Coil1 Cr Coil2 GND RESET PWR
VDD
AC/DC converter
Cs
Power Control
Clock Extractor Data Extractor
Sequencer
Control Logic EEPROM CryptoAlgorithm
Command Decoder
Fig. 3
Copyright 2002, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
EM4170
Absolute Maximun Ratings Parameter Symbol Supply Voltage VPOS-REG (Unregulated) Min. -0.3 Max. 9.5 Units V Operating Conditions Parameter Symbol Min. Operating TOP -40 Temperature Typ. +25 Max. Units +85 C
Supply Voltage (regulated) Voltage at remaining pins Excepted COIL1, COIL2 Storage temperature Electrostatic discharge (Mil-STD-883 C method 3015) Maximum Current induced on COIL1 and COIL2
VDD VPIN Tstore VESD
-0.3
5.5
V V C V
Maximum coil current Frequency on Coil inputs
ICOIL FCOIL
-10 100 125
+10 150
mA kHz
VSS - 0.3 VDD + 0.3 -55 1000 + 125
ICOIL
-30
+ 30
mA
Handling Procedure Stresses above these listed maximum ratings may cause permanent damage to the device. Exposure beyond specified electrical characteristics may affect device reliability Electrical parameters and functionality are not guaranteed when the circuit is exposed to light.
This device has built-in protection against high static voltages or electric fields; however, anti-static precautions should be taken as for any other CMOS component. Unless otherwise specified, proper operation can only occur when all terminal voltages are kept within the supply voltage range.
Electrical Characteristics VDD = VPOS_REG = 2.5V, VSS = 0V, fcoil = 125 kHz Sine wave, Vcoil = 1Vpp, Top = 25C unless otherwise specified. Parameter Supply Voltage(unregulated) Supply Voltage (regulated) EEPROM read voltage Symbol VPOS-REG VDD VRD Conditions VPOS_REG = max (note 1) Read Mode (note 2) Min. Typ. Max. 1) 4.2 Units V V V
2.8 2.0 2.5
3.5
EEPROM write voltage Supply current / read Supply current /write @25C Supply current / write Modulator voltage drop
VEE Ird Iwr25 Iwr VON Read Mode VDD =2.0V Write Mode, VDD =2.5V Write Mode, VDD =2.6V -40CV 5.0 30 38 70 A A A V V pF ppm/K % V V Vpp 50 mVpp cycles years
0.30
0.45
0.60 2.50
Resonnance Capacitor Capacitor temp. coeff Capacitor tolerance/wafer POR level high POR level low Clock extractor input min Clock extractor input max EEPROM data endurance EEPROM retention
Cr TKCr TOLCr Vprh Vprl Vclkmin Vclkmax Ncy Tret
170 -75 -2
200
230 +75 +2 2.4 2.2
2.0 1.8 0.6 100000 10 0.36
Top = 55C after 100'000 cycles (note 3) Note 1 : Maximum voltage is defined by forcing 10mA on Coil1-Coil2 Note 2 : The circuit is not functional below the POR-level Note 3 : Based on 1000 hours at 150C
Copyright 2002, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
EM4170
Timing Characteristics Parameter Power on Reset Time Symbol tpor Conditions Min. Typ. Max. 600 Unit s
Read Bit Period LIW/ACK/NACK pattern Duration Duration of ID Divergency-Time Authentication-Time WRITE Access Time EEPROM write time WRITE Access Time of the Lock Bits
trdb tpatt trID Tdiv tauth twa twee twalb
32 160 1536 224 4224 128 3072 672
periods periods periods periods periods periods periods periods
VDD=3V
RF periods represent periods of the carrier frequency emitted by the transceiver unit. For example, if 125kHz is used, the Read bit period would be: 1/125'000*32 = 256s.
Functional Description The EM4170 is supplied by means of an electromagnetic field induced on the attached coil. The AC voltage is rectified in order to provide a DC internal supply voltage. When the DC voltage crosses the Power-On level, the chip will enter the Standby Mode and expect commands. In Standby Mode a continuous sequence of Listen Windows (LIW) is generated. During this time, the crypto-Chip will turn to the Receive Mode (RM) if it receives a valid RM pattern. The chip then expects a command to enter the desired mode of operation.
Memory Organisation The 256 bits EEPROM are organised in 16 words of 16 bits. Words 0 and 1 contain the USER_MEMORY_1 and the Lock-Bits LB1 and LB0. Words 12, 13, 14 and 15 contain the USER_MEMORY_2. Write-Mode can only be entered if LB0 = "0" (LB1= "X"). Words 2 and 3 contain the ID that can never be modified. Words 4 through 9 contain the 96 bits of secret key. These bits influence the crypto-algorithm but cannot be read directly. Words 11 and 12 contain the 32 bits of PINCode. These two words can be written when the lock bits are in unlocked state. They cannot be read out as for the secret key.
Copyright 2002, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
EM4170
Memory Map
Bit15 word 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 UM2 63 Bit 31 UM2 47 UM2 31 UM2 15 PIN 31 UM2 48
Bit0
Bit UM2 32 0 UM2 16 UM2 0
PIN 16 PIN 0
PIN 15 Crypt Key 95 Crypt Key 79 Crypt Key 63 Crypt Key 47 Crypt Key 31 Crypt Key 15 ID 31 ID 15 LB1,LB0,UM1 29 UM1 15
Crypt Key 80 Crypt Key 64 Crypt Key 48 Crypt Key 32 Crypt Key 16 Crypt Key 0 ID 16 ID 0 UM1 16 UM1 0
Fig. 4
Standby Mode After a Power-On Reset and upon completion of a command, the chip will execute the Standby Mode, in which it will continuously send LIWs to allow the reader to issue commands. As every LIW has a duration of 160 periods of the RF field the reader can turn to Receive mode every 1.3ms at 125kHz.
Receive Mode To change from Standby Mode to another operation the chip has to be brought into Receive Mode. To do this the Transceiver sends to the chip the RM pattern during the 32 clocks of modulated phase in a Listen Window (LIW). The EM4170 will stop sending data upon reception of a valid RM. The RM pattern consists of 2 bits "0" sent by the transceiver. The first "0" is to be detected during the 32 periods when the modulation is "ON" in the LIW. Next the EM4170 expects a command to specify the operation to be executed.
Copyright 2002, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
EM4170
Commands The commands are composed of 4 bits, divided into 3 data bits and 1 even parity bit (total amount of "1's" is even including the parity bit). There exist 6 different commands. Upon reception of an unknown command or a command with wrong parity the chip will immediately return into Standby Mode.
Commands
FUNCTION ID-MODE UM-MODE-1 AUTHENTICATION WRITE WORD SEND PIN UM-MODE-2
COMMAND BITS 001 1 010 1 011 0 101 0 100 1 111 1
First bit Recieved
Parity bit
Fig. 5
ID Mode After reception of the command including the parity the chip sends a header consisting of 12 Manchester coded '1's followed by 4 Manchester coded '0's. Then the chip sends the 32 Bits of ID contained in words 3 and 2 of the EEPROM once without parity starting with the MSB of word 3. After completion the chip returns to Standby-Mode.
trID
Header OUTPUT LIW RM Command 1111111111110000 D31-D0 LIW
INPUT
1 bit - 32 T0 periods
Data Coded Data T0 = Period of RF carrier frequency
Fig. 6
UM-MODE-1 In UM-MODE-1 the chip sends LB1 and LB0 followed by the 30 Bits of UM1 starting with the MSB following the same procedure as in ID-MODE. After completion the chip returns to Standby Mode
Copyright 2002, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
EM4170
Authentication In this mode the chip first receives the 56 bits of random number followed by a certain number of divergency bits that the reader should send as "0" followed by 28 Bits of cipher_1 (f(RN)) as authentication of the lock. The chip decides if the authentication is accepted. In this case the EM4170 sends a header (12 Manchester coded '1's followed by 4 Manchester coded '0's). Next 20 Bits of cipher_2 (g(RN)) are sent. Else it sends a single NAK. Upon completion of this command the EM4170 returns to Standby Mode.
Begin Receive RN (56 Bits) Divergency Receive f(RN) (28 Bits) Send header Send g(RN) (20 Bits) End
Fig. 7
f(RN) valid? Y
N
Send NAK
Tauth Tdiv
OUTPUT
LIW
Header
g(RN)
LIW
INPUT
RM
Command
RN
"0000000"
f(RN)
Fig. 8
Write Word The Write Word command is followed by the address and data. The address consists of a 5 bit block containing 4 data bits and 1 even parity. The data consists of 4 times 5 bit blocks, each block consisting of 4 data bits and 1 associated even parity bit. One additional block consists of 4 column parity bits and a trailing zero (refer to fig 10).
Address A3 A2 A1 A0 Padd First bit received Data D15 D14 D13 D12 P3 D11 D10 D09 D07 P2 D07 D06 D05 D04 P1 D03 D02 D01 D00 P0 PC3 PC2 CP1 PC0 "0" Fig. 9
Copyright 2002, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
EM4170
Word Organisation
First bit input Data Row Even Parity
D15 D11 D07 D03 PC3
D14 D10 D06 D02
D13 D09 D05 D01
D12 D08 D04 D00 PC0
P3 P2 P1 P0 0
PC2 PC1
Column Even Parity
Last bit input logic "0"
Fig. 10
After reception of the write command, the address and the data, the EM4170 will check the parity and the Lock-Bits. If all the conditions are fulfilled, an Acknowledge pattern (ACK) will be issued, and the EEPROM writing process will start. At the end of programming the chip will send an Acknowledge pattern (ACK). If at least one of the checks fails, the chip will issue a No Acknowledge pattern (NAK) instead of ACK and return to the Standby Mode. The EM4170 might also return to the Standby Mode without sending back a NAK if the incoming data is corrupted and/or inconsistent. As there is no check of the power supply before writing, the system has to assure that there is enough power received by the tag (VDD2.6V), when performing the write command.
Write word
Twa
twee
OUTPUT
LIW
ACK
ACK
LIW
INPUT
RM
WRITE WORD
ADDRESS
DATA
Fig. 11
Write Word
Begin Receive Command
valid ? Y Send ACK
N
Receive Address
Receive Data
Write Data
Send ACK
Send NAK
End
Fig. 12
Copyright 2002, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
EM4170
SEND PIN In this mode after reception of the command, the chip receives the 32 bits of the ID and the 32 bits of the PIN. If the received data are valid, the chip will answer an ACK and write the lock bit LB0 to 0; then it will send back the header (12 1 and 4 0 ) followed by the ID. Then the chip returns to Stand-by Mode. If the ID or the PIN are not valid, the chip sends back a NACK and return to Stand-by Mode. The EM4170 might also return to Stand-by Mode without sending back a NAK if the incoming data is corrupted and / or inconsistent. As there is no check of the power supply before writing, the system has to assure that there is enough power received by the tag (VDD2.6V), when performing the send pin command. After a successful SEND PIN command, it is recommended to check the content of the word 1 with the UM1 command.
Begin Receive Command
valid ? Y Send ACK
N
Receive ID
Receive PIN
Write LB0=0 Send header
Send ID
Send NAK
End End
Twee Twalb
OUTPUT
LIW
ACK
header
ID
LIW
INPUT
RM
command
ID
PIN
Fig. 13
UM-MODE-2 In UM-Mode-2 the chip sends the 64 bits of UM2. It starts with MSB of Word 15 and finishes with LSB of Words 12. The chip is using the same procedure than in ID-Mode, by sending the header before the data bits. After completion the chip returns to Stand-by Mode.
Copyright 2002, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
EM4170
Power On Reset When the EM4170 with its attached coil will enter an electromagnetic field, the built in AC/DC converter will supply the chip. The DC voltage is monitored and a Reset signal is generated to initialise the logic. The power On Reset is also provided in order to make sure that the chip will start issuing LIWs and be ready to accept commands with a sufficient DC power level. An hysteresis is provided to avoid improper operation at limit level. AC/DC Converter and Voltage Limiter The AC/DC converter is fully integrated on chip and will extract the power from the incident RF field. The internal DC voltage will be clamped to avoid high internal DC voltage in strong RF fields.
DC Output
V
AC Input
Fig. 14
Clock Extractor The Clock extractor will generate a system clock with a frequency corresponding to the frequency of the RF field. The system clock is fed into a sequencer to generate all internal timings. The clock extractor is optimised for power-consumption, sensitivity and noise-suppression. As the input signal is subject to a large dynamic range due to the amplitude modulation, the clock-extractor may miss clocks or add spurious clocks close to the edges of the RF-envelope. This de-synchronisation will not be larger than 1 clocks per Bit and must be taken into account when developing reader software. Data Extractor The transceiver-generated field will be amplitude modulated to transmit data to the EM4170. The Data extractor demodulates the incoming signal to generate logic levels, and decodes the incoming data. Modulator The Data Modulator is driven by the serial data outputted from the memory or the Crypto-Logic which is Manchester encoded. The modulator will draw a large current from both coil terminals, thus amplitude modulating the RF field according to the memory data. Communication from Transponder to the Transceiver (READ MODE) The EM4170 modulates the amplitude of the RF field to transmit data to the transceiver. The data is output serially from the EEPROM and Manchester encoded.
1 bit 32 periods of RF field
1 bit 16 periods
1 bit
1 bit
Data from EEPROM
Coded Data Measured on the COIL
Fig. 15
The EM4170 uses different patterns to send status information to the transceiver. Their structure cannot be confused with a bit pattern sequence. These patterns are the Listen Window (LIW) to inform the transceiver that data can be accepted,
Copyright 2002, EM Microelectronic-Marin SA 10 www.emmicroelectronic.com
EM4170
the Acknowledge (ACK) indicating proper communication and end of EEPROM write, and the No Acknowledge (NAK) when something is wrong.
LIW
16 16 64 32 32 16 16
ACK
48 16 48 16 16 16
NAK
48 16 32 16 16
All numbers represent number of periods of RF field
Fig. 16 a
Fig. 16 b
Fig. 16 c
Communication from the Transceiver to the Transponder (RECEIVE MODE) The EM4170 can be switched to the Receive Mode ONLY DURING A LISTEN WINDOW. The Transceiver is synchronised with the incoming data from the transponder. During the phase when the chip has its modulator "ON" (32 periods of RF), the transceiver has to send a bit "0". At reception of the first "0", the chip stops immediately the LIW sequence and expects then another bit "0" to switch to receive mode. The transceiver and the chip are now synchronised and further data is sent with a bit rate of 32 periods of the RF field. The EM4170 turns "ON" its modulator at the beginning of each frame of 32 clock periods corresponding to one bit. To send a logic "1" bit, the transceiver continues to send clocks without modulation. After 16 clocks, the modulation device of the EM4170 is turned "OFF" allowing recharge of the internal supply capacitor. To send a logic "0" bit, the transceiver stops sending clocks (100% modulation) during the first half of a bit period (first 16 periods). The transceiver must not turn "OFF" the field earlier than clock 1 of a bit period. It is recommended to turn "OFF" the field after 4 clocks of the bit period. The field is stopped from clock 5 to 16 of the bit period, and then turned "ON" again for the remaining 16 periods. To ensure synchronisation between the transceiver and the transponder, a logic bit set to "0" has to be transmitted at regular intervals. The RM pattern consists of two bits set to "0" thus allowing initial synchronisation. While the transceiver is sending data to the transponder, two different modulations will be observed on both coils. During the first 16 clocks of a bit period, the EM4170 is switching "ON" its modulation device causing a modulation of the RF field. This modulation can also be observed on the transceiver's coil. The transceiver to send a bit "0" will switch "OFF" the field, and this 100% modulation will be observed on the transponder coil.
Copyright 2002, EM Microelectronic-Marin SA
11
www.emmicroelectronic.com
EM4170
Communication from the Transceiver to the Transponder
Bit Period DATA : "1" "0" "0" "1" "0" "1"
Transceiver Coil
Transponder Coil
Periods of RF field :
16
16
16
16
*
Modulation induced by the Transceiver
*
Recommended : 4 periods Minimum : 1 period
Modulation induced by the Transponder
Fig. 17
Pad Assignment Pin Name 1 COIL1 2 VPOS 3 VDD 4 TEST_OUT 5 TEST 6 TEST_CLK 7 VSS 8 COIL2
Pad Location Description Coil connection Unregulated positive supply Positive supply Test pad output Test pad with pull down Test pad with pull down Negative supply coil connection
Fig. 18
Copyright 2002, EM Microelectronic-Marin SA
12
www.emmicroelectronic.com
EM4170
Packages
CID Package
FRONT VIEW
PCB Package
Y Z
J
K SYMBOL A B D e F g J K R MIN 8.2 3.8 5.8 0.38 1.25 0.3 0.42 0.115 0.4 TYP 8.5 4.0 6.0 0.5 1.3 0.4 0.44 0.127 0.5 MAX 8.8 4.2 6.2 0.62 1.35 0.5 0.46 0.139 0.6
TOP VIEW B
X
D
MARKING AREA
A R e C2 F g C1 F
Dimensions are in mm
C2
C1
MAX
SYMBOL MIN TYP X 8.0 Y 4.0 Z Dimensions are in mm
1.0
Fig. 19
Fig. 20
Ordering Information
Bit Coding Part Number EM4170A5WW11 EM4170A5WW11E EM4170A5WS7 EM4170A5WT11E EM4170A5CI2LB EM4170A5CB2RC Manchester Manchester Manchester Manchester Manchester Manchester Cycle Bit 32 32 32 32 32 32 Package / Die Form unsawn wafer, 11mils thickness unsawn wafer, 11mils thickness sawn wafer on frame, 7mils thickness die on sticky tape, 11mils thickness CID package, 2 pins (length 2.5mm) PCB package Delivery Form / Bumping No bump Gold bumps No bump Gold bumps Tape Bulk
For other packages, please contact EM Sales
Product Support Check our Web Site under Products/RF Identification section. Questions can be sent to cid@emmicroelectronic.com
A special development kit exists with embedded co-crypt processor. command.
This tool is mandatory to use authentication
EM Microelectronic-Marin SA cannot assume responsibility for use of any circuitry described other than circuitry entirely embodied in an EM Microelectronic-Marin SA product. EM Microelectronic-Marin SA reserves the right to change the circuitry and specifications without notice at any time. You are strongly urged to ensure that the information given has not been superseded by a more up-to-date version.
(c) EM Microelectronic-Marin SA, 03/02 Rev. B/424
Copyright 2002, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com


▲Up To Search▲   

 
Price & Availability of EM4170A5CB2RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X